Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CDP1854A Datasheet (PDF) - Intersil Corporation

CDP1854A Datasheet PDF - Intersil Corporation
Part # CDP1854A
Download  CDP1854A Download
File Size   95.46 Kbytes
Page   21 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description Programmable Universal Asynchronous Receiver/Transmitter (UART)

CDP1854A Datasheet (PDF)

Go To PDF Page Download Datasheet
CDP1854A Datasheet PDF - Intersil Corporation

Part # CDP1854A
Download  CDP1854A Click to download

File Size   95.46 Kbytes
Page   21 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description Programmable Universal Asynchronous Receiver/Transmitter (UART)

CDP1854A Datasheet (HTML) - Intersil Corporation


CDP1854A Product details

Description
The CDP1854A and CDP1854AC are silicon-gate CMOS Universal Asynchronous Receiver/Transmitter (UART) circuits. They are designed to provide the necessary formatting and control for interfacing between serial and parallel data. For example, these UARTs can be used to interface between a peripheral or terminal with serial I/O ports and the 8-bit CDP1800-series microprocessor parallel data bus system. The CDP1854A is capable of full duplex operation, i.e., simultaneous conversion of serial input data to parallel output data and parallel input data to serial output data.

Features
• Two Operating Modes
    - Mode 0 - Functionally Compatible with Industry Types Such as the TR1602A and CDP6402
    - Mode 1 - Interfaces Directly with CDP1800-Series Microprocessors without Additional Components
• Full or Half Duplex Operation
• Parity, Framing and Overrun Error Detection
• Baud Rate
    - DC to 200K Bits/s at VDD . . . . . . . . . . . . . . . . . . . . 5V
    - DC to 400K Bits/s at VDD . . . . . . . . . . . . . . . . . . . . 10V
• Fully Programmable with Externally Selectable Word Length (5-8 Bits), Parity Inhibit, Even/Odd Parity, and 1, 1-1/2, or 2 Stop Bits
• False Start Bit Detection




Similar Part No. - CDP1854A

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
CDP1854A INTERSIL-CDP1854A Datasheet
126Kb / 12P
High Reliability CMOS Programmable Universal Asynchronous Receiver/Transmitter (UART)
March 1997
CDP1854A3 INTERSIL-CDP1854A3 Datasheet
126Kb / 12P
High Reliability CMOS Programmable Universal Asynchronous Receiver/Transmitter (UART)
March 1997
CDP1854AC INTERSIL-CDP1854AC Datasheet
126Kb / 12P
High Reliability CMOS Programmable Universal Asynchronous Receiver/Transmitter (UART)
March 1997
CDP1854AC3 INTERSIL-CDP1854AC3 Datasheet
126Kb / 12P
High Reliability CMOS Programmable Universal Asynchronous Receiver/Transmitter (UART)
March 1997
CDP1854ACD3 INTERSIL-CDP1854ACD3 Datasheet
126Kb / 12P
High Reliability CMOS Programmable Universal Asynchronous Receiver/Transmitter (UART)
March 1997
More results


Similar Description - CDP1854A

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SCC2691 PHILIPS-SCC2691 Datasheet
168Kb / 24P
Universal asynchronous receiver/transmitter UART
1998 Sep 04
logo
Intersil Corporation
HD-6402 INTERSIL-HD-6402 Datasheet
154Kb / 7P
CMOS Universal Asynchronous Receiver Transmitter (UART)
March 1997
logo
Exar Corporation
ST16C450 EXAR-ST16C450 Datasheet
182Kb / 28P
UNIVERSAL ASYNCHRONOUS RECEIVER/TRANSMITTER (UART)
ST16C454 EXAR-ST16C454 Datasheet
378Kb / 30P
QUAD UNIVERSAL ASYNCHRONOUS RECEIVER/TRANSMITTER (UART)
logo
Harris Corporation
HD6402 HARRIS-HD6402 Datasheet
100Kb / 6P
CMOS Universal Asynchronous Receiver Transmitter (UART)
logo
List of Unclassifed Man...
COM8017 ETC-COM8017 Datasheet
553Kb / 8P
UNIVERSAL ASYNCHRONOUS RECEIVER/TRANSMITTER UART
logo
Intersil Corporation
HD-6402883 INTERSIL-HD-6402883 Datasheet
149Kb / 6P
CMOS Universal Asynchronous Receiver Transmitter (UART)
March 1997
CDP1854A INTERSIL-CDP1854A_1 Datasheet
126Kb / 12P
High Reliability CMOS Programmable Universal Asynchronous Receiver/Transmitter (UART)
March 1997
logo
A1 PROs co., Ltd.
EI16C450 A1PROS-EI16C450 Datasheet
1Mb / 1P
Universal Asynchronous Receiver Transmitter(UART)
06/15/99
logo
Intersil Corporation
IM7332 INTERSIL-IM7332 Datasheet
1Mb / 36P
Universal Asynchronous Receiver Transmitter(UART)
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com