Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CDP1855 Datasheet (PDF) - Intersil Corporation

CDP1855 Datasheet PDF - Intersil Corporation
Part # CDP1855
Download  CDP1855 Download
File Size   85.62 Kbytes
Page   15 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description 8-Bit Programmable Multiply/Divide Unit

CDP1855 Datasheet (PDF)

Go To PDF Page Download Datasheet
CDP1855 Datasheet PDF - Intersil Corporation

Part # CDP1855
Download  CDP1855 Click to download

File Size   85.62 Kbytes
Page   15 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description 8-Bit Programmable Multiply/Divide Unit

CDP1855 Datasheet (HTML) - Intersil Corporation


CDP1855 Product details

Description

The CDP1855 and CDP1855C are CMOS 8-bit multiply/divide units which can be used to greatly increase the capabilities of 8-bit microprocessors. They perform multiply and divide operations on unsigned, binary operators. In general, microprocessors do not contain multiply or divide nstructions and even efficiently coded multiply or divide subroutines require considerable memory and execution time. These multiply/divide units directly interface to the CDP1800-series microprocessors via the N-lines and can easily be configured to fit in either the memory or I/O space of other 8-bit microprocessors.



Features

• Cascadable Up to 4 Units for 32-Bit by 32-Bit Multiply or 64 ÷ 32-Bit Divide

• 8-Bit by 8-Bit Multiply or 16 ÷ 8-Bit Divide in 5.6µs at 5V or 2.8µs at 10V

• Direct Interface to CDP1800-Series Microprocessors

• Easy Interface to Other 8-Bit Microprocessors

• Significantly Increases Throughput of Microprocessor Used for Arithmetic Calculations




Similar Part No. - CDP1855

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
CDP1855 INTERSIL-CDP1855 Datasheet
191Kb / 16P
8-Bit Programmable Multiply/Divide Unit
March 1997
CDP1855C INTERSIL-CDP1855C Datasheet
191Kb / 16P
8-Bit Programmable Multiply/Divide Unit
March 1997
CDP1855CD INTERSIL-CDP1855CD Datasheet
191Kb / 16P
8-Bit Programmable Multiply/Divide Unit
March 1997
CDP1855CDX INTERSIL-CDP1855CDX Datasheet
191Kb / 16P
8-Bit Programmable Multiply/Divide Unit
March 1997
CDP1855CE INTERSIL-CDP1855CE Datasheet
191Kb / 16P
8-Bit Programmable Multiply/Divide Unit
March 1997
More results


Similar Description - CDP1855

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC68HC05C9 MOTOROLA-MC68HC05C9 Datasheet
674Kb / 21P
8-Bit Microcontroller Unit
logo
National Semiconductor ...
COP888FH NSC-COP888FH Datasheet
507Kb / 49P
8-Bit CMOS ROM Based Microcontrollers with 12k Memory, Comparators, USART and Hardware Multiply/Divide
logo
Hitachi Semiconductor
HD14522B HITACHI-HD14522B Datasheet
104Kb / 7P
Programmable Divide-by-N 4-bit Counter
logo
Intersil Corporation
CDP1855 INTERSIL-CDP1855_1 Datasheet
191Kb / 16P
8-Bit Programmable Multiply/Divide Unit
March 1997
logo
Cypress Semiconductor
CY8C36_1105 CYPRESS-CY8C36_1105 Datasheet
4Mb / 126P
Programmable System-on-Chip (PSoC) Multiply and divide instructions
CY8C38_1105 CYPRESS-CY8C38_1105 Datasheet
4Mb / 130P
Programmable System-on-Chip (PSoC) Multiply and divide instructions
logo
Zilog, Inc.
Z86C9320PSC ZILOG-Z86C9320PSC Datasheet
1Mb / 47P
MULTIPLY/DIVIDE MICROCONTROLLER
logo
Frequency Devices, Inc.
858 FREQUENCYDEVICES-858 Datasheet
524Kb / 19P
8-Bit Programmable
logo
NXP Semiconductors
MC68HC05T1 NXP-MC68HC05T1 Datasheet
3Mb / 40P
8-Bit Microcomputer Unit
MC146805E2 NXP-MC146805E2 Datasheet
10Mb / 36P
8-BIT MICROPROCESSOR UNIT
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com