Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CDP6872H Datasheet (PDF) - Intersil Corporation

CDP6872H Datasheet PDF - Intersil Corporation
Part # CDP6872H
Download  CDP6872H Download
File Size   101.17 Kbytes
Page   15 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description Low Power Crystal Oscillator

CDP6872H Datasheet (PDF)

Go To PDF Page Download Datasheet
CDP6872H Datasheet PDF - Intersil Corporation

Part # CDP6872H
Download  CDP6872H Click to download

File Size   101.17 Kbytes
Page   15 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description Low Power Crystal Oscillator

CDP6872H Datasheet (HTML) - Intersil Corporation


CDP6872H Product details

Description
The CDP6872 is a very low power crystal-controlled oscillators that can be externally programmed to operate between 10kHz and 10MHz. For normal operation it requires only the addition of a crystal. The part exhibits very high stability over a wide operating voltage and temperature range.
The CDP6872 also features a disable mode that switches the output to a high impedance state. This feature is useful for minimizing power dissipation during standby and when multiple oscillator circuits are employed.

Features
• Single Supply Operation at 32kHz . . . . . . . 2.0V to 7.0V
• Operating Frequency Range. . . . . . . . 10kHz to 10MHz
• Supply Current at 32kHz . . . . . . . . . . . . . . . . . . . . . .5µA
• Supply Current at 1MHz . . . . . . . . . . . . . . . . . . . .130µA
• Drives 2 CMOS Loads
• Only Requires an External Crystal for Operation

Applications
• Battery Powered Circuits
• Remote Metering
• Embedded Microprocessors
• Palm Top/Notebook PC




Similar Part No. - CDP6872H

ManufacturerPart #DatasheetDescription
logo
InnovASIC, Inc
CDP6805E2CE INNOVASIC-CDP6805E2CE Datasheet
286Kb / 31P
Microprocessor Unit
CDP6805E2CE INNOVASIC-CDP6805E2CE Datasheet
344Kb / 33P
Microprocessor Unit
CDP6805E2CQ INNOVASIC-CDP6805E2CQ Datasheet
286Kb / 31P
Microprocessor Unit
CDP6805E2CQ INNOVASIC-CDP6805E2CQ Datasheet
344Kb / 33P
Microprocessor Unit
CDP6805E2E INNOVASIC-CDP6805E2E Datasheet
286Kb / 31P
Microprocessor Unit
More results


Similar Description - CDP6872H

ManufacturerPart #DatasheetDescription
logo
STATEK CORPORATION
LXOM STATEK-LXOM Datasheet
58Kb / 2P
Low Power Crystal Oscillator
DQXO-3 STATEK-DQXO-3 Datasheet
57Kb / 2P
Low Power Crystal Oscillator
LQXO-4 STATEK-LQXO-4 Datasheet
58Kb / 2P
Low Power Crystal Oscillator
LXO-AT STATEK-LXO-AT Datasheet
58Kb / 2P
Low Power Crystal Oscillator
LXOM-AT STATEK-LXOM-AT Datasheet
57Kb / 2P
Low Power Crystal Oscillator
LXO STATEK-LXO Datasheet
73Kb / 2P
Low Power Crystal Oscillator
LXO1 STATEK-LXO1_08 Datasheet
106Kb / 2P
Low Power Crystal Oscillator
LXOM STATEK-LXOM_10 Datasheet
117Kb / 2P
Low Power Crystal Oscillator
LXOAT STATEK-LXOAT Datasheet
116Kb / 2P
Low Power Crystal Oscillator
logo
EUROQUARTZ limited
LXOAT EUROQUARTZ-LXOAT Datasheet
122Kb / 1P
Low Power Crystal Oscillator
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com