Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DG401 Datasheet (PDF) - Intersil Corporation

DG401 Datasheet PDF - Intersil Corporation
Part # DG401
Download  DG401 Download
File Size   93.64 Kbytes
Page   9 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description Monolithic CMOS Analog Switches

DG401 Datasheet (PDF)

Go To PDF Page Download Datasheet
DG401 Datasheet PDF - Intersil Corporation

Part # DG401
Download  DG401 Click to download

File Size   93.64 Kbytes
Page   9 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description Monolithic CMOS Analog Switches

DG401 Datasheet (HTML) - Intersil Corporation


DG401 Product details

The DG401 and DG403 monolithic CMOS analog switches have TTL and CMOS compatible digital inputs.

These switches feature low analog ON resistance (<45Ω) and fast switch time (tON<150ns). Low charge injection simplifies sample and hold applications.

The improvements in the DG401, DG403 series are made possible by using a high voltage silicon-gate process. An epitaxial layer prevents the latch-up associated with older CMOS technologies. The 44V maximum voltage range permits controlling 30VP-P signals. Power supplies may be single-ended from +5V to +34V, or split from ±5V to ±17V.



Features

• ON Resistance (Max). . . . . . . . . . . . . . . . . . . . . . . . . 45Ω

• Low Power Consumption (PD). . . . . . . . . . . . . . . . . . .<35μW

• Fast Switching Action

   - tON (Max) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 150ns

   - tOFF (Max) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 100ns

• Low Charge Injection

• DG401 Dual SPST; Same Pinout as HI-5041

• DG403 Dual SPDT; DG190, IH5043, IH5151, HI-5051

• TTL, CMOS Compatible

• Single or Split Supply Operation

• Pb-Free Plus Anneal Available (RoHS Compliant)



Applications

• Audio Switching

• Battery Operated Systems

• Data Acquisition

• Hi-Rel Systems

• Sample and Hold Circuits

• Communication Systems

• Automatic Test Equipment



 




Similar Part No. - DG401

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DG401 MAXIM-DG401 Datasheet
92Kb / 8P
Improved, Dual, High-Speed Analog Switches
19-4727; Rev 2; 6/99
logo
Intersil Corporation
DG401 INTERSIL-DG401 Datasheet
286Kb / 12P
Monolithic CMOS Analog Switches
November 20, 2006
logo
TEMIC Semiconductors
DG401 TEMIC-DG401 Datasheet
170Kb / 10P
Low-Power, High-Speed CMOS Analog Switches
logo
Vishay Siliconix
DG401 VISHAY-DG401 Datasheet
195Kb / 12P
Low-Power, High-Speed CMOS Analog Switches
11-Jun-07
DG401 VISHAY-DG401 Datasheet
262Kb / 17P
Low-Power, High-Speed CMOS Analog Switches
30-Nov-09
More results


Similar Description - DG401

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
DG411A INTERSIL-DG411A Datasheet
249Kb / 10P
Monolithic Quad SPST CMOS Analog Switches
August 2003
DG401883 INTERSIL-DG401883 Datasheet
291Kb / 12P
Monolithic CMOS Analog Switches
DG441883 INTERSIL-DG441883 Datasheet
262Kb / 12P
Monolithic Quad SPST CMOS Analog Switches
June 1994
DG411 INTERSIL-DG411_06 Datasheet
347Kb / 13P
Monolithic Quad SPST, CMOS Analog Switches
November 27, 2006
DG401 INTERSIL-DG401_06 Datasheet
286Kb / 12P
Monolithic CMOS Analog Switches
November 20, 2006
DG444 INTERSIL-DG444_06 Datasheet
296Kb / 12P
Monolithic, Quad SPST, CMOS Analog Switches
November 20, 2006
DG444 INTERSIL-DG444_07 Datasheet
302Kb / 12P
Monolithic, Quad SPST, CMOS Analog Switches
June 4, 2007
DG411 INTERSIL-DG411_07 Datasheet
353Kb / 13P
Monolithic Quad SPST, CMOS Analog Switches
June 20, 2007
DG403DYZ-T INTERSIL-DG403DYZ-T Datasheet
292Kb / 12P
Monolithic CMOS Analog Switches
November 20, 2006
logo
Renesas Technology Corp
DG401 RENESAS-DG401 Datasheet
426Kb / 12P
Monolithic CMOS Analog Switches
Nov 20, 2006
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com