Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FRK460H Datasheet (PDF) - Intersil Corporation

FRK460H Datasheet PDF - Intersil Corporation
Part # FRK460H
Download  FRK460H Download
File Size   47.99 Kbytes
Page   6 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description 17A, 500V, 0.400 Ohm, Rad Hard, N-Channel Power MOSFETs

FRK460H Datasheet (PDF)

Go To PDF Page Download Datasheet
FRK460H Datasheet PDF - Intersil Corporation

Part # FRK460H
Download  FRK460H Click to download

File Size   47.99 Kbytes
Page   6 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description 17A, 500V, 0.400 Ohm, Rad Hard, N-Channel Power MOSFETs

FRK460H Datasheet (HTML) - Intersil Corporation


FRK460H Product details

Description
The Intersil has designed a series of SECOND GENERATION hardened power MOSFETs of both N and P channel enhancement types with ratings from 100V to 500V, 1A to 60A, and on resistance as low as 25mΩ. Total dose hardness is offered at 100K RAD(Si) and 1000KRAD(Si) with neutron hardness ranging from 1E13n/cm2 for 500V product to 1E14n/cm2 for 100V product. Dose rate hardness (GAMMA DOT) exists for rates to 1E9 without current limiting and 2E12 with current limiting.

Features
• 17A, 500V, RDS(on) = 0.400Ω
• Second Generation Rad Hard MOSFET Results From New Design Concepts
• Gamma
    - Meets Pre-Rad Specifications to 100KRAD(Si)
    - Defined End Point Specs at 300KRAD(Si) and 1000KRAD(Si)
    - Performance Permits Limited Use to 3000KRAD(Si)
• Gamma Dot
    - Survives 3E9RAD(Si)/sec at 80% BVDSS Typically
    - Survives 2E12 Typically If Current Limited to IDM
• Photo Current - 45.0nA Per-RAD(Si)/sec Typically
• Neutron
    - Pre-RAD Specifications for 3E12 Neutrons/cm2
    - Usable to 3E13 Neutrons/cm2




Similar Part No. - FRK460H

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
FRK460 ISC-FRK460 Datasheet
49Kb / 2P
isc N-Channel MOSFET Transistor
More results


Similar Description - FRK460H

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
FRF254D INTERSIL-FRF254D Datasheet
49Kb / 6P
17A, 250V, 0.185 Ohm, Rad Hard, N-Channel Power MOSFETs
June 1998
FRF450D INTERSIL-FRF450D Datasheet
48Kb / 6P
9A, 500V, 0.615 Ohm, Rad Hard, N-Channel Power MOSFETs
June 1998
FRL430D INTERSIL-FRL430D Datasheet
47Kb / 6P
2A, 500V, 2.50 Ohm, Rad Hard, N-Channel Power MOSFETs
June 1998
FRM244D INTERSIL-FRM244D Datasheet
47Kb / 6P
12A, 250V, 0.400 Ohm, Rad Hard, N-Channel Power MOSFETs
June 1998
FRM430D INTERSIL-FRM430D Datasheet
48Kb / 6P
3A, 500V, 2.50 Ohm, Rad Hard, N-Channel Power MOSFETs
June 1998
FRM440D INTERSIL-FRM440D Datasheet
47Kb / 6P
6A, 500V, 1.40 Ohm, Rad Hard, N-Channel Power MOSFETs
June 1998
FRM450D INTERSIL-FRM450D Datasheet
47Kb / 6P
10A, 500V, 0.600 Ohm, Rad Hard, N-Channel Power MOSFETs
June 1998
FRS140D INTERSIL-FRS140D Datasheet
54Kb / 6P
17A, 100V, 0.145 Ohm, Rad Hard, N-Channel Power MOSFETs
June 1998
FRS430D INTERSIL-FRS430D Datasheet
49Kb / 6P
3A, 500V, 2.52 Ohm, Rad Hard, N-Channel Power MOSFETs
June 1998
FRS440D INTERSIL-FRS440D Datasheet
48Kb / 6P
5A, 500V, 1.420 Ohm, Rad Hard, N-Channel Power MOSFETs
June 1998
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com