Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AWP2-30-7240-T-R Datasheet (PDF) - Assmann Electronics Inc.

AWP2-30-7240-T-R Datasheet PDF - Assmann Electronics Inc.
Part # AWP2-30-7240-T-R
Download  AWP2-30-7240-T-R Download
File Size   281.36 Kbytes
Page   1 Pages
Manufacturer  ASSMANN [Assmann Electronics Inc.]
Direct Link  http://www.assmann.us
Logo ASSMANN - Assmann Electronics Inc.
Description IDC-Socket, Pitch 2.0MM, 30 Contacts

AWP2-30-7240-T-R Datasheet (PDF)

Go To PDF Page Download Datasheet
AWP2-30-7240-T-R Datasheet PDF - Assmann Electronics Inc.

Part # AWP2-30-7240-T-R
Download  AWP2-30-7240-T-R Click to download

File Size   281.36 Kbytes
Page   1 Pages
Manufacturer  ASSMANN [Assmann Electronics Inc.]
Direct Link  http://www.assmann.us
Logo ASSMANN - Assmann Electronics Inc.
Description IDC-Socket, Pitch 2.0MM, 30 Contacts

AWP2-30-7240-T-R Datasheet (HTML) - Assmann Electronics Inc.




Similar Part No. - AWP2-30-7240-T-R

ManufacturerPart #DatasheetDescription
logo
Assmann Electronics Inc...
AWP2-30-7241-T-R ASSMANN-AWP2-30-7241-T-R Datasheet
72Kb / 1P
IDC-Socket - 2.00MM Pitch,
More results


Similar Description - AWP2-30-7240-T-R

ManufacturerPart #DatasheetDescription
logo
Dubilier
DBCIDC206AS1 DUBILIER-DBCIDC206AS1 Datasheet
167Kb / 1P
IDC IDC CABLE SOCKET
DBCIDC506AS1 DUBILIER-DBCIDC506AS1 Datasheet
71Kb / 1P
IDC IDC CABLE SOCKET 2mm PITCH
DBCIDCA11A34BG1 DUBILIER-DBCIDCA11A34BG1 Datasheet
96Kb / 1P
IDC IDC DIP PLUG (TRANSITION) 2.0mm
DBCIDC506AS1 DUBILIER-DBCIDC506AS1_11 Datasheet
119Kb / 1P
IDC IDC CABLE SOCKET 2mm PITCH
DBCIDC206AS1 DUBILIER-DBCIDC206AS1_11 Datasheet
216Kb / 1P
IDC IDC CABLE SOCKET
DBCIDCDIP200 DUBILIER-DBCIDCDIP200 Datasheet
181Kb / 1P
IDC IDC DIP PLUG (TRANSITION) 2.0mm
logo
Assmann Electronics Inc...
AWP2-12-7240-T-R ASSMANN-AWP2-12-7240-T-R Datasheet
281Kb / 1P
IDC-Socket, Pitch 2.0MM, 12 Contacts
AWP2-34-7240-T-R ASSMANN-AWP2-34-7240-T-R Datasheet
281Kb / 1P
IDC-Socket, Pitch 2.0MM, 34 Contacts
AWP2-24-7240-T-R ASSMANN-AWP2-24-7240-T-R Datasheet
281Kb / 1P
IDC-Socket, Pitch 2.0MM, 24 Contacts
AWP2-64-7240-T-R ASSMANN-AWP2-64-7240-T-R Datasheet
281Kb / 1P
IDC-Socket, Pitch 2.0MM, 64 Contacts
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com