Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PHT25016 Datasheet (PDF) - National Instruments Corporation

PHT25016 Datasheet PDF - National Instruments Corporation
Part # PHT25016_15
Download  PHT25016 Download
File Size   869.57 Kbytes
Page   3 Pages
Manufacturer  NI [National Instruments Corporation]
Direct Link  http://www.NI.com
Logo NI - National Instruments Corporation
Description THYRISTOR

PHT25016 Datasheet (PDF)

Go To PDF Page Download Datasheet
PHT25016 Datasheet PDF - National Instruments Corporation

Part # PHT25016_15
Download  PHT25016 Click to download

File Size   869.57 Kbytes
Page   3 Pages
Manufacturer  NI [National Instruments Corporation]
Direct Link  http://www.NI.com
Logo NI - National Instruments Corporation
Description THYRISTOR

PHT25016 Datasheet (HTML) - National Instruments Corporation




Similar Part No. - PHT25016_15

ManufacturerPart #DatasheetDescription
logo
Nihon Inter Electronics...
PHT25016 NIEC-PHT25016 Datasheet
242Kb / 5P
THYRISTOR MODULE 250A / 1200V to 1600V
More results


Similar Description - PHT25016_15

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRK.105 IRF-IRK.105 Datasheet
225Kb / 8P
THYRISTOR/ DIODE and THYRISTOR/ THYRISTOR
IRKU71 IRF-IRKU71 Datasheet
175Kb / 9P
THYRISTOR/ THYRISTOR
IRKT91-14 IRF-IRKT91-14 Datasheet
240Kb / 10P
THYRISTOR/ DIODE and THYRISTOR/ THYRISTOR
IRKL26-08 IRF-IRKL26-08 Datasheet
157Kb / 8P
THYRISTOR/ DIODE and THYRISTOR/ THYRISTOR
IRKH142-12 IRF-IRKH142-12 Datasheet
391Kb / 12P
THYRISTOR/DIODE and THYRISTOR/THYRISTOR
IRKT430-20 IRF-IRKT430-20 Datasheet
103Kb / 8P
THYRISTOR / DIODE and THYRISTOR / THYRISTOR
logo
SanRex Corporation
SCA200AA SANREX-SCA200AA Datasheet
103Kb / 2P
Thyristor/Thyristor, Thyristor/Diode
logo
Vishay Siliconix
VS-VSK136PBF VISHAY-VS-VSK136PBF Datasheet
412Kb / 15P
Thyristor/Diode and Thyristor/Thyristor
11-Apr-14
VS-VSKT15204PBF VISHAY-VS-VSKT15204PBF Datasheet
213Kb / 10P
Thyristor/Thyristor
11-Apr-14
logo
NXP Semiconductors
BTH151S PHILIPS-BTH151S Datasheet
44Kb / 6P
Thyristor Thyristor
March 2001 Rev 1.001
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com