Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FRL9130H Datasheet (PDF) - Intersil Corporation

FRL9130H Datasheet PDF - Intersil Corporation
Part # FRL9130H
Download  FRL9130H Download
File Size   47.62 Kbytes
Page   6 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description 5A, -100V, 0.550 Ohm, Rad Hard, P-Channel Power MOSFETs

FRL9130H Datasheet (PDF)

Go To PDF Page Download Datasheet
FRL9130H Datasheet PDF - Intersil Corporation

Part # FRL9130H
Download  FRL9130H Click to download

File Size   47.62 Kbytes
Page   6 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description 5A, -100V, 0.550 Ohm, Rad Hard, P-Channel Power MOSFETs

FRL9130H Datasheet (HTML) - Intersil Corporation


FRL9130H Product details

Description

The Intersil has designed a series of SECOND GENERATION hardened power MOSFETs of both N and P channel enhancement types with ratings from 100V to 500V, 1A to 60A, and on resistance as low as 25mΩ. Total dose hardness is offered at 100K RAD(Si) and 1000KRAD(Si) with neutron hardness ranging from 1E13n/cm2 for 500V product to 1E14n/cm2 for 100V product. Dose rate hardness (GAMMA DOT) exists for rates to 1E9 without current limiting and 2E12 with current limiting. This MOSFET is an enhancement-mode silicon-gate power field effect transistor of the vertical DMOS (VDMOS) structure. It is specially designed and processed to exhibit minimal characteristic changes to total dose (GAMMA) and neutron (no) exposures. Design and processing efforts are also directed to enhance survival to heavy ion (SEE) and/or dose rate (GAMMA DOT) exposure.



Features

• 5A, -100V, RDS(on) = 0.550Ω

• Second Generation Rad Hard MOSFET Results From New Design Concepts

• Gamma - Meets Pre-Rad Specifications to 100KRAD(Si)

- Defined End Point Specs at 300KRAD(Si) and 1000KRAD(Si)

- Performance Permits Limited Use to 3000KRAD(Si)

• Gamma Dot - Survives 3E9RAD(Si)/sec at 80% BVDSS Typically

- Survives 2E12 Typically If Current Limited to IDM

• Photo Current - 1.50nA Per-RAD(Si)/sec Typically

• Neutron - Pre-RAD Specifications for 3E13 Neutrons/cm2

- Usable to 3E14 Neutrons/cm2




Similar Part No. - FRL9130H

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
FRL9230D INTERSIL-FRL9230D Datasheet
47Kb / 6P
3A, -200V, 1.30 Ohm, Rad Hard, P-Channel Power MOSFETs
June 1998
FRL9230H INTERSIL-FRL9230H Datasheet
47Kb / 6P
3A, -200V, 1.30 Ohm, Rad Hard, P-Channel Power MOSFETs
June 1998
FRL9230R INTERSIL-FRL9230R Datasheet
47Kb / 6P
3A, -200V, 1.30 Ohm, Rad Hard, P-Channel Power MOSFETs
June 1998
More results


Similar Description - FRL9130H

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
FRE9160D INTERSIL-FRE9160D Datasheet
49Kb / 6P
30A, -100V, 0.095 Ohm, Rad Hard, P-Channel Power MOSFETs
June 1998
FRF9150D INTERSIL-FRF9150D Datasheet
49Kb / 6P
23A, -100V, 0.140 Ohm, Rad Hard, P-Channel Power MOSFETs
June 1998
FRK9150D INTERSIL-FRK9150D Datasheet
48Kb / 6P
26A, -100V, 0.125 Ohm, Rad Hard, P-Channel Power MOSFETs
June 1998
FRK9160D INTERSIL-FRK9160D Datasheet
48Kb / 6P
40A, -100V, 0.085 Ohm, Rad Hard, P-Channel Power MOSFETs
June 1998
FRM9130D INTERSIL-FRM9130D Datasheet
57Kb / 6P
6A, -100V, 0.550 Ohm, Rad Hard, P-Channel Power MOSFETs
June 1998
FRM9140D INTERSIL-FRM9140D Datasheet
47Kb / 6P
11A, -100V, 0.300 Ohm, Rad Hard, P-Channel Power MOSFETs
June 1998
FRS9130D INTERSIL-FRS9130D Datasheet
49Kb / 6P
6A, -100V, 0.565 Ohm, Rad Hard, P-Channel Power MOSFETs
June 1998
FRS9140D INTERSIL-FRS9140D Datasheet
48Kb / 6P
11A, -100V, 0.315 Ohm, Rad Hard, P-Channel Power MOSFETs
June 1998
FSJ9160D INTERSIL-FSJ9160D Datasheet
46Kb / 8P
44A, -100V, 0.055 Ohm, Rad Hard, SEGR Resistant, P-Channel Power MOSFETs
June 1998
FSL9130D INTERSIL-FSL9130D Datasheet
45Kb / 8P
5A, -100V, 0.680 Ohm, Rad Hard, SEGR Resistant, P-Channel Power MOSFETs
June 1998
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com