Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FRM240D Datasheet (PDF) - Intersil Corporation

FRM240D Datasheet PDF - Intersil Corporation
Part # FRM240D
Download  FRM240D Download
File Size   47.81 Kbytes
Page   6 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description 16A, 200V, 0.24 Ohm, Rad Hard, N-Channel Power MOSFETs

FRM240D Datasheet (PDF)

Go To PDF Page Download Datasheet
FRM240D Datasheet PDF - Intersil Corporation

Part # FRM240D
Download  FRM240D Click to download

File Size   47.81 Kbytes
Page   6 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description 16A, 200V, 0.24 Ohm, Rad Hard, N-Channel Power MOSFETs

FRM240D Datasheet (HTML) - Intersil Corporation


FRM240D Product details

Description
The Intersil Corporation has designed a series of SECOND GENERATION hardened power MOSFETs of both N and P channel enhancement types with ratings from 100V to 500V, 1A to 60A, and on resistance as low as 25mΩ. Total dose hardness is offered at 100K RAD(Si) and 1000KRAD(Si) with neutron hardness ranging from 1E13n/cm2 for 500V product to 1E14n/cm2 for 100V product. Dose rate hardness (GAMMA DOT) exists for rates to 1E9 without current limiting and 2E12 with current limiting.

Features
• 16A, 200V, RDS(on) = 0.24Ω
• Second Generation Rad Hard MOSFET Results From New Design Concepts
• Gamma
    - Meets Pre-Rad Specifications to 100KRAD(Si)
    - Defined End Point Specs at 300KRAD(Si) and 1000KRAD(Si)
    - Performance Permits Limited Use to 3000KRAD(Si)
• Gamma Dot
    - Survives 3E9RAD(Si)/sec at 80% BVDSS Typically
    - Survives 2E12 Typically If Current Limited to IDM
• Photo Current - 5.0nA Per-RAD(Si)/sec Typically
• Neutron
    - Pre-RAD Specifications for 1E13 Neutrons/cm2
    - Usable to 1E14 Neutrons/cm2




Similar Part No. - FRM240D

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
FRM240 ISC-FRM240 Datasheet
49Kb / 2P
isc N-Channel MOSFET Transistor
More results


Similar Description - FRM240D

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
FRE260D INTERSIL-FRE260D Datasheet
49Kb / 6P
31A, 200V, 0.080 Ohm, Rad Hard, N-Channel Power MOSFETs
June 1998
FRF250D INTERSIL-FRF250D Datasheet
49Kb / 6P
23A, 200V, 0.115 Ohm, Rad Hard, N-Channel Power MOSFETs
June 1998
FRK250D INTERSIL-FRK250D Datasheet
48Kb / 6P
27A, 200V, 0.100 Ohm, Rad Hard, N-Channel Power MOSFETs
June 1998
FRK260D INTERSIL-FRK260D Datasheet
47Kb / 6P
46A, 200V, 0.070 Ohm, Rad Hard, N-Channel Power MOSFETs
June 1998
FRL230D INTERSIL-FRL230D Datasheet
47Kb / 6P
5A, 200V, 0.500 Ohm, Rad Hard, N-Channel Power MOSFETs
June 1998
FRM230D INTERSIL-FRM230D Datasheet
59Kb / 6P
8A, 200V, 0.50 Ohm, Rad Hard, N-Channel Power MOSFETs
June 1998
FRM9240D INTERSIL-FRM9240D Datasheet
47Kb / 6P
7A, -200V, 0.720 Ohm, Rad Hard, P-Channel Power MOSFETs
June 1998
FRM9250D INTERSIL-FRM9250D Datasheet
50Kb / 6P
16A, -200V, 0.300 Ohm, Rad Hard, P-Channel Power MOSFETs
June 1998
FRS230D INTERSIL-FRS230D Datasheet
48Kb / 6P
7A, 200V, 0.515 Ohm, Rad Hard, N-Channel Power MOSFETs
June 1998
FRS240D INTERSIL-FRS240D Datasheet
48Kb / 6P
12A, 200V, 0.255 Ohm, Rad Hard, N-Channel Power MOSFETs
June 1998
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com