Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M9130 Datasheet (PDF) - Intersil Corporation

M9130 Datasheet PDF - Intersil Corporation
Part # M9130
Download  M9130 Download
File Size   57.68 Kbytes
Page   6 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description 6A, -100V, 0.550 Ohm, Rad Hard, P-Channel Power MOSFETs

M9130 Datasheet (PDF)

Go To PDF Page Download Datasheet
M9130 Datasheet PDF - Intersil Corporation

Part # M9130
Download  M9130 Click to download

File Size   57.68 Kbytes
Page   6 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description 6A, -100V, 0.550 Ohm, Rad Hard, P-Channel Power MOSFETs

M9130 Datasheet (HTML) - Intersil Corporation


M9130 Product details

Description

The Intersil has designed a series of SECOND GENERATION hardened power MOSFETs of both N and P channel enhancement types with ratings from 100V to 500V, 1A to 60A, and on resistance as low as 25mΩ. Total dose hardness is offered at 100K RAD(Si) and 1000KRAD(Si) with neutron hardness ranging from 1E13n/cm 2for 500V product to 1E14n/cm2 for 100V product. Dose rate hardness (GAMMA DOT) exists for rates to 1E9 without current limiting and 2E12 with current limiting.



Features

• 6A, -100V, RDS(on) = 0.550Ω

• Second Generation Rad Hard MOSFET Results From New Design Concepts

• Gamma - Meets Pre-Rad Specifications to 100KRAD(Si)

- Defined End Point Specs at 300KRAD(Si) and 1000KRAD(Si)

- Performance Permits Limited Use to 3000KRAD(Si)

• Gamma Dot - Survives 3E9RAD(Si)/sec at 80% BVDSS Typically

- Survives 2E12 Typically If Current Limited to IDM

• Photo Current - 1.50nA Per-RAD(Si)/sec Typically

• Neutron - Pre-RAD Specifications for 3E13 Neutrons/cm2

- Usable to 3E14 Neutrons/cm2




Similar Part No. - M9130

ManufacturerPart #DatasheetDescription
logo
MOSDESIGN SEMICONDUCTOR...
M9130 MOSDESIGN-M9130 Datasheet
28Kb / 2P
CDS, OSH & ON/OFF
2005-12-01
logo
Heyco.
M9130 HEYCO-M9130 Datasheet
120Kb / 1P
Nylon Locknuts
logo
Keysight Technologies
M9130A KEYSIGHT-M9130A Datasheet
3Mb / 15P
General Purpose Switch Modules
M9130A KEYSIGHT-M9130A Datasheet
2Mb / 15P
General Purpose Switch Modules
M9130A KEYSIGHT-M9130A_17 Datasheet
2Mb / 15P
General Purpose Switch Modules
More results


Similar Description - M9130

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
FRE9160D INTERSIL-FRE9160D Datasheet
49Kb / 6P
30A, -100V, 0.095 Ohm, Rad Hard, P-Channel Power MOSFETs
June 1998
FRF9150D INTERSIL-FRF9150D Datasheet
49Kb / 6P
23A, -100V, 0.140 Ohm, Rad Hard, P-Channel Power MOSFETs
June 1998
FRK9150D INTERSIL-FRK9150D Datasheet
48Kb / 6P
26A, -100V, 0.125 Ohm, Rad Hard, P-Channel Power MOSFETs
June 1998
FRK9160D INTERSIL-FRK9160D Datasheet
48Kb / 6P
40A, -100V, 0.085 Ohm, Rad Hard, P-Channel Power MOSFETs
June 1998
FRL9130D INTERSIL-FRL9130D Datasheet
47Kb / 6P
5A, -100V, 0.550 Ohm, Rad Hard, P-Channel Power MOSFETs
June 1998
FRM9140D INTERSIL-FRM9140D Datasheet
47Kb / 6P
11A, -100V, 0.300 Ohm, Rad Hard, P-Channel Power MOSFETs
June 1998
FRS9130D INTERSIL-FRS9130D Datasheet
49Kb / 6P
6A, -100V, 0.565 Ohm, Rad Hard, P-Channel Power MOSFETs
June 1998
FRS9140D INTERSIL-FRS9140D Datasheet
48Kb / 6P
11A, -100V, 0.315 Ohm, Rad Hard, P-Channel Power MOSFETs
June 1998
FSJ9160D INTERSIL-FSJ9160D Datasheet
46Kb / 8P
44A, -100V, 0.055 Ohm, Rad Hard, SEGR Resistant, P-Channel Power MOSFETs
June 1998
FSS9130D INTERSIL-FSS9130D Datasheet
44Kb / 8P
6A, -100V, 0.660 Ohm, Rad Hard, SEGR Resistant, P-Channel Power MOSFETs
June 1998
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com