Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FRS130R Datasheet (PDF) - Intersil Corporation

FRS130R Datasheet PDF - Intersil Corporation
Part # FRS130R
Download  FRS130R Download
File Size   48.95 Kbytes
Page   6 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description 12A, 100V, 0.195 Ohm, Rad Hard, N-Channel Power MOSFETs

FRS130R Datasheet (PDF)

Go To PDF Page Download Datasheet
FRS130R Datasheet PDF - Intersil Corporation

Part # FRS130R
Download  FRS130R Click to download

File Size   48.95 Kbytes
Page   6 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description 12A, 100V, 0.195 Ohm, Rad Hard, N-Channel Power MOSFETs

FRS130R Datasheet (HTML) - Intersil Corporation


FRS130R Product details

Description
The Intersil Corporation has designed a series of SECOND GENERATION hardened power MOSFETs of both N and P channel enhancement types with ratings from 100V to 500V, 1A to 60A, and on resistance as low as 25mΩ. Total dose hardness is offered at 100K RAD(Si) and 1000KRAD(Si) with neutron hardness ranging from 1E13n/cm2 for 500V product to 1E14n/cm2 for 100V product. Dose rate hardness (GAMMA DOT) exists for rates to 1E9 without current limiting and 2E12 with current limiting.

Features
• 12A, 100V, RDS(on) = 0.195Ω
• Second Generation Rad Hard MOSFET Results From New Design Concepts
• Gamma
    - Meets Pre-Rad Specifications to 100KRAD(Si)
    - Defined End Point Specs at 300KRAD(Si) and 1000KRAD(Si)
    - Performance Permits Limited Use to 3000KRAD(Si)
• Gamma Dot
    - Survives 3E9RAD(Si)/sec at 80% BVDSS Typically
    - Survives 2E12 Typically If Current Limited to IDM
• Photo Current - 1.5nA Per-RAD(Si)/sec Typically
• Neutron
    - Pre-RAD Specifications for 3E13 Neutrons/cm2
    - Usable to 3E14 Neutrons/cm2




Similar Part No. - FRS130R

ManufacturerPart #DatasheetDescription
logo
First Components Intern...
FRS13 FCI-FRS13 Datasheet
125Kb / 2P
1.0 Amp FAST RECOVERY RECTIFIERS Mechanical Dimensions
More results


Similar Description - FRS130R

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
FRE160D INTERSIL-FRE160D Datasheet
49Kb / 6P
41A, 100V, 0.050 Ohm, Rad Hard, N-Channel Power MOSFETs
June 1998
FRE460D INTERSIL-FRE460D Datasheet
48Kb / 6P
12A, 500V, 0.410 Ohm, Rad Hard, N-Channel Power MOSFETs
June 1998
FRF150D INTERSIL-FRF150D Datasheet
49Kb / 6P
25A, 100V, 0.07 Ohm, Rad Hard, N-Channel Power MOSFETs
June 1998
FRK150D INTERSIL-FRK150D Datasheet
48Kb / 6P
40A, 100V, 0.055 Ohm, Rad Hard, N-Channel Power MOSFETs
June 1998
FRK160D INTERSIL-FRK160D Datasheet
48Kb / 6P
50A, 100V, 0.040 Ohm, Rad Hard, N-Channel Power MOSFETs
June 1998
FRL130D INTERSIL-FRL130D Datasheet
47Kb / 6P
8A, 100V, 0.180 Ohm, Rad Hard, N-Channel Power MOSFETs
June 1998
FRM140D INTERSIL-FRM140D Datasheet
47Kb / 6P
23A, 100V, 0.130 Ohm, Rad Hard, N-Channel Power MOSFETs
June 1998
FRM244D INTERSIL-FRM244D Datasheet
47Kb / 6P
12A, 250V, 0.400 Ohm, Rad Hard, N-Channel Power MOSFETs
June 1998
FRS140D INTERSIL-FRS140D Datasheet
54Kb / 6P
17A, 100V, 0.145 Ohm, Rad Hard, N-Channel Power MOSFETs
June 1998
FRS240D INTERSIL-FRS240D Datasheet
48Kb / 6P
12A, 200V, 0.255 Ohm, Rad Hard, N-Channel Power MOSFETs
June 1998
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com