Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FSF254R1 Datasheet (PDF) - Intersil Corporation

FSF254R1 Datasheet PDF - Intersil Corporation
Part # FSF254R1
Download  FSF254R1 Download
File Size   45.29 Kbytes
Page   8 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description 18A, 250V, 0.170 Ohm, Rad Hard, SEGR Resistant, N-Channel Power MOSFETs

FSF254R1 Datasheet (PDF)

Go To PDF Page Download Datasheet
FSF254R1 Datasheet PDF - Intersil Corporation

Part # FSF254R1
Download  FSF254R1 Click to download

File Size   45.29 Kbytes
Page   8 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description 18A, 250V, 0.170 Ohm, Rad Hard, SEGR Resistant, N-Channel Power MOSFETs

FSF254R1 Datasheet (HTML) - Intersil Corporation


FSF254R1 Product details

Description
The Discrete Products Operation of Intersil Corporation has developed a series of Radiation Hardened MOSFETs specifically designed for commercial and military space applications. Enhanced Power MOSFET immunity to Single Event Effects (SEE), Single Event Gate Rupture (SEGR) in particular, is combined with 100K RADS of total dose hardness to provide devices which are ideally suited to harsh space environments. The dose rate and neutron tolerance necessary for military applications have not been sacrificed.
   
Features
• 18A, 250V, rDS(ON) = 0.170Ω
• Total Dose
    - Meets Pre-RAD Specifications to 100K RAD (Si)
• Single Event
    - Safe Operating Area Curve for Single Event Effects
    - SEE Immunity for LET of 36MeV/mg/cm2 with
        VDS up to 80% of Rated Breakdown and
        VGS of 10V Off-Bias
• Dose Rate
    - Typically Survives 3E9 RAD (Si)/s at 80% BVDSS
    - Typically Survives 2E12 if Current Limited to IDM
• Photo Current
    - 15nA Per-RAD(Si)/s Typically
• Neutron
    - Maintain Pre-RAD Specifications
        for 1E13 Neutrons/cm2
    - Usable to 1E14 Neutrons/cm2
   




Similar Part No. - FSF254R1

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
FSF250 INTERSIL-FSF250 Datasheet
45Kb / 8P
24A, 200V, 0.110 Ohm, Rad Hard, SEGR Resistant, N-Channel Power MOSFETs
June 1998
FSF250D INTERSIL-FSF250D Datasheet
45Kb / 8P
24A, 200V, 0.110 Ohm, Rad Hard, SEGR Resistant, N-Channel Power MOSFETs
June 1998
FSF250D1 INTERSIL-FSF250D1 Datasheet
45Kb / 8P
24A, 200V, 0.110 Ohm, Rad Hard, SEGR Resistant, N-Channel Power MOSFETs
June 1998
FSF250D3 INTERSIL-FSF250D3 Datasheet
45Kb / 8P
24A, 200V, 0.110 Ohm, Rad Hard, SEGR Resistant, N-Channel Power MOSFETs
June 1998
FSF250R INTERSIL-FSF250R Datasheet
45Kb / 8P
24A, 200V, 0.110 Ohm, Rad Hard, SEGR Resistant, N-Channel Power MOSFETs
June 1998
More results


Similar Description - FSF254R1

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
FRK254D INTERSIL-FRK254D Datasheet
48Kb / 6P
20A, 250V, 0.170 Ohm, Rad Hard, N-Channel Power MOSFETs
June 1998
FSJ264D INTERSIL-FSJ264D Datasheet
48Kb / 9P
33A, 250V, 0.080 Ohm, Rad Hard, SEGR Resistant, N-Channel Power MOSFETs
June 1998
FSL130D INTERSIL-FSL130D Datasheet
45Kb / 8P
8A, 100V, 0.230 Ohm, Rad Hard, SEGR Resistant, N-Channel Power MOSFETs
June 1998
FSL230D INTERSIL-FSL230D Datasheet
45Kb / 8P
5A, 200V, 0.460 Ohm, Rad Hard, SEGR Resistant, N-Channel Power MOSFETs
June 1998
FSL234D INTERSIL-FSL234D Datasheet
46Kb / 8P
4A, 250V, 0.610 Ohm, Rad Hard, SEGR Resistant, N-Channel Power MOSFETs
June 1998
FSL23A4D INTERSIL-FSL23A4D Datasheet
46Kb / 8P
5A, 250V, 0.480 Ohm, Rad Hard, SEGR Resistant, N-Channel Power MOSFETs
June 1998
FSL430D INTERSIL-FSL430D Datasheet
46Kb / 8P
2A, 500V, 2.50 Ohm, Rad Hard, SEGR Resistant, N-Channel Power MOSFETs
June 1998
FSS13A0D INTERSIL-FSS13A0D Datasheet
71Kb / 8P
2A, 100V, 0.170 Ohm, Rad Hard, SEGR Resistant, N-Channel Power MOSFETs
June 2000
FSS234D INTERSIL-FSS234D Datasheet
45Kb / 8P
6A, 250V, 0.600 Ohm, Rad Hard, SEGR Resistant, N-Channel Power MOSFETs
June 1998
FSS23A4D INTERSIL-FSS23A4D Datasheet
46Kb / 8P
7A, 250V, 0.460 Ohm, Rad Hard, SEGR Resistant, N-Channel Power MOSFETs
June 1998
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com