Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FSL234R Datasheet (PDF) - Intersil Corporation

FSL234R Datasheet PDF - Intersil Corporation
Part # FSL234R
Download  FSL234R Download
File Size   46.03 Kbytes
Page   8 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description 4A, 250V, 0.610 Ohm, Rad Hard, SEGR Resistant, N-Channel Power MOSFETs

FSL234R Datasheet (PDF)

Go To PDF Page Download Datasheet
FSL234R Datasheet PDF - Intersil Corporation

Part # FSL234R
Download  FSL234R Click to download

File Size   46.03 Kbytes
Page   8 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description 4A, 250V, 0.610 Ohm, Rad Hard, SEGR Resistant, N-Channel Power MOSFETs

FSL234R Datasheet (HTML) - Intersil Corporation


FSL234R Product details

Description
The Discrete Products Operation of Intersil Corporation has developed a series of Radiation Hardened MOSFETs specifically designed for commercial and military space applications. Enhanced Power MOSFET immunity to Single Event Effects (SEE), Single Event Gate Rupture (SEGR) in particular, is combined with 100K RADS of total dose hardness to provide devices which are ideally suited to harsh space environments. The dose rate and neutron tolerance necessary for military applications have not been sacrificed.
The Intersil portfolio of SEGR resistant radiation hardened MOSFETs includes N-Channel and P-Channel devices in a variety of voltage, current and on-resistance ratings. Numerous packaging options are also available.
This MOSFET is an enhancement-mode silicon-gate power field-effect transistor of the vertical DMOS (VDMOS) structure. It is specially designed and processed to be radiation tolerant. The MOSFET is well suited for applications exposed to radiation environments such as switching regulation, switching converters, motor drives, relay drivers and drivers for high-power bipolar switching transistors requiring high speed and low gate drive power. This type can be operated directly from integrated circuits.
Reliability screening is available as either commercial, TXV equivalent of MIL-S-19500, or Space equivalent of MIL-S-19500. Contact Intersil for any desired deviations from the data sheet.

Features
• 4A, 250V, rDS(ON) = 0.610Ω
• Total Dose
   - Meets Pre-RAD Specifications to 100K RAD (Si)
• Single Event
   - Safe Operating Area Curve for Single Event Effects
   - SEE Immunity for LET of 36MeV/mg/cm2 with VDS up to 80% of Rated Breakdown and VGS of 10V Off-Bias
• Dose Rate
   - Typically Survives 3E9 RAD (Si)/s at 80% BVDSS
   - Typically Survives 2E12 if Current Limited to IDM
• Photo Current
   - 4.0nA Per-RAD(Si)/s Typically
• Neutron
   - Maintain Pre-RAD Specifications for 1E13 Neutrons/cm2
   - Usable to 1E14 Neutrons/cm2




Similar Part No. - FSL234R

ManufacturerPart #DatasheetDescription
logo
GOOD-ARK Electronics
FSL23 GOOD-ARK-FSL23 Datasheet
378Kb / 4P
Surface Mount Schottky Rectifier
logo
Intersil Corporation
FSL230 INTERSIL-FSL230 Datasheet
45Kb / 8P
5A, 200V, 0.460 Ohm, Rad Hard, SEGR Resistant, N-Channel Power MOSFETs
June 1998
FSL230D INTERSIL-FSL230D Datasheet
45Kb / 8P
5A, 200V, 0.460 Ohm, Rad Hard, SEGR Resistant, N-Channel Power MOSFETs
June 1998
FSL230D1 INTERSIL-FSL230D1 Datasheet
45Kb / 8P
5A, 200V, 0.460 Ohm, Rad Hard, SEGR Resistant, N-Channel Power MOSFETs
June 1998
FSL230D3 INTERSIL-FSL230D3 Datasheet
45Kb / 8P
5A, 200V, 0.460 Ohm, Rad Hard, SEGR Resistant, N-Channel Power MOSFETs
June 1998
More results


Similar Description - FSL234R

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
FRL234D INTERSIL-FRL234D Datasheet
47Kb / 6P
4A, 250V, 0.700 Ohm, Rad Hard, N-Channel Power MOSFETs
June 1998
FSF254D INTERSIL-FSF254D Datasheet
45Kb / 8P
18A, 250V, 0.170 Ohm, Rad Hard, SEGR Resistant, N-Channel Power MOSFETs
June 1998
FSJ264D INTERSIL-FSJ264D Datasheet
48Kb / 9P
33A, 250V, 0.080 Ohm, Rad Hard, SEGR Resistant, N-Channel Power MOSFETs
June 1998
FSL130D INTERSIL-FSL130D Datasheet
45Kb / 8P
8A, 100V, 0.230 Ohm, Rad Hard, SEGR Resistant, N-Channel Power MOSFETs
June 1998
FSL230D INTERSIL-FSL230D Datasheet
45Kb / 8P
5A, 200V, 0.460 Ohm, Rad Hard, SEGR Resistant, N-Channel Power MOSFETs
June 1998
FSL23A4D INTERSIL-FSL23A4D Datasheet
46Kb / 8P
5A, 250V, 0.480 Ohm, Rad Hard, SEGR Resistant, N-Channel Power MOSFETs
June 1998
FSS234D INTERSIL-FSS234D Datasheet
45Kb / 8P
6A, 250V, 0.600 Ohm, Rad Hard, SEGR Resistant, N-Channel Power MOSFETs
June 1998
FSS23A4D INTERSIL-FSS23A4D Datasheet
46Kb / 8P
7A, 250V, 0.460 Ohm, Rad Hard, SEGR Resistant, N-Channel Power MOSFETs
June 1998
FSS9230D INTERSIL-FSS9230D Datasheet
45Kb / 8P
4A, -200V, 1.60 Ohm, Rad Hard, SEGR Resistant, P-Channel Power MOSFETs
June 1998
JANSR2N7397 INTERSIL-JANSR2N7397 Datasheet
44Kb / 8P
4A, 250V, 0.610 Ohm, Rad Hard, N-Channel Power MOSFET
June 1998
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com