Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FSYC163R4 Datasheet (PDF) - Intersil Corporation

FSYC163R4 Datasheet PDF - Intersil Corporation
Part # FSYC163R4
Download  FSYC163R4 Download
File Size   61.57 Kbytes
Page   8 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description Radiation Hardened, SEGR Resistant N-Channel Power MOSFETs

FSYC163R4 Datasheet (PDF)

Go To PDF Page Download Datasheet
FSYC163R4 Datasheet PDF - Intersil Corporation

Part # FSYC163R4
Download  FSYC163R4 Click to download

File Size   61.57 Kbytes
Page   8 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description Radiation Hardened, SEGR Resistant N-Channel Power MOSFETs

FSYC163R4 Datasheet (HTML) - Intersil Corporation


FSYC163R4 Product details

Radiation Hardened, SEGR Resistant N-Channel Power MOSFETs

The Discrete Products Operation of Intersil has developed a series of Radiation Hardened MOSFETs specifically designed for commercial and military space applications. Enhanced Power MOSFET immunity to Single Event Effects (SEE), Single Event Gate Rupture (SEGR) in particular, is combined with 100K RADS of total dose hardness to provide devices which are ideally suited to harsh space environments. The dose rate and neutron tolerance necessary for military applications have not been sacrificed.

Features
• 62A, 130V, rDS(ON) = 0.030Ω
• Total Dose
    - Meets Pre-RAD Specifications to 100K RAD (Si)
• Single Event
    - Safe Operating Area Curve for Single Event Effects
    - SEE Immunity for LET of 36MeV/mg/cm2 with VDS up to 80% of Rated Breakdown and VGS of 10V Off-Bias
• Dose Rate
    - Typically Survives 3E9 RAD (Si)/s at 80% BVDSS
    - Typically Survives 2E12 if Current Limited to IDM
• Photo Current
    - 12.5nA Per-RAD(Si)/s Typically
• Neutron
    - Maintain Pre-RAD Specifications for 1E13 Neutrons/cm2
    - Usable to 1E14 Neutrons/cm2




Similar Part No. - FSYC163R4

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
FSYC160D INTERSIL-FSYC160D Datasheet
49Kb / 8P
Radiation Hardened, SEGR Resistant, N-Channel Power MOSFETs
July 1998
FSYC160D1 INTERSIL-FSYC160D1 Datasheet
49Kb / 8P
Radiation Hardened, SEGR Resistant, N-Channel Power MOSFETs
July 1998
FSYC160D3 INTERSIL-FSYC160D3 Datasheet
49Kb / 8P
Radiation Hardened, SEGR Resistant, N-Channel Power MOSFETs
July 1998
FSYC160R INTERSIL-FSYC160R Datasheet
49Kb / 8P
Radiation Hardened, SEGR Resistant, N-Channel Power MOSFETs
July 1998
FSYC160R1 INTERSIL-FSYC160R1 Datasheet
49Kb / 8P
Radiation Hardened, SEGR Resistant, N-Channel Power MOSFETs
July 1998
More results


Similar Description - FSYC163R4

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
FSJ163D INTERSIL-FSJ163D Datasheet
56Kb / 8P
Radiation Hardened, SEGR Resistant N-Channel Power MOSFETs
June 1999
FSL214D INTERSIL-FSL214D Datasheet
57Kb / 8P
Radiation Hardened, SEGR Resistant N-Channel Power MOSFETs
October 1998
FSPL230R INTERSIL-FSPL230R Datasheet
81Kb / 8P
Radiation Hardened, SEGR Resistant N-Channel Power MOSFETs
June 2000
FSPYC260R INTERSIL-FSPYC260R Datasheet
83Kb / 8P
Radiation Hardened, SEGR Resistant N-Channel Power MOSFETs
May 2000
FSPYE230R INTERSIL-FSPYE230R Datasheet
83Kb / 8P
Radiation Hardened, SEGR Resistant N-Channel Power MOSFETs
May 2000
FSYA254D INTERSIL-FSYA254D Datasheet
55Kb / 8P
Radiation Hardened, SEGR Resistant N-Channel Power MOSFETs
March 1999
FSYA450D INTERSIL-FSYA450D Datasheet
56Kb / 8P
Radiation Hardened, SEGR Resistant N-Channel Power MOSFETs
March 1999
FSYC055D INTERSIL-FSYC055D Datasheet
49Kb / 8P
Radiation Hardened, SEGR Resistant N-Channel Power MOSFETs
July 1998
FSYE23A0D INTERSIL-FSYE23A0D Datasheet
57Kb / 8P
Radiation Hardened, SEGR Resistant N-Channel Power MOSFETs
May 1999
FSYE430D INTERSIL-FSYE430D Datasheet
58Kb / 8P
Radiation Hardened, SEGR Resistant N-Channel Power MOSFETs
June 1999
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com