Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FSYC9160R3 Datasheet (PDF) - Intersil Corporation

FSYC9160R3 Datasheet PDF - Intersil Corporation
Part # FSYC9160R3
Download  FSYC9160R3 Download
File Size   61.44 Kbytes
Page   8 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description Radiation Hardened, SEGR Resistant P-Channel Power MOSFETs

FSYC9160R3 Datasheet (PDF)

Go To PDF Page Download Datasheet
FSYC9160R3 Datasheet PDF - Intersil Corporation

Part # FSYC9160R3
Download  FSYC9160R3 Click to download

File Size   61.44 Kbytes
Page   8 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description Radiation Hardened, SEGR Resistant P-Channel Power MOSFETs

FSYC9160R3 Datasheet (HTML) - Intersil Corporation


FSYC9160R3 Product details

Description
The Discrete Products Operation of Intersil has developed a series of Radiation Hardened MOSFETs specifically designed for commercial and military space applications. Enhanced Power MOSFET immunity to Single Event Effects (SEE), Single Event Gate Rupture (SEGR) in particular, is combined with 100K RADS of total dose hardness to provide devices which are ideally suited to harsh space environments. The dose rate and neutron tolerance necessary for military applications have not been sacrificed.

Features
• 47A, -100V, rDS(ON) = 0.053Ω
• Total Dose
    - Meets Pre-RAD Specifications to 100K RAD (Si)
• Single Event
    - Safe Operating Area Curve for Single Event Effects
    - SEE Immunity for LET of 36MeV/mg/cm2 with VDS up to 80% of Rated Breakdown and VGS of 10V Off-Bias
• Dose Rate
    - Typically Survives 3E9 RAD (Si)/s at 80% BVDSS
    - Typically Survives 2E12 if Current Limited to IDM
• Photo Current
    - 10.0nA Per-RAD(Si)/s Typically
• Neutron
    - Maintain Pre-RAD Specifications for 3E13 Neutrons/cm2
    - Usable to 3E14 Neutrons/cm2




Similar Part No. - FSYC9160R3

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
FSYC9055D INTERSIL-FSYC9055D Datasheet
51Kb / 8P
Radiation Hardened, SEGR Resistant P-Channel Power MOSFETs
July 1999
FSYC9055D1 INTERSIL-FSYC9055D1 Datasheet
51Kb / 8P
Radiation Hardened, SEGR Resistant P-Channel Power MOSFETs
July 1999
FSYC9055D3 INTERSIL-FSYC9055D3 Datasheet
51Kb / 8P
Radiation Hardened, SEGR Resistant P-Channel Power MOSFETs
July 1999
FSYC9055R INTERSIL-FSYC9055R Datasheet
51Kb / 8P
Radiation Hardened, SEGR Resistant P-Channel Power MOSFETs
July 1999
FSYC9055R1 INTERSIL-FSYC9055R1 Datasheet
51Kb / 8P
Radiation Hardened, SEGR Resistant P-Channel Power MOSFETs
July 1999
More results


Similar Description - FSYC9160R3

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
FSJ163D INTERSIL-FSJ163D Datasheet
56Kb / 8P
Radiation Hardened, SEGR Resistant N-Channel Power MOSFETs
June 1999
FSL214D INTERSIL-FSL214D Datasheet
57Kb / 8P
Radiation Hardened, SEGR Resistant N-Channel Power MOSFETs
October 1998
FSTJ9055D INTERSIL-FSTJ9055D Datasheet
72Kb / 8P
Radiation Hardened, SEGR Resistant P-Channel Power MOSFETs
June 2000
FSTYC9055D INTERSIL-FSTYC9055D Datasheet
74Kb / 8P
Radiation Hardened, SEGR Resistant P-Channel Power MOSFETs
June 2000
FSYA9150D INTERSIL-FSYA9150D Datasheet
56Kb / 8P
Radiation Hardened, SEGR Resistant P-Channel Power MOSFETs
October 1998
FSYC055D INTERSIL-FSYC055D Datasheet
49Kb / 8P
Radiation Hardened, SEGR Resistant N-Channel Power MOSFETs
July 1998
FSYC9055D INTERSIL-FSYC9055D Datasheet
51Kb / 8P
Radiation Hardened, SEGR Resistant P-Channel Power MOSFETs
July 1999
FSYE430D INTERSIL-FSYE430D Datasheet
58Kb / 8P
Radiation Hardened, SEGR Resistant N-Channel Power MOSFETs
June 1999
FSYE913A0D INTERSIL-FSYE913A0D Datasheet
73Kb / 9P
Radiation Hardened, SEGR Resistant P-Channel Power MOSFETs
February 2000
FSYE923A0D INTERSIL-FSYE923A0D Datasheet
70Kb / 8P
Radiation Hardened, SEGR Resistant P-Channel Power MOSFETs
June 2000
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com