Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HA-5004 Datasheet (PDF) - Intersil Corporation

HA-5004 Datasheet PDF - Intersil Corporation
Part # HA-5004
Download  HA-5004 Download
File Size   503.78 Kbytes
Page   8 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description 100MHz Current Feedback Amplifier

HA-5004 Datasheet (PDF)

Go To PDF Page Download Datasheet
HA-5004 Datasheet PDF - Intersil Corporation

Part # HA-5004
Download  HA-5004 Click to download

File Size   503.78 Kbytes
Page   8 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description 100MHz Current Feedback Amplifier

HA-5004 Datasheet (HTML) - Intersil Corporation


HA-5004 Product details

The HA-5004 current feedback amplifier is a video/wideband amplifier optimized for low gain applications. The design is based on current-mode feedback which allows the amplifier to achieve higher closed loop bandwidth than voltage-mode feedback operational amplifiers. Since feedback is employed, the HA-5004 can offer better gain accuracy and lower distortion than open loop buffers. Unlike conventional op amps, the bandwidth and rise time of the HA-5004 are nearly independent of closed loop gain. The 100MHz bandwidth at unity gain reduces to only 65MHz at a gain of 10. The HA-5004 may be used in place of a conventional op amp with a significant improvement in speed power product.

Features
• Slew Rate . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 1200V/µs
• Output Current . . . . . . . . . . . . . . . . . . . . . . . . . . . ±100mA
• Drives . . . . . . . . . . . . . . . . . . . . . . . . . . . . . ±9V into 100Ω
• VSUPPLY. . . . . . . . . . . . . . . . . . . . . . . . . . . . . ±5V to ±18V
• Thermal Overload Protection and Output Flag
• Bandwidth Nearly Independent of Gain
• Output Enable/Disable

Applications
• Unity Gain Video/Wideband Buffer
• Video Gain Block
• High Speed Peak Detector
• Fiber Optic Transmitters
• Zero Insertion Loss Transmission Line Drivers
• Current to Voltage Converter
• Radar Systems




Similar Part No. - HA-5004

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HA-5004/883 INTERSIL-HA-5004/883 Datasheet
119Kb / 5P
100MHz Current Feedback Amplifier
July 1998
HA-5004883 INTERSIL-HA-5004883 Datasheet
119Kb / 5P
100MHz Current Feedback Amplifier
July 1998
More results


Similar Description - HA-5004

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HA-5020 INTERSIL-HA-5020 Datasheet
571Kb / 19P
100MHz Current Feedback Video Amplifier with Disable
August 2002
logo
Linear Technology
LT1223 LINER-LT1223 Datasheet
290Kb / 12P
100MHz Current Feedback Amplifier
logo
Intersil Corporation
EL2120 INTERSIL-EL2120 Datasheet
496Kb / 12P
100MHz Current Feedback Amplifier
January 1996
logo
Harris Corporation
HA5004 HARRIS-HA5004 Datasheet
503Kb / 8P
100MHz Current Feedback Amplifier
logo
Intersil Corporation
HA-5004883 INTERSIL-HA-5004883 Datasheet
119Kb / 5P
100MHz Current Feedback Amplifier
July 1998
HA-5020 INTERSIL-HA-5020_06 Datasheet
564Kb / 23P
100MHz Current Feedback Video Amplifier With Disable
June 5, 2006
logo
Linear Technology
LT1223 LINER-LT1223_05 Datasheet
248Kb / 16P
100MHz Current Feedback Amplifier
LT1228 LINER-LT1228_12 Datasheet
666Kb / 22P
100MHz Current Feedback
LT1223 LINER-LT1223_15 Datasheet
257Kb / 16P
100MHz Current Feedback Amplifier
logo
Intersil Corporation
HA3-5020-5Z INTERSIL-HA3-5020-5Z Datasheet
640Kb / 23P
100MHz Current Feedback Video Amplifier With Disable
August 11, 2015
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com