Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HA-5114 Datasheet (PDF) - Intersil Corporation

HA-5114 Datasheet PDF - Intersil Corporation
Part # HA-5114
Download  HA-5114 Download
File Size   32.9 Kbytes
Page   5 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description Quad, Low Noise, High Performance Uncompensated Operational Amplifier

HA-5114 Datasheet (PDF)

Go To PDF Page Download Datasheet
HA-5114 Datasheet PDF - Intersil Corporation

Part # HA-5114
Download  HA-5114 Click to download

File Size   32.9 Kbytes
Page   5 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description Quad, Low Noise, High Performance Uncompensated Operational Amplifier

HA-5114 Datasheet (HTML) - Intersil Corporation


HA-5114 Product details

Low noise and high performance are key words describing HA-5102, HA-5104 and HA-5114. These general purpose amplifiers offer an array of dynamic specifications ranging from a 3V/µs slew rate and 8MHz bandwidth (5102/04) to 20V/µs slew rate and 60MHz gain-bandwidth-product (HA-5114). Complementing these outstanding parameters is a very low noise specification of 4.3nV/√Hz at 1kHz.

Features
• Low Noise. . . . . . . . . . . . . . . . . . . . . . . . . . . . . 4.3nV/√Hz
• Bandwidth. . . . . . . . . . . . . . . . . . . . 8MHz (Compensated) 60MHz (Uncompensated)
• Slew Rate . . . . . . . . . . . . . . . . . . . . 3V/µs (Compensated) 20V/µs (Uncompensated)
• Low Offset Voltage . . . . . . . . . . . . . . . . . . . . . . . . . 0.5mV
• Available in Duals or Quads

Applications
• High Q, Active Filters
• Audio Amplifiers
• Instrumentation Amplifiers
• Integrators
• Signal Generators
• For Further Design Ideas, See Application Note AN554




Similar Part No. - HA-5114

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HA-5114 INTERSIL-HA-5114 Datasheet
498Kb / 16P
Dual and Quad, 8MHz and 60MHz, Low Noise Operational Amplifiers
April 1999
HA-5114883 INTERSIL-HA-5114883 Datasheet
417Kb / 5P
Quad, Low Noise, High Performance Uncompensated Operational Amplifier
September 2001
More results


Similar Description - HA-5114

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJM5534 NJRC-NJM5534 Datasheet
242Kb / 6P
HIGH PERFORMANCE LOW-NOISE OPERATIONAL AMPLIFIER?
logo
Intersil Corporation
HA-5104 INTERSIL-HA-5104 Datasheet
34Kb / 5P
Low Noise, High Performance, Quad Operational Amplifier
July 1994
HA-5112 INTERSIL-HA-5112 Datasheet
32Kb / 5P
Dual, Low Noise, High Performance Uncompensated Operational Amplifier
July 1994
HA-5101883 INTERSIL-HA-5101883 Datasheet
1Mb / 16P
Low Noise, High Performance Operational Amplifier
August 17, 2005
HA-5104883 INTERSIL-HA-5104883 Datasheet
98Kb / 5P
Low Noise, High Performance, Quad Operational Amplifier
April 2002
HA-5112883 INTERSIL-HA-5112883 Datasheet
101Kb / 5P
Dual, Low Noise, High Performance Uncompensated Operational Amplifier
October 2004
HA-5114883 INTERSIL-HA-5114883 Datasheet
417Kb / 5P
Quad, Low Noise, High Performance Uncompensated Operational Amplifier
September 2001
logo
STMicroelectronics
MC33079 STMICROELECTRONICS-MC33079_08 Datasheet
142Kb / 12P
Low noise quad operational amplifier
13-Mar-2008
logo
New Japan Radio
NJM5534DD NJRC-NJM5534DD Datasheet
174Kb / 6P
HIGH PERFORMANCE LOW-NOISE OPERATIONAL AMPLIFIER
logo
Fairchild Semiconductor
RC5534AN FAIRCHILD-RC5534AN Datasheet
85Kb / 11P
High Performance Low Noise Operational Amplifier
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com