Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HA-5137 Datasheet (PDF) - Intersil Corporation

HA-5137 Datasheet PDF - Intersil Corporation
Part # HA-5137
Download  HA-5137 Download
File Size   100.6 Kbytes
Page   8 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description 60MHz, Ultra Low Noise, Precision Operational Amplifier

HA-5137 Datasheet (PDF)

Go To PDF Page Download Datasheet
HA-5137 Datasheet PDF - Intersil Corporation

Part # HA-5137
Download  HA-5137 Click to download

File Size   100.6 Kbytes
Page   8 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description 60MHz, Ultra Low Noise, Precision Operational Amplifier

HA-5137 Datasheet (HTML) - Intersil Corporation


HA-5137 Product details

Description

The HA-5137/883 monolithic operational amplifier features an excellent combination of precision DC and wideband high speed characteristics. Utilizing the Intersil DI technology and advanced processing techniques, this unique design unites low noise precision instrumentation performance with high speed, wideband capability.

This amplifier’s impressive list of features include low VOS, wide gain-bandwidth, high open loop gain, and high CMRR. Additionally, this flexible device operates over a wide supply range while consuming only 120mW of power.



Features

• This Circuit is Processed in Accordance to MIL-STD-883 and is Fully Conformant Under the Provisions of Paragraph 1.2.1.

• High Slew Rate. . . . . . . . . . . . . . . . . . . . . . 14V/µs (Min)

• Wide Gain Bandwidth (AV ≥ 5) . . . . . . . . . 60MHz (Min)

• Low Noise (at 1kHz). . . . . . . . . . . . . . . 4.5nV/√Hz (Max)

• Low Offset Voltage. . . . . . . . . . . . . . . . . . . .100µV (Max)

• Low Offset Drift With Temperature. . . . 1.8µV/oC (Max)

• High CMRR . . . . . . . . . . . . . . . . . . . . . . . . . . 100dB (Min)

• High Voltage Gain . . . . . . . . . . . . . . . . . . 700kV/V (Min)



Applications

• High Speed Signal Conditioners

• Wide Bandwidth Instrumentation Amplifiers

• Low Level Transducer Amplifiers

• Fast, Low Level Voltage Comparators

• Highest Quality Audio Preamplifiers

• Pulse/RF Amplifiers



 




Similar Part No. - HA-5137

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HA-5137A INTERSIL-HA-5137A Datasheet
534Kb / 9P
63MHz, Ultra-Low Noise Precision Operational Amplifier
April 2000
logo
Renesas Technology Corp
HA-5137A RENESAS-HA-5137A Datasheet
883Kb / 9P
63MHz, Ultra-Low Noise Precision Operational Amplifier
April 2000
More results


Similar Description - HA-5137

ManufacturerPart #DatasheetDescription
logo
Analog Devices
OP-27 AD-OP-27 Datasheet
703Kb / 12P
LOW NOISE, PRECISION OPERATIONAL AMPLIFIER
logo
Intersil Corporation
HA-5127 INTERSIL-HA-5127 Datasheet
570Kb / 9P
8.5MHz, Ultra-Low Noise Precision Operational Amplifier
September 1998
HA-5137A INTERSIL-HA-5137A Datasheet
534Kb / 9P
63MHz, Ultra-Low Noise Precision Operational Amplifier
April 2000
HA-5127883 INTERSIL-HA-5127883 Datasheet
124Kb / 5P
Ultra Low Noise, Precision Operational Amplifier
October 2004
HA-5127 INTERSIL-HA-5127_05 Datasheet
653Kb / 9P
8.5MHz, Ultra-Low Noise Precision Operational Amplifier
July 27, 2005
HA-5127883 INTERSIL-HA-5127883_06 Datasheet
193Kb / 6P
Ultra Low Noise, Precision Operational Amplifier
January 16, 2006
logo
Analog Devices
OP27 AD-OP27_06 Datasheet
428Kb / 20P
Low Noise, Precision Operational Amplifier
Rev. F
OP27CH AD-OP27CH Datasheet
429Kb / 20P
Low Noise, Precision Operational Amplifier
Rev. F
logo
Renesas Technology Corp
HA-5127 RENESAS-HA-5127 Datasheet
1Mb / 12P
8.5MHz, Ultra-Low Noise Precision Operational Amplifier
November 29, 2011
HA-5137A RENESAS-HA-5137A Datasheet
883Kb / 9P
63MHz, Ultra-Low Noise Precision Operational Amplifier
April 2000
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com