Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HA-5147 Datasheet (PDF) - Intersil Corporation

HA-5147 Datasheet PDF - Intersil Corporation
Part # HA-5147
Download  HA-5147 Download
File Size   559.05 Kbytes
Page   11 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description 120MHz, Ultra-Low Noise Precision Operational Amplifiers

HA-5147 Datasheet (PDF)

Go To PDF Page Download Datasheet
HA-5147 Datasheet PDF - Intersil Corporation

Part # HA-5147
Download  HA-5147 Click to download

File Size   559.05 Kbytes
Page   11 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description 120MHz, Ultra-Low Noise Precision Operational Amplifiers

HA-5147 Datasheet (HTML) - Intersil Corporation


HA-5147 Product details

The HA-5147 operational amplifier features an unparalleled combination of precision DC and wideband high speed characteristics. Utilizing the Intersil D. I. technology and advanced processing techniques, this unique design unites low noise (3.2nV/√Hz) precision instrumentation performance with high speed (35V/µs) wideband capability.

Features
• Slew Rate . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 35V/µs
• Wide Gain Bandwidth (AV ≥ 10) . . . . . . . . . . . . . . 120MHz
• Low Noise. . . . . . . . . . . . . . . . . . . . . . 3.2nV/√Hz at 1kHz
• Low VOS. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 30µV
• High CMRR . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 120dB
• High Gain . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 1500V/mV

Applications
• High Speed Signal Conditioners
• Wide Bandwidth Instrumentation Amplifiers
• Low Level Transducer Amplifiers
• Fast, Low Level Voltage Comparators
• Highest Quality Audio Preamplifiers
• Pulse/RF Amplifiers
• For Further Design Ideas See Application Note AN553




Similar Part No. - HA-5147

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HA-5147 INTERSIL-HA-5147 Datasheet
627Kb / 10P
120MHz, Ultra-Low Noise Precision Operational Amplifiers
July 12, 2006
logo
Renesas Technology Corp
HA-5147 RENESAS-HA-5147 Datasheet
757Kb / 11P
120MHz, Ultra-Low Noise Precision Operational Amplifiers
November 6, 2015
logo
Intersil Corporation
HA-5147/883 INTERSIL-HA-5147/883 Datasheet
390Kb / 9P
100MHz, Ultra Low Noise, Precision, High Slew Rate Operational Amplifier
June 1998
HA-5147883 INTERSIL-HA-5147883 Datasheet
390Kb / 9P
100MHz, Ultra Low Noise, Precision, High Slew Rate Operational Amplifier
June 1998
HA-5147 INTERSIL-HA-5147_06 Datasheet
627Kb / 10P
120MHz, Ultra-Low Noise Precision Operational Amplifiers
July 12, 2006
More results


Similar Description - HA-5147

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TS524 STMICROELECTRONICS-TS524 Datasheet
128Kb / 5P
PRECISION LOW NOISE QUAD OPERATIONAL AMPLIFIERS
Sep-1997
logo
Burr-Brown (TI)
OPA227 BURR-BROWN-OPA227 Datasheet
738Kb / 25P
High Precision, Low Noise OPERATIONAL AMPLIFIERS
logo
National Semiconductor ...
LH0044 NSC-LH0044 Datasheet
220Kb / 8P
PRECISION LOW NOISE OPERATIONAL AMPLIFIERS
logo
Burr-Brown (TI)
OPA27 BURR-BROWN-OPA27 Datasheet
368Kb / 18P
Ultra-Low Noise, Precision OPERATIONAL AMPLIFIERS
logo
Intersil Corporation
HA-5147 INTERSIL-HA-5147_06 Datasheet
627Kb / 10P
120MHz, Ultra-Low Noise Precision Operational Amplifiers
July 12, 2006
logo
STMicroelectronics
TS524 STMICROELECTRONICS-TS524_01 Datasheet
309Kb / 8P
PRECISION LOW NOISE QUAD OPERATIONAL AMPLIFIERS
Oct-2001
logo
Texas Instruments
OPA27CZ TI-OPA27CZ Datasheet
956Kb / 22P
Ultra-Low Noise, Precision OPERATIONAL AMPLIFIERS
OPA37CJ TI1-OPA37CJ Datasheet
956Kb / 22P
Ultra-Low Noise, Precision OPERATIONAL AMPLIFIERS
OPA27FJ TI-OPA27FJ Datasheet
956Kb / 22P
Ultra-Low Noise, Precision OPERATIONAL AMPLIFIERS
logo
Renesas Technology Corp
HA-5147 RENESAS-HA-5147 Datasheet
757Kb / 11P
120MHz, Ultra-Low Noise Precision Operational Amplifiers
November 6, 2015
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com