Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HA-5190 Datasheet (PDF) - Intersil Corporation

HA-5190 Datasheet PDF - Intersil Corporation
Part # HA-5190
Download  HA-5190 Download
File Size   88.86 Kbytes
Page   8 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description 150MHz, Fast Settling Operational Amplifiers

HA-5190 Datasheet (PDF)

Go To PDF Page Download Datasheet
HA-5190 Datasheet PDF - Intersil Corporation

Part # HA-5190
Download  HA-5190 Click to download

File Size   88.86 Kbytes
Page   8 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description 150MHz, Fast Settling Operational Amplifiers

HA-5190 Datasheet (HTML) - Intersil Corporation


HA-5190 Product details

HA-5190/5195 are operational amplifiers featuring a combination of speed, precision, and bandwidth. Employing monolithic bipolar construction coupled with Dielectric Isolation, these devices are capable of delivering 200V/µs slew rate with a settling time of 70ns (0.1%, 5V output step). These truly differential amplifiers are designed to operate at gains ≥ 5 without the need for external compensation. Other outstanding HA-5190/5195 features are 150MHz gain bandwidth product and 6.5MHz full power bandwidth. In addition to these dynamic characteristics, these amplifiers also have excellent input characteristics such as 3mV offset voltage and 6.0nV/√Hz input voltage noise at 1kHz.



Features

• Fast Settling Time (0.1%) . . . . . . . . . . . . . . . . . . . . . 70ns

• Very High Slew Rate . . . . . . . . . . . . . . . . . . . . . . 200V/µs

• Wide Gain-Bandwidth (AV ≥ 5). . . . . . . . . . . . . . . 150MHz

• Full Power Bandwidth. . . . . . . . . . . . . . . . . . . . . . 6.5MHz

• Low Offset Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . 3mV

• Input Noise Voltage . . . . . . . . . . . . . . . . . . . . . . 6nV/√Hz

• Bipolar D.I. Construction



Applications

• Fast, Precise D/A Converters

• High Speed Sample-Hold Circuits

• Pulse and Video Amplifiers

• Wideband Amplifiers



 




Similar Part No. - HA-5190

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HA-5195 INTERSIL-HA-5195 Datasheet
318Kb / 9P
150MHz, Fast Settling Operational Amplifier
November 19, 2004
logo
Renesas Technology Corp
HA-5195 RENESAS-HA-5195 Datasheet
325Kb / 9P
150MHz, Fast Settling Operational Amplifier
November 19, 2004
logo
Intersil Corporation
HA-5195 INTERSIL-HA-5195_04 Datasheet
318Kb / 9P
150MHz, Fast Settling Operational Amplifier
November 19, 2004
More results


Similar Description - HA-5190

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
CLC200 NSC-CLC200 Datasheet
392Kb / 6P
Fast Settling, Wideband Operational Amplifiers
LM6118 NSC-LM6118 Datasheet
836Kb / 13P
Fast Settling Dual Operational Amplifiers
logo
Analog Devices
HOS-050 AD-HOS-050 Datasheet
1Mb / 6P
Fast Settling Video Operational Amplifier
logo
Intersil Corporation
HA-2540 INTERSIL-HA-2540 Datasheet
518Kb / 7P
400MHz, Fast Settling Operational Amplifier
September 1998
logo
Maxim Integrated Produc...
MX3554 MAXIM-MX3554 Datasheet
241Kb / 6P
Wideband Fast-Settling Operational Amplifier
Rev 1; 9/95
logo
Intersil Corporation
HA-2540 INTERSIL-HA-2540_03 Datasheet
548Kb / 8P
400MHz, Fast Settling Operational Amplifier
July 2003
HA-5195 INTERSIL-HA-5195_04 Datasheet
318Kb / 9P
150MHz, Fast Settling Operational Amplifier
November 19, 2004
logo
Analog Devices
HOS-050 AD-HOS-050_15 Datasheet
2Mb / 7P
FAST SETTLING VIDEO OPERATIONAL AMPLIFIERS
logo
Texas Instruments
LM6118 TI1-LM6118 Datasheet
888Kb / 15P
Fast Settling Dual Operational Amplifiers
logo
Renesas Technology Corp
HA-5195 RENESAS-HA-5195 Datasheet
325Kb / 9P
150MHz, Fast Settling Operational Amplifier
November 19, 2004
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com