Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HA4344B Datasheet (PDF) - Intersil Corporation

HA4344B Datasheet PDF - Intersil Corporation
Part # HA4344B
Download  HA4344B Download
File Size   35.59 Kbytes
Page   4 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description 350MHz, 4 x 1 Video Crosspoint Switch with Synchronous Controls

HA4344B Datasheet (PDF)

Go To PDF Page Download Datasheet
HA4344B Datasheet PDF - Intersil Corporation

Part # HA4344B
Download  HA4344B Click to download

File Size   35.59 Kbytes
Page   4 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description 350MHz, 4 x 1 Video Crosspoint Switch with Synchronous Controls

HA4344B Datasheet (HTML) - Intersil Corporation


HA4344B Product details

The HA4344B is a very wide bandwidth 4x1 crosspoint switch ideal for professional video switching, HDTV, computer display routing, and other high performance applications. This circuit features very low power dissipation, excellent differential gain and phase, high off isolation, symmetric slew rates, fast switching, and latched control signals. When disabled, the output is switched to a high impedance state, making the HA4344B ideal for matrix routers.

Features
• Low Power Dissipation. . . . . . . . . . . . . . . . . . . . . .105mW
• Symmetrical Slew Rates . . . . . . . . . . . . . . . . . . 1400V/μs
• 0.1dB Gain Flatness. . . . . . . . . . . . . . . . . . . . . . . 100MHz
• -3dB Bandwidth . . . . . . . . . . . . . . . . . . . . . . . . . . 350MHz
• Off Isolation (100MHz) . . . . . . . . . . . . . . . . . . . . . . . .70dB
• Crosstalk Rejection (30MHz) . . . . . . . . . . . . . . . . . . .80dB
• Differential Gain and Phase . . . . . . . . . . . . . . 0.01%/0.01°
• High ESD Rating . . . . . . . . . . . . . . . . . . . . . . . . . .>2000V
• TTL Compatible Control Signals
• Latched Control Lines for Synchronous Switching
• Pb-Free Plus Anneal Available (RoHS Compliant)

Applications
• Professional Video Switching and Routing
• RGB Video Distribution Systems
• Computer Graphics
• RF Switching and Routing




Similar Part No. - HA4344B

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HA4344B INTERSIL-HA4344B Datasheet
100Kb / 4P
350MHz, 4x1 Video Crosspoint Switch with Synchronous Controls
June 1, 2006
logo
Renesas Technology Corp
HA4344B RENESAS-HA4344B Datasheet
293Kb / 4P
350MHz, 4x1 Video Crosspoint Switch with Synchronous Controls
logo
Intersil Corporation
HA4344BCB INTERSIL-HA4344BCB Datasheet
100Kb / 4P
350MHz, 4x1 Video Crosspoint Switch with Synchronous Controls
June 1, 2006
logo
Renesas Technology Corp
HA4344BCB RENESAS-HA4344BCB Datasheet
293Kb / 4P
350MHz, 4x1 Video Crosspoint Switch with Synchronous Controls
logo
Intersil Corporation
HA4344BCBZ INTERSIL-HA4344BCBZ Datasheet
100Kb / 4P
350MHz, 4x1 Video Crosspoint Switch with Synchronous Controls
June 1, 2006
More results


Similar Description - HA4344B

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HA4201 INTERSIL-HA4201 Datasheet
79Kb / 7P
480MHz, 1 x 1 Video Crosspoint Switch with Tally Output
September 1998
HA4314B INTERSIL-HA4314B Datasheet
127Kb / 10P
400MHz, 4 x 1 Video Crosspoint Switch
January 1999
HA4404B INTERSIL-HA4404B Datasheet
95Kb / 9P
330MHz, 4 x 1 Video Crosspoint Switch with Tally Outputs
July 1998
ISL59444 INTERSIL-ISL59444 Datasheet
579Kb / 11P
1GHz, 4 x 1 Multiplexing Amplifier with Synchronous Controls
September 21, 2005
HA4244 INTERSIL-HA4244 Datasheet
145Kb / 6P
480MHz, 1 x 1 Video Crosspoint Switch with Synchronous Enable
September 1998
logo
Analog Devices
AD8117 AD-AD8117 Datasheet
469Kb / 32P
Video Crosspoint Switch Video Crosspoint Switch
logo
Intersil Corporation
HA4404B INTERSIL-HA4404B_03 Datasheet
282Kb / 9P
330MHz, 4 x 1 Video Crosspoint Switch with Tally Outputs
June 2003
HA4344B INTERSIL-HA4344B_06 Datasheet
100Kb / 4P
350MHz, 4x1 Video Crosspoint Switch with Synchronous Controls
June 1, 2006
logo
Renesas Technology Corp
HA4344B RENESAS-HA4344B Datasheet
293Kb / 4P
350MHz, 4x1 Video Crosspoint Switch with Synchronous Controls
HA4404B RENESAS-HA4404B Datasheet
531Kb / 9P
330MHz, 4 x 1 Video Crosspoint Switch With Tally Outputs
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com