Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HA5022 Datasheet (PDF) - Intersil Corporation

HA5022 Datasheet PDF - Intersil Corporation
Part # HA5022
Download  HA5022 Download
File Size   169.51 Kbytes
Page   16 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description Dual, 125MHz, Video Current Feedback Amplifier with Disable

HA5022 Datasheet (PDF)

Go To PDF Page Download Datasheet
HA5022 Datasheet PDF - Intersil Corporation

Part # HA5022
Download  HA5022 Click to download

File Size   169.51 Kbytes
Page   16 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description Dual, 125MHz, Video Current Feedback Amplifier with Disable

HA5022 Datasheet (HTML) - Intersil Corporation


HA5022 Product details

The HA5022 is a dual version of the popular Intersil HA5020. It features wide bandwidth and high slew rate, and is optimized for video applications and gains between 1 and 10. It is a current feedback amplifier and thus yields less bandwidth degradation at high closed loop gains than voltage feedback amplifiers.

Features
• Dual Version of HA-5020
• Individual Output Enable/Disable
• Input Offset Voltage . . . . . . . . . . . . . . . . . . . . . . . . .800µV
• Wide Unity Gain Bandwidth . . . . . . . . . . . . . . . . . 125MHz
• Slew Rate. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 475V/µs
• Differential Gain . . . . . . . . . . . . . . . . . . . . . . . . . . . 0.03%
• Differential Phase. . . . . . . . . . . . . . . . . . . . . 0.03 Degrees
• Supply Current (per Amplifier) . . . . . . . . . . . . . . . . 7.5mA
• ESD Protection. . . . . . . . . . . . . . . . . . . . . . . . . . . . 4000V
• Guaranteed Specifications at ±5V Supplies

Applications
• Video Multiplexers; Video Switching and Routing
• Video Gain Block
• Video Distribution Amplifier/RGB Amplifier
• Flash A/D Driver
• Current to Voltage Converter
• Medical Imaging
• Radar and Imaging Systems




Similar Part No. - HA5022

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HA5022 INTERSIL-HA5022 Datasheet
429Kb / 17P
Dual, 125MHz, Video Current Feedback Amplifier with Disable
May 2003
logo
Renesas Technology Corp
HA5022 RENESAS-HA5022 Datasheet
865Kb / 16P
Dual, 125MHz, Video Current Feedback Amplifier with Disable
May 2003
logo
Intersil Corporation
HA5022EVAL INTERSIL-HA5022EVAL Datasheet
248Kb / 14P
Dual, 420MHz, Low Power, Video, Current Feedback Operational Amplifier with Disable
February 1999
HA5022EVAL INTERSIL-HA5022EVAL Datasheet
429Kb / 17P
Dual, 125MHz, Video Current Feedback Amplifier with Disable
May 2003
HA5022EVAL INTERSIL-HA5022EVAL Datasheet
542Kb / 14P
Dual, 420MHz, Low Power, Video, Current Feedback Operational Amplifier with Disable
July 2004
More results


Similar Description - HA5022

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HA5023 INTERSIL-HA5023 Datasheet
136Kb / 14P
Dual 125MHz Video Current Feedback Amplifier
September 1998
HA5024 INTERSIL-HA5024 Datasheet
177Kb / 16P
Quad 125MHz Video Current Feedback Amplifier with Disable
September 1998
HA5025 INTERSIL-HA5025 Datasheet
150Kb / 13P
Quad, 125MHz Video Current Feedback Amplifier
September 1998
HA5023883 INTERSIL-HA5023883 Datasheet
813Kb / 19P
Dual 125MHz Video Current Feedback Amplifier
January 1995
HA5022 INTERSIL-HA5022_03 Datasheet
429Kb / 17P
Dual, 125MHz, Video Current Feedback Amplifier with Disable
May 2003
HA5023 INTERSIL-HA5023_06 Datasheet
360Kb / 16P
Dual 125MHz Video Current Feedback Amplifier
June 2, 2006
HA5024 INTERSIL-HA5024_06 Datasheet
415Kb / 16P
Quad 125MHz Video Current Feedback Amplifier with Disable
February 8, 2006
HA5025 INTERSIL-HA5025_03 Datasheet
336Kb / 15P
Quad, 125MHz Video Current Feedback Amplifier
May 2003
HA5023IPZ INTERSIL-HA5023IPZ Datasheet
435Kb / 17P
Dual 125MHz Video Current Feedback Amplifier
September 30, 2015
logo
Renesas Technology Corp
HA5022 RENESAS-HA5022 Datasheet
865Kb / 16P
Dual, 125MHz, Video Current Feedback Amplifier with Disable
May 2003
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com