Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AR18-HGL-TT-R Datasheet (PDF) - Assmann Electronics Inc.

AR18-HGL-TT-R Datasheet PDF - Assmann Electronics Inc.
Part # AR18-HGL-TT-R
Download  AR18-HGL-TT-R Download
File Size   333.33 Kbytes
Page   1 Pages
Manufacturer  ASSMANN [Assmann Electronics Inc.]
Direct Link  http://www.assmann.us
Logo ASSMANN - Assmann Electronics Inc.
Description IC-Socket, 18 Pin, Machined Contact

AR18-HGL-TT-R Datasheet (PDF)

Go To PDF Page Download Datasheet
AR18-HGL-TT-R Datasheet PDF - Assmann Electronics Inc.

Part # AR18-HGL-TT-R
Download  AR18-HGL-TT-R Click to download

File Size   333.33 Kbytes
Page   1 Pages
Manufacturer  ASSMANN [Assmann Electronics Inc.]
Direct Link  http://www.assmann.us
Logo ASSMANN - Assmann Electronics Inc.
Description IC-Socket, 18 Pin, Machined Contact

AR18-HGL-TT-R Datasheet (HTML) - Assmann Electronics Inc.




Similar Part No. - AR18-HGL-TT-R

ManufacturerPart #DatasheetDescription
logo
Assmann Electronics Inc...
AR18-HGW-T-R ASSMANN-AR18-HGW-T-R Datasheet
287Kb / 1P
IDC-Socket, 18 Pin, Wire Wrap
More results


Similar Description - AR18-HGL-TT-R

ManufacturerPart #DatasheetDescription
logo
Assmann Electronics Inc...
AR14-HZL01-TT-R ASSMANN-AR14-HZL01-TT-R Datasheet
340Kb / 1P
TITLE IC-Socket, 14pin, Machined Contacts
logo
Emerson Network Power
105-0854-001 EMERSON-NETWORKPOWER-105-0854-001 Datasheet
363Kb / 1P
Insulated: Machined Contact
logo
Assmann Electronics Inc...
AR06-HGL-TT-R ASSMANN-AR06-HGL-TT-R Datasheet
343Kb / 1P
IC-Socket, 6 Pin, Machined Contact
AR14-HGL-TT-R ASSMANN-AR14-HGL-TT-R Datasheet
333Kb / 1P
IC-Socket, 14 Pin, Machined Contact
AR24-HGL-7-TT-R ASSMANN-AR24-HGL-7-TT-R Datasheet
345Kb / 1P
IC-SOCKET, 24PIN, MACHINED CONTACTS
AR28-HGL-TT-R ASSMANN-AR28-HGL-TT-R Datasheet
327Kb / 1P
IC-Socket, 28 Pin, Machined Contact
AR40-HGL-TT-R ASSMANN-AR40-HGL-TT-R Datasheet
340Kb / 1P
IC-SOCKET, 40PIN, MACHINED CONTACTS
logo
TE Connectivity Ltd
C-2213265 TEC-C-2213265 Datasheet
170Kb / 1P
MACHINED SOCKET CONTACT NECTOR M-LINE
C-2213266 TEC-C-2213266 Datasheet
158Kb / 1P
MACHINED PIN CONTACT NECTOR M-LINE
C-2213656 TEC-C-2213656 Datasheet
170Kb / 1P
MACHINED SOCKET CONTACT NECTOR* M-LINE-SEALED
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com