Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HC-5509B Datasheet (PDF) - Intersil Corporation

HC-5509B Datasheet PDF - Intersil Corporation
Part # HC-5509B
Download  HC-5509B Download
File Size   105.88 Kbytes
Page   10 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description SLIC Subscriber Line Interface Circuit

HC-5509B Datasheet (PDF)

Go To PDF Page Download Datasheet
HC-5509B Datasheet PDF - Intersil Corporation

Part # HC-5509B
Download  HC-5509B Click to download

File Size   105.88 Kbytes
Page   10 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description SLIC Subscriber Line Interface Circuit

HC-5509B Datasheet (HTML) - Intersil Corporation


HC-5509B Product details

The HC-5509B telephone Subscriber Line Interface Circuit integrates most of the BORSCHT functions on a monolithic IC. The device is manufactured in a Dielectric Isolation (DI) process and is designed for use as a high voltage interface between the traditional telephone subscriber pair (Tip and Ring) and the low voltage filtering and coding/decoding functions of the line card. Together with a secondary protection diode bridge and “feed” resistors, the device will withstand 1000V lightning induced surges, in plastic packages.

Features
• DI Monolithic High Voltage Process
• Compatible with Worldwide PBX and CO Performance Requirements
• Controlled Supply of Battery Feed Current with Programmable Current Limit
• Operates with 5V Positive Supply (VB+)
• Internal Ring Relay Driver and a Utility Relay Driver
• High Impedance Mode for Subscriber Loop
• High Temperature Alarm Output
• Low Power Consumption During Standby Functions
• Switch Hook, Ground Key, and Ring Trip Detection
• Selective Power Denial to Subscriber
• Voice Path Active During Power Denial
• On-Chip Op Amp for 2-Wire Impedance Matching

Applications
• Solid State Line Interface Circuit for PBX or Central Office Systems, Digital Loop Carrier Systems
• Hotel/Motel Switching Systems
• Direct Inward Dialing (DID) Trunks
• Voice Messaging PBXs
• High Voltage 2-Wire/4-Wire, 4-Wire/2-Wire Hybrid
• Related Literature
    - AN9607, Impedance Matching Design Equations
    - AN9628, AC Voltage Gain
    - AN9608, Implementing Pulse Metering
    - AN549, The HC-5502S/4X Telephone Subscriber Line Interface Circuits (SLIC)




Similar Part No. - HC-5509B

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HC-5509B INTERSIL-HC-5509B Datasheet
528Kb / 9P
ITU CO/Loop Carrier SLIC
August 2003
HC-5509B3999-003 INTERSIL-HC-5509B3999-003 Datasheet
257Kb / 10P
SLIC Subscriber Line Interface Circuit
July 2003
HC-5509B INTERSIL-HC-5509B_03 Datasheet
528Kb / 9P
ITU CO/Loop Carrier SLIC
August 2003
More results


Similar Description - HC-5509B

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HC-5502B1 INTERSIL-HC-5502B1 Datasheet
132Kb / 12P
SLIC Subscriber Line Interface Circuit
April 1999
HC5509A1R3060 INTERSIL-HC5509A1R3060 Datasheet
61Kb / 10P
SLIC Subscriber Line Interface Circuit
June 1997
HC5521 INTERSIL-HC5521 Datasheet
15Kb / 1P
SLIC Subscriber Line Interface Circuit
January 1997
logo
Harris Corporation
HC5519 HARRIS-HC5519 Datasheet
23Kb / 1P
SLIC Subscriber Line Interface Circuit
logo
Intersil Corporation
HC-5504DLC INTERSIL-HC-5504DLC Datasheet
265Kb / 9P
SLIC Subscriber Line Interface Circuit
May 1997
HC-5509A1 INTERSIL-HC-5509A1 Datasheet
257Kb / 10P
SLIC Subscriber Line Interface Circuit
May 1997
logo
List of Unclassifed Man...
HM9903C ETC1-HM9903C Datasheet
267Kb / 1P
HM9903C SLIC(Subscriber Line Interface Circuit)
logo
Zarlink Semiconductor I...
MH88612B ZARLINK-MH88612B Datasheet
163Kb / 10P
Subscriber Line Interface Circuit (SLIC)
logo
Intersil Corporation
HC-5509B3999-003 INTERSIL-HC-5509B3999-003 Datasheet
257Kb / 10P
SLIC Subscriber Line Interface Circuit
July 2003
logo
Gunter Seniconductor Gm...
TFB3869 GSG-TFB3869 Datasheet
136Kb / 14P
Subscriber Line Interface Circuit (SLIC)
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com