Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HC-55564 Datasheet (PDF) - Harris Corporation

HC-55564 Datasheet PDF - Harris Corporation
Part # HC-55564
Download  HC-55564 Download
File Size   69.62 Kbytes
Page   9 Pages
Manufacturer  HARRIS [Harris Corporation]
Direct Link  http://www.harris.com
Logo HARRIS - Harris Corporation
Description Continuously Variable Slope Delta-Modulator (CVSD)

HC-55564 Datasheet (PDF)

Go To PDF Page Download Datasheet
HC-55564 Datasheet PDF - Harris Corporation

Part # HC-55564
Download  HC-55564 Click to download

File Size   69.62 Kbytes
Page   9 Pages
Manufacturer  HARRIS [Harris Corporation]
Direct Link  http://www.harris.com
Logo HARRIS - Harris Corporation
Description Continuously Variable Slope Delta-Modulator (CVSD)

HC-55564 Datasheet (HTML) - Harris Corporation


HC-55564 Product details

Description
The HC-55564 is a half duplex modulator/demodulator CMOS intergrated circuit used to convert voice signals into serial NRZ digital data and to reconvert that data into voice. The conversion is by delta-modulation, using the Continuously Variable Slope (CVSD) method of modulation/demodulation.

Features
• All Digital
• Requires Few External Parts
• Low Power Drain: 1.5mW Typical From Single 4.5V To 6V Supply
• Time Constants Determined by Clock Frequency; No Calibration or Drift Problems: Automatic Offset Adjustment
• Half Duplex Operation Under Digital Control
• Filter Reset Under Digital Control
• Automatic Overload Recovery
• Automatic “Quiet” Pattern Generation
• AGC Control Signal Available

Applications
• Voice Transmission Over Data Channels (Modems)
• Voice/Data Multiplexing (Pair Gain)
• Voice Encryption/Scrambling
• Voicemail
• Audio Manipulations: Delay Lines, Time Compression, Echo Generation/Suppression, Special Effects, etc.
• Pagers/Satellites
• Data Acquisition Systems
• Voice I/O for Digital Systems and Speech Synthesis Requiring Small Size, Low Weight, and Ease of Reprogrammability
• Related Literature - AN607, Delta Modulation for Voice Transmission




Similar Part No. - HC-55564

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HC-55564/883 INTERSIL-HC-55564/883 Datasheet
127Kb / 5P
Continuously Variable Slope Delta-Modulator (CVSD)
October 1999
HC-55564883 INTERSIL-HC-55564883 Datasheet
127Kb / 5P
Continuously Variable Slope Delta-Modulator (CVSD)
October 1999
More results


Similar Description - HC-55564

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HC-55536 INTERSIL-HC-55536 Datasheet
13Kb / 1P
Continuously Variable Slope Delta-Demodulator (CVSD)
March 1993
logo
List of Unclassifed Man...
FX-309 ETC-FX-309 Datasheet
359Kb / 8P
CONTINUOUSLY VARIABLE SLOPE DELTA MODULATION
logo
Intersil Corporation
HC-55564883 INTERSIL-HC-55564883 Datasheet
127Kb / 5P
Continuously Variable Slope Delta-Modulator (CVSD)
October 1999
logo
Motorola, Inc
MC34115 MOTOROLA-MC34115 Datasheet
362Kb / 16P
CONTINUOUSLY VARIABLE SLOPE DELTA MODULATOR/DEMODULATOR
logo
Advanced Technical Mate...
AF064-10 ATM-AF064-10 Datasheet
127Kb / 1P
CONTINUOUSLY VARIABLE ATTENUATORS
logo
JDS Uniphase Corporatio...
VSA-0CNHC10NC JDSU-VSA-0CNHC10NC Datasheet
134Kb / 3P
Variable Slope Attenuators
logo
CML Microcircuits
FX-309 CMLMICRO-FX-309 Datasheet
362Kb / 8P
CONTINUOUSLY VARIABLE SLOPE DELTA MODULATION
logo
Analog Devices
AD7401 AD-AD7401_15 Datasheet
347Kb / 20P
Isolated Sigma-Delta Modulator
REV. D
AD7401A AD-AD7401A_V01 Datasheet
551Kb / 20P
Isolated Sigma-Delta Modulator
Rev. D
logo
Qualwave Inc. All right...
QCA1 QUALWAVE-QCA1 Datasheet
144Kb / 1P
Continuously Variable Attenuators
More results




About Harris Corporation


Harris Corporation was a Florida-based technology company that specialized in communications and information technology. The company was founded in 1895 and went through several iterations over the years, including mergers and acquisitions.

In 2019, Harris Corporation merged with L3 Technologies to form L3Harris Technologies, which is now one of the largest defense companies in the world. The company provides a wide range of products and services in the areas of aerospace, defense, communications, and intelligence.

Some of Harris Corporation's previous areas of focus included tactical radios, satellite communications systems, air traffic control systems, and cybersecurity solutions. The company's customers included the U.S. military, government agencies, and commercial organizations around the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com