Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPC1675G Datasheet (PDF) - NEC

UPC1675G Datasheet PDF - NEC
Part # UPC1675G
Download  UPC1675G Download
File Size   42.81 Kbytes
Page   8 Pages
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC
Description GENERAL PURPOSE WIDE BNAD AMPLIFIER

UPC1675G Datasheet (PDF)

Go To PDF Page Download Datasheet
UPC1675G Datasheet PDF - NEC

Part # UPC1675G
Download  UPC1675G Click to download

File Size   42.81 Kbytes
Page   8 Pages
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC
Description GENERAL PURPOSE WIDE BNAD AMPLIFIER

UPC1675G Datasheet (HTML) - NEC


UPC1675G Product details

DESCRIPTION
The µPC1675G is a silicon monolithic integrated circuit employing small package (4pins mini mold) and designed for use as a wide bnad amplifier convers from HF band to UHF band.

FEATURES
• Excellent frequency response : 1.9GHz TYP.
  @ 3dB down below flat gain.
• High isolation.
• Super small package.
• Uni- and low voltage operation : VCC= 5 V
• Input and output matching 50Ω.




Similar Part No. - UPC1675G

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
UPC1675G RENESAS-UPC1675G Datasheet
203Kb / 10P
BIPOLAR ANALOG INTEGRATED CIRCUIT
1989
More results


Similar Description - UPC1675G

ManufacturerPart #DatasheetDescription
logo
NEC
UPC1676G NEC-UPC1676G Datasheet
42Kb / 8P
GENERAL PURPOSE WIDE BNAD AMPLIFIER
logo
RF Micro Devices
RF2043 RFMD-RF2043 Datasheet
68Kb / 6P
GENERAL PURPOSE AMPLIFIER
RF2047 RFMD-RF2047 Datasheet
68Kb / 6P
GENERAL PURPOSE AMPLIFIER
RF2307 RFMD-RF2307 Datasheet
59Kb / 4P
GENERAL PURPOSE AMPLIFIER
RF2308 RFMD-RF2308 Datasheet
59Kb / 4P
GENERAL PURPOSE AMPLIFIER
logo
NEC
UPC1676P NEC-UPC1676P Datasheet
42Kb / 8P
GENERAL PURPOSE WIDE BNAD AMPLIFIER
logo
RF Micro Devices
RF3396 RFMD-RF3396 Datasheet
160Kb / 10P
GENERAL PURPOSE AMPLIFIER
RF2334 RFMD-RF2334_03 Datasheet
177Kb / 8P
GENERAL PURPOSE AMPLIFIER
RF2044A RFMD-RF2044A Datasheet
147Kb / 8P
GENERAL PURPOSE AMPLIFIER
logo
ON Semiconductor
MMBT3416LT3G ONSEMI-MMBT3416LT3G_16 Datasheet
286Kb / 7P
General Purpose Amplifier
October, 2016 ??Rev. 3
More results




About NEC


NEC Corporation is a Japanese multinational information technology and electronics company. The company was founded in 1899 and is headquartered in Tokyo, Japan. NEC provides a wide range of products and services including information technology, telecommunications, and electronics. Its portfolio includes computer hardware, software, and services, network solutions, display solutions, and enterprise servers and storage solutions.

NEC is known for its expertise in the field of information technology and its ability to deliver innovative and high-quality products and services. The company has operations and facilities in various countries across the world and has a strong presence in the Asia-Pacific region. NEC works closely with its customers to provide customized solutions that meet their specific requirements and needs.

In addition to its core business, NEC is also active in the fields of research and development, and is involved in various projects related to advanced technologies such as artificial intelligence, 5G networks, and the Internet of Things (IoT). NEC is committed to delivering sustainable solutions that support the development of society and improve the quality of life for people around the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com