Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HC5517B Datasheet (PDF) - Intersil Corporation

HC5517B Datasheet PDF - Intersil Corporation
Part # HC5517B
Download  HC5517B Download
File Size   88.34 Kbytes
Page   11 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description Low Cost 3 REN Ringing SLIC for ISDN Modem/TA and WL

HC5517B Datasheet (PDF)

Go To PDF Page Download Datasheet
HC5517B Datasheet PDF - Intersil Corporation

Part # HC5517B
Download  HC5517B Click to download

File Size   88.34 Kbytes
Page   11 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description Low Cost 3 REN Ringing SLIC for ISDN Modem/TA and WL

HC5517B Datasheet (HTML) - Intersil Corporation


HC5517B Product details

The HC5517B low cost, 3 REN ringing SLIC is designed to accommodate a wide variety of short loop applications and provides the same degree of flexibility as the high performance HC5517. The flexible features include open circuit tip to ring DC voltages, user defined ringing waveforms, ring trip detection thresholds, and loop current limits that can be tailored for many applications. Additional features of the HC5517B are complex impedance matching, pulse metering, and transhybrid balance. The HC5517B is designed for use in short loop, low cost systems where traditional ring generation is not economically feasible.

Features
• Load Drive Capability . . . . . . . . . . . . . . . . . . . . . . . 3 REN
• Trapezoidal, Square or Sine Wave Capability
• Ringing from -80V Battery . . . . . . . . . . . . . . . . . . . 75VP-P
• Ringing from -75V Battery . . . . . . . . . . . . . . . . . . . 70VP-P
• Ringing Current Independent of Loop Current Setting
• Ringing Crest Factor Independent of REN Loading
• Latchup Immune to Inductive Kick Back and Hot Plug
• Fax, Answering Machine and MTU Compatible
• Resistive and Complex Impedance Matching
• Programmable Loop Current Limit
• Switch Hook, Ring Trip and Ground Key Detection
• Single Low Voltage +5V Supply

Applications
• Solid State Line Interface Circuit for Hybrid Fiber Coax, Set Top Box, Voice/Data Modems
• Related Literature
    - AN9607, Impedance Matching Design Equations
    - AN9628, AC Voltage Gain
    - AN9636, Implementing an Analog Port for ISDN
    - AN549, The HC-5502/4X Telephone SLIC




Similar Part No. - HC5517B

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HC5517 INTERSIL-HC5517 Datasheet
175Kb / 18P
3 REN Ringing SLIC For ISDN Modem/TA and WLL
July 1998
HC55171 INTERSIL-HC55171 Datasheet
153Kb / 18P
5 REN Ringing SLIC for ISDN Modem/TA and WLL
July 1998
HC55171B INTERSIL-HC55171B Datasheet
87Kb / 11P
Low Cost 5 REN Ringing SLIC for ISDN Modem/TA and WL
July 1998
HC55171BIB INTERSIL-HC55171BIB Datasheet
87Kb / 11P
Low Cost 5 REN Ringing SLIC for ISDN Modem/TA and WL
July 1998
HC55171BIM INTERSIL-HC55171BIM Datasheet
87Kb / 11P
Low Cost 5 REN Ringing SLIC for ISDN Modem/TA and WL
July 1998
More results


Similar Description - HC5517B

ManufacturerPart #DatasheetDescription
logo
Agere Systems
L8560 AGERE-L8560 Datasheet
842Kb / 46P
Low-Power SLIC with Ringing
April 2000
L9214A AGERE-L9214A Datasheet
790Kb / 46P
Low-Cost Ringing SLIC
October 2001
logo
Intersil Corporation
HC5517 INTERSIL-HC5517 Datasheet
175Kb / 18P
3 REN Ringing SLIC For ISDN Modem/TA and WLL
July 1998
HC55171 INTERSIL-HC55171 Datasheet
153Kb / 18P
5 REN Ringing SLIC for ISDN Modem/TA and WLL
July 1998
HC55171B INTERSIL-HC55171B Datasheet
87Kb / 11P
Low Cost 5 REN Ringing SLIC for ISDN Modem/TA and WL
July 1998
ISL5586 INTERSIL-ISL5586 Datasheet
497Kb / 20P
Low Power Ringing SLIC for Home Gateways
June 2001
HC5517 INTERSIL-HC5517_00 Datasheet
416Kb / 19P
3 REN Ringing SLIC For ISDN Modem/TA and WLL
October 2000
HC55171 INTERSIL-HC55171_03 Datasheet
874Kb / 20P
5 REN Ringing SLIC for ISDN Modem/TA and WLL
August 2003
ISL5586 INTERSIL-ISL5586_04 Datasheet
584Kb / 20P
Low Power Ringing SLIC for Home Gateways
November 3, 2004
logo
Renesas Technology Corp
ISL5586 RENESAS-ISL5586 Datasheet
993Kb / 20P
Low Power Ringing SLIC for Home Gateways
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com