Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HCS160K Datasheet (PDF) - Intersil Corporation

HCS160K Datasheet PDF - Intersil Corporation
Part # HCS160K
Download  HCS160K Download
File Size   120.05 Kbytes
Page   9 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description Radiation Hardened BCD Decade Synchronous Counter

HCS160K Datasheet (PDF)

Go To PDF Page Download Datasheet
HCS160K Datasheet PDF - Intersil Corporation

Part # HCS160K
Download  HCS160K Click to download

File Size   120.05 Kbytes
Page   9 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description Radiation Hardened BCD Decade Synchronous Counter

HCS160K Datasheet (HTML) - Intersil Corporation


HCS160K Product details

Description
The Intersil HCS160MS is a Radiation Hardened high speed presettable BCD decade synchronous counter that features an asynchronous reset and look-ahead carry logic. Counting and parallel presetting are accomplished synchronously with the lowto-high transition of the clock. A low level on the synchronous parallel enable input, SPE, disables counting and allows data at the preset inputs, P0 - P3, to be loaded into the counter. The counter is reset by a low on the master reset input, MR. Two count enables, PE and TE are provided for n-bit cascading. TE also controls the terminal count output, TC. The terminal count output indicates a maximum count for one clock pulse and is used to enable the next cascaded stage to count.

Features
• 3 Micron Radiation Hardened SOS CMOS
• Total Dose 200K RAD (Si)
• SEP Effective LET No Upsets: >100 MEV-cm2/mg
• Single Event Upset (SEU) Immunity < 2 x 10-9 Errors/Bit-Day (Typ)
• Dose Rate Survivability: >1 x 1012 RAD (Si)/s
• Dose Rate Upset: >1010 RAD (Si)/s 20ns Pulse
• Latch-Up Free Under Any Conditions
• Fanout (Over Temperature Range)
    -Standard Outputs: 10 LSTTL Loads
    -Bus Driver Outputs: 15 LSTTL Loads
• Military Temperature Range: -55°C to +125°C
• Significant Power Reduction Compared to LSTTL ICs
• DC Operating Voltage Range: 4.5V to 5.5V
• Input Logic Levels
    -VIL = 30% of VCC Max
    -VIH = 70% of VCC Min
• Input Current Levels Ii ≤ 5µA @ VOL, VOH




Similar Part No. - HCS160K

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HCS160K RENESAS-HCS160K Datasheet
337Kb / 9P
Radiation Hardened BCD Decade Synchronous Counter
September 1995
HCS160KMSR RENESAS-HCS160KMSR Datasheet
337Kb / 9P
Radiation Hardened BCD Decade Synchronous Counter
September 1995
More results


Similar Description - HCS160K

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
74F160A FAIRCHILD-74F160A Datasheet
96Kb / 8P
Synchronous Presettable BCD Decade Counter
logo
Intersil Corporation
HCTS160MS INTERSIL-HCTS160MS Datasheet
138Kb / 9P
Radiation Hardened Synchronous Counter
September 1995
HCTS160T INTERSIL-HCTS160T Datasheet
91Kb / 3P
Radiation Hardened Synchronous Counter
July 1999
HCTS390MS INTERSIL-HCTS390MS Datasheet
139Kb / 9P
Radiation Hardened Dual Decade Ripple Counter
September 1995
logo
NXP Semiconductors
74AC11160 PHILIPS-74AC11160 Datasheet
271Kb / 10P
SYNCHRONOUS PRESETTABLE SYNCHRONOUS BCD DECADE COUNTER
October 17 1990
logo
Fairchild Semiconductor
74F162A FAIRCHILD-74F162A Datasheet
70Kb / 7P
Synchronous Presettable BCD Decade Counter
logo
Motorola, Inc
MC74F160A MOTOROLA-MC74F160A Datasheet
103Kb / 4P
SYNCHRONOUS PRESETTABLE BCD DECADE COUNTER
MC74AC160 MOTOROLA-MC74AC160 Datasheet
326Kb / 14P
Synchronous Presettable BCD Decade Counter
logo
Renesas Technology Corp
HCS160MS RENESAS-HCS160MS Datasheet
337Kb / 9P
Radiation Hardened BCD Decade Synchronous Counter
September 1995
HCTS161AMS RENESAS-HCTS161AMS Datasheet
396Kb / 9P
Radiation Hardened Synchronous Counter
September 1995
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com