Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HCS163K Datasheet (PDF) - Intersil Corporation

HCS163K Datasheet PDF - Intersil Corporation
Part # HCS163K
Download  HCS163K Download
File Size   131.28 Kbytes
Page   9 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description Radiation Hardened Synchronous Presettable Counter

HCS163K Datasheet (PDF)

Go To PDF Page Download Datasheet
HCS163K Datasheet PDF - Intersil Corporation

Part # HCS163K
Download  HCS163K Click to download

File Size   131.28 Kbytes
Page   9 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description Radiation Hardened Synchronous Presettable Counter

HCS163K Datasheet (HTML) - Intersil Corporation


HCS163K Product details

Description
The Intersil HCS163MS is a Radiation Hardened synchronous
presettable binary counter that features lookahead carry logic for
use in high speed counting applications. Counting and parallel
load, and presetting are all accomplished synchronously with the
positive transition of the clock.
The HCS163MS utilizes advanced CMOS/SOS technology to
achieve high-speed operation. This device is a member of
radiation hardened, high-speed, CMOS/SOS Logic Family.
The HCS163MS is supplied in a 16 lead Ceramic flatpack
(K suffix) or a SBDIP Package (D suffix).

Features
• 3 Micron Radiation Hardened CMOS SOS
• Total Dose 200K RAD (Si)
• SEP Effective LET No Upsets: >100 MEV-cm2/mg
• Single Event Upset (SEU) Immunity < 2 x 10-9 Errors/Bit-Day
(Typ)
• Dose Rate Survivability: >1 x 1012 RAD (Si)/s
• Dose Rate Upset: >1010 RAD (Si)/s 20ns Pulse
• Latch-Up Free Under Any Conditions
• Military Temperature Range: -55oC to +125oC
• Significant Power Reduction Compared to LSTTL ICs
• DC Operating Voltage Range: 4.5V to 5.5V
• Input Logic Levels
- VIL = 30% of VCC
- VIH = 70% of VCC
• Input Current Levels Ii ≤ 5µA at VOL, VOH




Similar Part No. - HCS163K

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HCS163K RENESAS-HCS163K Datasheet
407Kb / 9P
Radiation Hardened Synchronous Presettable Counter
September 1995
HCS163KMSR RENESAS-HCS163KMSR Datasheet
407Kb / 9P
Radiation Hardened Synchronous Presettable Counter
September 1995
More results


Similar Description - HCS163K

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HCS160MS INTERSIL-HCS160MS Datasheet
120Kb / 9P
Radiation Hardened BCD Decade Synchronous Counter
September 1995
HCS161MS INTERSIL-HCS161MS Datasheet
127Kb / 9P
Radiation Hardened Synchronous Counter
September 1995
HCTS160MS INTERSIL-HCTS160MS Datasheet
138Kb / 9P
Radiation Hardened Synchronous Counter
September 1995
HCTS160T INTERSIL-HCTS160T Datasheet
91Kb / 3P
Radiation Hardened Synchronous Counter
July 1999
HCTS161AMS INTERSIL-HCTS161AMS Datasheet
115Kb / 9P
Radiation Hardened Synchronous Counter
September 1995
HCTS163MS INTERSIL-HCTS163MS Datasheet
152Kb / 9P
Radiation Hardened Synchronous Counter
September 1995
logo
Renesas Technology Corp
ACTS161MS RENESAS-ACTS161MS Datasheet
218Kb / 4P
Radiation Hardened 4-Bit Synchronous Counter
January 1996
HCS161MS RENESAS-HCS161MS Datasheet
405Kb / 9P
Radiation Hardened Synchronous Counter
September 1995
HCS163MS RENESAS-HCS163MS Datasheet
407Kb / 9P
Radiation Hardened Synchronous Presettable Counter
September 1995
HCTS161AMS RENESAS-HCTS161AMS Datasheet
396Kb / 9P
Radiation Hardened Synchronous Counter
September 1995
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com