Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HCS165D Datasheet (PDF) - Intersil Corporation

HCS165D Datasheet PDF - Intersil Corporation
Part # HCS165D
Download  HCS165D Download
File Size   225.22 Kbytes
Page   9 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description Radiation Hardened Inverting 8-Bit Parallel-Input/Serial Output Shift Register

HCS165D Datasheet (PDF)

Go To PDF Page Download Datasheet
HCS165D Datasheet PDF - Intersil Corporation

Part # HCS165D
Download  HCS165D Click to download

File Size   225.22 Kbytes
Page   9 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description Radiation Hardened Inverting 8-Bit Parallel-Input/Serial Output Shift Register

HCS165D Datasheet (HTML) - Intersil Corporation


HCS165D Product details

Description
The Intersil HCS165MS is a Radiation Hardened 8-Bit Parallel-In/Serial-Out Shift Register with complementary serial
outputs and an asynchronous parallel load input.
The HCS165MS utilizes advanced CMOS/SOS technology
to achieve high-speed operation. This device is a member of
radiation hardened, high-speed, CMOS/SOS Logic Family.
The HCS165MS is supplied in a 16 lead Ceramic flatpack
(K suffix) or a SBDIP Package (D suffix).

Features
• 3 Micron Radiation Hardened SOS CMOS
• Total Dose 200K RAD (Si)
• SEP Effective LET No Upsets: >100 MEV-cm2/mg
• Single Event Upset (SEU) Immunity < 2 x 10-9 Errors/
Bit-Day (Typ)
• Dose Rate Survivability: >1 x 1012 RAD (Si)/s
• Dose Rate Upset >1010 RAD (Si)/s 20ns Pulse
• Latch-Up Free Under Any Conditions
• Fanout (Over Temperature Range)
- Standard Outputs - 10 LSTTL Loads
• Military Temperature Range: -55oC to +125oC
• Significant Power Reduction Compared to LSTTL ICs
• DC Operating Voltage Range: 4.5V to 5.5V
• Input Logic Levels
- VIL = 0.3 VCC Max
- VIH = 0.7 VCC Min
• Input Current Levels Ii ≤ 5µA at VOL, VOH




Similar Part No. - HCS165D

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HCS165D RENESAS-HCS165D Datasheet
410Kb / 9P
Radiation Hardened Inverting 8-Bit Parallel-Input/Serial Output Shift Register
September 1995
HCS165DMSR RENESAS-HCS165DMSR Datasheet
410Kb / 9P
Radiation Hardened Inverting 8-Bit Parallel-Input/Serial Output Shift Register
September 1995
More results


Similar Description - HCS165D

ManufacturerPart #DatasheetDescription
logo
System Logic Semiconduc...
SL74LS164 SLS-SL74LS164 Datasheet
36Kb / 4P
8-Bit Serial-Input/Parallel-Output Shift Register
logo
Intersil Corporation
HCS166MS INTERSIL-HCS166MS Datasheet
227Kb / 9P
Radiation Hardened 8-Bit Parallel-Input/Serial Output Shift Register
September 1995
HCS195MS INTERSIL-HCS195MS Datasheet
229Kb / 9P
Radiation Hardened Inverting 8-Bit Parallel-Input/Serial Output Shift Register
September 1995
logo
Integral Corp.
IN74ACT164 INTEGRAL-IN74ACT164 Datasheet
166Kb / 5P
8-BIT SERIAL-INPUT/PARALLEL-OUTPUT SHIFT REGISTER
logo
Intersil Corporation
HCTS164MS INTERSIL-HCTS164MS_02 Datasheet
271Kb / 8P
Radiation Hardened 8-Bit Serial-In/Parallel-Out Shift Register
August 1995
logo
ON Semiconductor
MC74HC164B ONSEMI-MC74HC164B Datasheet
97Kb / 9P
8-Bit Serial-Input/Parallel- Output Shift Register
March, 2016 ??Rev. 2
MC74HC164A ONSEMI-MC74HC164A_12 Datasheet
151Kb / 11P
8-Bit Serial-Input/Parallel- Output Shift Register
July, 2012 ??Rev. 6
logo
Renesas Technology Corp
HCS165MS RENESAS-HCS165MS Datasheet
410Kb / 9P
Radiation Hardened Inverting 8-Bit Parallel-Input/Serial Output Shift Register
September 1995
HCS166MS RENESAS-HCS166MS Datasheet
447Kb / 9P
Radiation Hardened 8-Bit Parallel-Input/Serial Output Shift Register
September 1995
HCTS164MS RENESAS-HCTS164MS Datasheet
442Kb / 8P
Radiation Hardened 8-Bit Serial-In/Parallel-Out Shift Register
August 1995
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com