Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SMA5101 Datasheet (PDF) - ON Semiconductor

SMA5101 Datasheet PDF - ON Semiconductor
Part # SMA5101
Download  SMA5101 Download
File Size   666.43 Kbytes
Page   7 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description Mixer, IIP3 15dBm, Gc -0.5dB 450MHz, MCPH6

SMA5101 Datasheet (PDF)

Go To PDF Page Download Datasheet
SMA5101 Datasheet PDF - ON Semiconductor

Part # SMA5101
Download  SMA5101 Click to download

File Size   666.43 Kbytes
Page   7 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description Mixer, IIP3 15dBm, Gc -0.5dB 450MHz, MCPH6

SMA5101 Datasheet (HTML) - ON Semiconductor


SMA5101 Product details

Features
• Wide band : up to Ku band
• Low distortion : IIP3=20dBm (@ICC > 11mA)
• SMT, Ultra small package : 2.0×2.1×0.85mm
• High conversion gain : --0.5dB (@450MHz)
• Low voltage available : 1.2V and above
• Halogen free compliance




Similar Part No. - SMA5101

ManufacturerPart #DatasheetDescription
logo
Sanken electric
SMA5101 SANKEN-SMA5101 Datasheet
21Kb / 1P
N-channel General purpose
logo
Sanyo Semicon Device
SMA5101 SANYO-SMA5101 Datasheet
87Kb / 5P
RF Double Balanced Mixer IC
SMA5101 SANYO-SMA5101 Datasheet
607Kb / 7P
RF Double Balanced Mixer IC
SMA5101 SANYO-SMA5101_12 Datasheet
607Kb / 7P
RF Double Balanced Mixer IC
More results


Similar Description - SMA5101

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX2335 MAXIM-MAX2335 Datasheet
228Kb / 11P
450MHz CDMA/OFDM LNA/Mixer
Rev 0; 10/05
logo
M/A-COM Technology Solu...
MADC-010736 MA-COM-MADC-010736 Datasheet
761Kb / 6P
Receiver, High IIP3
logo
Transcom, Inc.
TA060-120-22-15 TRANSCOM-TA060-120-22-15 Datasheet
101Kb / 2P
6.0 ??12.0 GHz 15dBm Amplifier
logo
RF Micro Devices
STA-5063-Z RFMD-STA-5063-Z Datasheet
585Kb / 10P
GENERAL PURPOSE 3.3V 15dBm AMPLIFIER
logo
M/A-COM Technology Solu...
MAAV-011013 MA-COM-MAAV-011013 Datasheet
1Mb / 9P
High Linearity, 30 dBm IIP3
logo
BeRex Corporation
BM831 BEREX-BM831 Datasheet
1Mb / 16P
0.7~1.4GHz High IIP3 GaAs MMIC Mixer
BM851 BEREX-BM851 Datasheet
1Mb / 12P
1.7~2.7GHz High IIP3 GaAs MMIC Mixer
BM831 BEREX-BM831_18 Datasheet
1Mb / 16P
0.7~1.4GHz High IIP3 GaAs MMIC Mixer with Integrated LO AMP
BM851 BEREX-BM851_18 Datasheet
1Mb / 12P
1.7~2.7GHz High IIP3 GaAs MMIC Mixer with Integrated LO AMP
logo
Weidmuller
2592030000 WEIDMULLER-2592030000 Datasheet
58Kb / 2P
HDC MRJ45 GC F
More results




About ON Semiconductor


ON Semiconductor is a publicly traded company that designs, develops, and manufactures a wide range of semiconductor products for various applications, including automotive, computing, consumer, industrial, and communications markets.
The company was founded in 1999 and is headquartered in Phoenix, Arizona.
ON Semiconductor offers a broad portfolio of power management, analog, and discrete semiconductors, including power MOSFETs, diodes, rectifiers, and voltage regulators, among others.
The company's products are designed to be energy efficient, reliable, and cost-effective, and are used in a variety of applications, including portable electronics, industrial automation systems, renewable energy systems, and automotive electronics.
ON Semiconductor is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com