Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AK230-2-R Datasheet (PDF) - Assmann Electronics Inc.

AK230-2-R Datasheet PDF - Assmann Electronics Inc.
Part # AK230-2-R
Download  AK230-2-R Download
File Size   113.38 Kbytes
Page   1 Pages
Manufacturer  ASSMANN [Assmann Electronics Inc.]
Direct Link  http://www.assmann.us
Logo ASSMANN - Assmann Electronics Inc.
Description Extension Cable for 9 Pin InterfacE

AK230-2-R Datasheet (PDF)

Go To PDF Page Download Datasheet
AK230-2-R Datasheet PDF - Assmann Electronics Inc.

Part # AK230-2-R
Download  AK230-2-R Click to download

File Size   113.38 Kbytes
Page   1 Pages
Manufacturer  ASSMANN [Assmann Electronics Inc.]
Direct Link  http://www.assmann.us
Logo ASSMANN - Assmann Electronics Inc.
Description Extension Cable for 9 Pin InterfacE

AK230-2-R Datasheet (HTML) - Assmann Electronics Inc.




Similar Part No. - AK230-2-R

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK2300 AKM-AK2300 Datasheet
224Kb / 19P
3.3V Single channel PCM CODEC LSI
AK2301 AKM-AK2301 Datasheet
354Kb / 18P
3.3V ?룔꺍?겹꺂?곥깵?띲꺂竊곤샬竊?궠?쇈깈?껁궚 竊э설竊
AK2301A AKM-AK2301A Datasheet
158Kb / 20P
3.3V Single channel PCM CODEC LSI
AK2301BX AKM-AK2301BX Datasheet
372Kb / 23P
3.3V Linear PCM CODEC LSI with PLL & Voltage Detector
AK2302 AKM-AK2302 Datasheet
488Kb / 16P
Dual PCM Codec/Filter COMBO LSI
More results


Similar Description - AK230-2-R

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
M3T-F160-EXTC RENESAS-M3T-F160-EXTC Datasheet
111Kb / 1P
Extension Cable for FLX160
logo
Assmann Electronics Inc...
AK174-3 ASSMANN-AK174-3 Datasheet
104Kb / 1P
Connection Cable for 9 Pin Interface
AK231-2-R ASSMANN-AK231-2-R Datasheet
108Kb / 1P
Serial Connection Cable for 9 Pin Interface
AK404-2-R ASSMANN-AK404-2-R Datasheet
96Kb / 1P
Extension Cable for 25 Pin Interface
AK405-5-R ASSMANN-AK405-5-R Datasheet
96Kb / 1P
Extension Cable for 25 Pin Interface
AK526-3-R ASSMANN-AK526-3-R Datasheet
96Kb / 1P
Extension Cable for 25 Pin Interface
AK138-2-R ASSMANN-AK138-2-R Datasheet
261Kb / 1P
SERIAL EXTENSION CABLE FOR 36-PIN INTERFACE
AK180-10-R ASSMANN-AK180-10-R Datasheet
232Kb / 1P
Extension Cable M-F 9 Pin, 10 Meters
logo
Pepperl+Fuchs Inc.
UDB-CABLE-1M PF-UDB-CABLE-1M Datasheet
464Kb / 1P
Extension cable
UDB-CABLE-2M PF-UDB-CABLE-2M Datasheet
464Kb / 1P
Extension cable
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com