Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HCS241K Datasheet (PDF) - Intersil Corporation

HCS241K Datasheet PDF - Intersil Corporation
Part # HCS241K
Download  HCS241K Download
File Size   169.92 Kbytes
Page   9 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description Radiation Hardened Inverting Octal Three-State Buffer/Line Driver

HCS241K Datasheet (PDF)

Go To PDF Page Download Datasheet
HCS241K Datasheet PDF - Intersil Corporation

Part # HCS241K
Download  HCS241K Click to download

File Size   169.92 Kbytes
Page   9 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description Radiation Hardened Inverting Octal Three-State Buffer/Line Driver

HCS241K Datasheet (HTML) - Intersil Corporation


HCS241K Product details

Description
The Intersil HCS241MS is a Radiation Hardened inverting octal three-state buffer/line driver with two output enables, one active low, and one active high.
The HCS241MS utilizes advanced CMOS/SOS technology to achieve high-speed operation. This device is a member of radiation hardened, high-speed, CMOS/SOS Logic Family.
The HCS241MS is supplied in a 20 lead ceramic flatpack (K suffix) or a SBDIP package (D suffix).

Features
• 3 Micron Radiation Hardened SOS CMOS
• Total Dose 200K RAD (Si)
• SEP Effective LET No Upsets: >100 MEV-cm2/mg
• Single Event Upset (SEU) Immunity < 2 x 10-9 Errors/Bit-Day (Typ)
• Dose Rate Survivability: >1 x 1012 RAD (Si)/s
• Dose Rate Upset >1010 RAD (Si)/Sec. 20ns Pulse
• Latch Up Free Under Any Conditions
• Military Temperature Range: -55°C to +125°C
• Significant Power Reduction Compared to LSTTL ICs
• DC Operating Voltage Range: 4.5V to 5.5V
• Input Logic Levels
    - VIL = 30% VCC Max
    - VIH = 70% VCC Min
• Input Compatibility Levels Ii ≤ 5µA at VOL, VOH




Similar Part No. - HCS241K

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HCS240D INTERSIL-HCS240D Datasheet
144Kb / 10P
Radiation Hardened Octal Buffer/Line Driver, Three-State
September 1995
logo
Renesas Technology Corp
HCS240D RENESAS-HCS240D Datasheet
480Kb / 10P
Radiation Hardened Octal Buffer/Line Driver, Three-State
September 1995
logo
Intersil Corporation
HCS240DMSR INTERSIL-HCS240DMSR Datasheet
144Kb / 10P
Radiation Hardened Octal Buffer/Line Driver, Three-State
September 1995
logo
Renesas Technology Corp
HCS240DMSR RENESAS-HCS240DMSR Datasheet
480Kb / 10P
Radiation Hardened Octal Buffer/Line Driver, Three-State
September 1995
logo
Intersil Corporation
HCS240HMSR INTERSIL-HCS240HMSR Datasheet
144Kb / 10P
Radiation Hardened Octal Buffer/Line Driver, Three-State
September 1995
More results


Similar Description - HCS241K

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ACS240MS INTERSIL-ACS240MS Datasheet
46Kb / 2P
Radiation Hardened Inverting, Octal, Three-State Buffer/Line Driver
March 1998
ACS244MS INTERSIL-ACS244MS Datasheet
46Kb / 2P
Radiation Hardened Non-Inverting, Octal, Three-State Buffer/Line Driver
March 1998
ACTS240T INTERSIL-ACTS240T Datasheet
50Kb / 3P
High Reliability, Radiation Hardened Octal Buffer/Line Driver, Three-State, Inverting
July 1999
HCTS240AMS INTERSIL-HCTS240AMS Datasheet
192Kb / 10P
Radiation Hardened Octal Buffer/Line Driver, Three-State
September 1995
HCTS244MS INTERSIL-HCTS244MS Datasheet
192Kb / 10P
Radiation Hardened Octal Buffer/Line Driver, Three-State
September 1995
HCTS540MS INTERSIL-HCTS540MS Datasheet
135Kb / 10P
Radiation Hardened Inverting Octal Buffer/Line Driver, Three-State
September 1995
HCTS541MS INTERSIL-HCTS541MS Datasheet
126Kb / 10P
Radiation Hardened Non-Inverting Octal Buffer/Line Driver, Three-State
August 1995
logo
Renesas Technology Corp
ACS244MS RENESAS-ACS244MS Datasheet
192Kb / 2P
Radiation Hardened Non-Inverting, Octal, Three-State Buffer/Line Driver
March 1998
HCTS540MS RENESAS-HCTS540MS Datasheet
422Kb / 10P
Radiation Hardened Inverting Octal Buffer/Line Driver, Three-State
September 1995
HCTS541MS RENESAS-HCTS541MS Datasheet
423Kb / 10P
Radiation Hardened Non-Inverting Octal Buffer/Line Driver, Three-State
August 1995
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com