Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HCS27D Datasheet (PDF) - Intersil Corporation

HCS27D Datasheet PDF - Intersil Corporation
Part # HCS27D
Download  HCS27D Download
File Size   180.09 Kbytes
Page   8 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description Radiation Hardened Triple 3-Input NOR Gate

HCS27D Datasheet (PDF)

Go To PDF Page Download Datasheet
HCS27D Datasheet PDF - Intersil Corporation

Part # HCS27D
Download  HCS27D Click to download

File Size   180.09 Kbytes
Page   8 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description Radiation Hardened Triple 3-Input NOR Gate

HCS27D Datasheet (HTML) - Intersil Corporation


HCS27D Product details

Description
The Intersil HCS27MS is a Radiation Hardened Triple 3-Input NOR Gate. A Low on all inputs forces the output to a High state.
The HCS27MS utilizes advanced CMOS/SOS technology to achieve high-speed operation. This device is a member of radiation hardened, high-speed, CMOS/SOS Logic Family.
The HCS27MS is supplied in a 14 lead Ceramic flatpack (K suffix) or a SBDIP Package (D suffix).

Features
• 3 Micron Radiation Hardened SOS CMOS
• Total Dose 200K RAD (Si)
• SEP Effective LET No Upsets: >100 MEV-cm2/mg
• Single Event Upset (SEU) Immunity < 2 x 10-9 Errors/Bit-Day (Typ)
• Dose Rate Survivability: >1 x 1012 RAD (Si)/s
• Dose Rate Upset >1010 RAD (Si)/s 20ns Pulse
• Latch-Up Free Under Any Conditions
• Military Temperature Range: -55°C to +125°C
• Significant Power Reduction Compared to LSTTL ICs
• DC Operating Voltage Range: 4.5V to 5.5V
• Input Logic Levels
    - VIL = 30% of VCC Max
    - VIH = 70% of VCC Min
• Input Current Levels Ii ≤ 5µA at VOL, VOH




Similar Part No. - HCS27D

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HCS273D INTERSIL-HCS273D Datasheet
139Kb / 9P
Radiation Hardened Octal D Flip-Flop
September 1995
logo
Renesas Technology Corp
HCS273D RENESAS-HCS273D Datasheet
466Kb / 9P
Radiation Hardened Octal D Flip-Flop
September 1995
logo
Intersil Corporation
HCS273DMSR INTERSIL-HCS273DMSR Datasheet
139Kb / 9P
Radiation Hardened Octal D Flip-Flop
September 1995
logo
Renesas Technology Corp
HCS273DMSR RENESAS-HCS273DMSR Datasheet
466Kb / 9P
Radiation Hardened Octal D Flip-Flop
September 1995
logo
Intersil Corporation
HCS273HMSR INTERSIL-HCS273HMSR Datasheet
139Kb / 9P
Radiation Hardened Octal D Flip-Flop
September 1995
More results


Similar Description - HCS27D

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ACS11MS INTERSIL-ACS11MS Datasheet
50Kb / 2P
Radiation Hardened Triple 3-Input AND Gate
November 1998
ACS27MS INTERSIL-ACS27MS Datasheet
38Kb / 2P
Radiation Hardened Triple 3-Input NOR Gate
July 1999
HCS10MS INTERSIL-HCS10MS Datasheet
181Kb / 8P
Radiation Hardened Triple 3-Input NAND Gate
September 1995
HCS11MS INTERSIL-HCS11MS Datasheet
160Kb / 6P
Radiation Hardened Triple 3-Input AND Gate
November 1994
HCTS10MS INTERSIL-HCTS10MS Datasheet
147Kb / 9P
Radiation Hardened Triple 3-Input NAND Gate
September 1995
HCTS11MS INTERSIL-HCTS11MS Datasheet
121Kb / 7P
Radiation Hardened Triple 3-Input AND Gate
November 1994
HCTS27MS INTERSIL-HCTS27MS Datasheet
54Kb / 9P
Radiation Hardened Triple 3-Input NOR Gate
September 1995
logo
Renesas Technology Corp
HCS10MS RENESAS-HCS10MS Datasheet
389Kb / 8P
Radiation Hardened Triple 3-Input NAND Gate
September 1995
HCS11MS RENESAS-HCS11MS Datasheet
310Kb / 7P
Radiation Hardened Triple 3-Input AND Gate
November 1994
HCS27MS RENESAS-HCS27MS Datasheet
386Kb / 8P
Radiation Hardened Triple 3-Input NOR Gate
September 1995
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com