Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HCTS160D Datasheet (PDF) - Intersil Corporation

HCTS160D Datasheet PDF - Intersil Corporation
Part # HCTS160D
Download  HCTS160D Download
File Size   138.41 Kbytes
Page   9 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description Radiation Hardened Synchronous Counter

HCTS160D Datasheet (PDF)

Go To PDF Page Download Datasheet
HCTS160D Datasheet PDF - Intersil Corporation

Part # HCTS160D
Download  HCTS160D Click to download

File Size   138.41 Kbytes
Page   9 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description Radiation Hardened Synchronous Counter

HCTS160D Datasheet (HTML) - Intersil Corporation


HCTS160D Product details

Description
The Intersil HCTS160MS is a Radiation Hardened high speed
presettable BCD decade synchronous counter that features an
asynchronous reset and look-ahead carry logic. Counting and
parallel presetting are accomplished synchronously with the lowto-high transition of the clock. A low level on the synchronous
parallel enable input, SPE, disables counting and allows data at
the preset inputs, P0 - P3, to be loaded into the counter. The
counter is reset by a low on the master reset input, MR. Two count
enables, PE and TE are provided for n-bit cascading. TE also
controls the terminal count output, TC. The terminal count output
indicates a maximum count for one clock pulse and is used to
enable the next cascaded stage to count.
The HCTS160MS utilizes advanced CMOS/SOS technology to
achieve high-speed operation. This device is a member of
radiation hardened, high-speed, CMOS/SOS Logic Family.
The HCTS160MS is supplied in a 16 lead Ceramic flatpack
(K suffix) or a SBDIP Package (D suffix).

Features
• 3 Micron Radiation Hardened SOS CMOS
• Total Dose 200K RAD (Si)
• SEP Effective LET No Upsets: >100 MEV-cm2/mg
• Single Event Upset (SEU) Immunity < 2 x 10-9 Errors/Bit-Day
(Typ)
• Dose Rate Survivability: >1 x 1012 RAD (Si)/s
• Dose Rate Upset: >1010 RAD (Si)/s 20ns Pulse
• Latch-Up Free Under Any Conditions
• Fanout (Over Temperature Range)
-Standard Outputs 10 LSTTL Loads
• Military Temperature Range: -55oC to +125oC
• Significant Power Reduction Compared to LSTTL ICs
• DC Operating Voltage Range: 4.5V to 5.5V
• LSTTL Input Compatibility
-VIL = 0.8V Max
-VIH = VCC/2 Min
• Input Current Levels Ii ≤ 5µA @ VOL, VOH




Similar Part No. - HCTS160D

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HCTS160DTR INTERSIL-HCTS160DTR Datasheet
91Kb / 3P
Radiation Hardened Synchronous Counter
July 1999
More results


Similar Description - HCTS160D

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HCS160MS INTERSIL-HCS160MS Datasheet
120Kb / 9P
Radiation Hardened BCD Decade Synchronous Counter
September 1995
HCS161MS INTERSIL-HCS161MS Datasheet
127Kb / 9P
Radiation Hardened Synchronous Counter
September 1995
HCS163MS INTERSIL-HCS163MS Datasheet
131Kb / 9P
Radiation Hardened Synchronous Presettable Counter
September 1995
HCTS160T INTERSIL-HCTS160T Datasheet
91Kb / 3P
Radiation Hardened Synchronous Counter
July 1999
HCTS161AMS INTERSIL-HCTS161AMS Datasheet
115Kb / 9P
Radiation Hardened Synchronous Counter
September 1995
HCTS163MS INTERSIL-HCTS163MS Datasheet
152Kb / 9P
Radiation Hardened Synchronous Counter
September 1995
logo
Renesas Technology Corp
ACTS161MS RENESAS-ACTS161MS Datasheet
218Kb / 4P
Radiation Hardened 4-Bit Synchronous Counter
January 1996
HCS161MS RENESAS-HCS161MS Datasheet
405Kb / 9P
Radiation Hardened Synchronous Counter
September 1995
HCS163MS RENESAS-HCS163MS Datasheet
407Kb / 9P
Radiation Hardened Synchronous Presettable Counter
September 1995
HCTS161AMS RENESAS-HCTS161AMS Datasheet
396Kb / 9P
Radiation Hardened Synchronous Counter
September 1995
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com