Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HCTS244K Datasheet (PDF) - Intersil Corporation

HCTS244K Datasheet PDF - Intersil Corporation
Part # HCTS244K
Download  HCTS244K Download
File Size   192.45 Kbytes
Page   10 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description Radiation Hardened Octal Buffer/Line Driver, Three-State

HCTS244K Datasheet (PDF)

Go To PDF Page Download Datasheet
HCTS244K Datasheet PDF - Intersil Corporation

Part # HCTS244K
Download  HCTS244K Click to download

File Size   192.45 Kbytes
Page   10 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description Radiation Hardened Octal Buffer/Line Driver, Three-State

HCTS244K Datasheet (HTML) - Intersil Corporation


HCTS244K Product details

Description
The Intersil HCTS244MS is a Radiation Hardened NonInverting Octal Buffer/Line Driver, Three-State, with two active-low output enables.
The HCTS244MS utilizes advanced CMOS/SOS technology to achieve high-speed operation. This device is a member of radiation hardened, high-speed, CMOS/SOS Logic Family.
The HCTS244MS is supplied in a 20 lead Ceramic flatpack (K suffix) or a SBDIP Package (D suffix).

Features
• 3 Micron Radiation Hardened CMOS SOS
• Total Dose 200K RAD (Si)/s
• SEP Effective LET No Upsets: >100 MEV-cm2/mg
• Single Event Upset (SEU) Immunity < 2 x 10-9 Errors/Bit-Day (Typ)
• Dose Rate Survivability: >1 x 1012 RAD (Si)/s
• Dose Rate Upset >1010 RAD (Si)/s 20ns Pulse
• Latch-Up Free Under Any Conditions
• Fanout (Over Temperature Range)
    - Bus Driver Outputs - 15 LSTTL Loads
• Military Temperature Range: -55°C to +125°C
• Significant Power Reduction Compared to LSTTL ICs
• DC Operating Voltage Range: 4.5V to 5.5V
• LSTTL Input Compatibility
    - VIL = 0.8V Max
    - VIH = VCC/2 Min
• Input Current Levels Ii ≤ 5µA at VOL, VOH




Similar Part No. - HCTS244K

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HCTS244K RENESAS-HCTS244K Datasheet
554Kb / 10P
Radiation Hardened Octal Buffer/Line Driver, Three-State
September 1995
HCTS244KMSR RENESAS-HCTS244KMSR Datasheet
554Kb / 10P
Radiation Hardened Octal Buffer/Line Driver, Three-State
September 1995
logo
Intersil Corporation
HCTS244KTR INTERSIL-HCTS244KTR Datasheet
105Kb / 3P
Radiation Hardened Octal Buffer/Line Driver, Three-State
July 1999
More results


Similar Description - HCTS244K

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ACS541MS INTERSIL-ACS541MS Datasheet
233Kb / 3P
Radiation Hardened Octal Buffer/ Line Driver Three-State
January 1996
ACTS541MS INTERSIL-ACTS541MS Datasheet
66Kb / 3P
Radiation Hardened Octal Three-State Buffer/Line Driver
January 1996
ACTS541T INTERSIL-ACTS541T Datasheet
57Kb / 3P
Radiation Hardened Octal Three-State Buffer/Line Driver
July 1999
HCS240MS INTERSIL-HCS240MS Datasheet
144Kb / 10P
Radiation Hardened Octal Buffer/Line Driver, Three-State
September 1995
HCS244MS INTERSIL-HCS244MS Datasheet
173Kb / 10P
Radiation Hardened Octal Buffer/Line Driver, Three-State
September 1995
HCS244T INTERSIL-HCS244T Datasheet
94Kb / 3P
Radiation Hardened Octal Buffer/Line Driver, Three-State
July 1999
HCTS240AMS INTERSIL-HCTS240AMS Datasheet
192Kb / 10P
Radiation Hardened Octal Buffer/Line Driver, Three-State
September 1995
HCTS244T INTERSIL-HCTS244T Datasheet
105Kb / 3P
Radiation Hardened Octal Buffer/Line Driver, Three-State
July 1999
5962R9573101VXC INTERSIL-5962R9573101VXC Datasheet
176Kb / 10P
Radiation Hardened Octal Buffer/Line Driver, Three-State
September 1995
logo
Renesas Technology Corp
HCTS244MS RENESAS-HCTS244MS Datasheet
554Kb / 10P
Radiation Hardened Octal Buffer/Line Driver, Three-State
September 1995
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com