Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HCTS390D Datasheet (PDF) - Intersil Corporation

HCTS390D Datasheet PDF - Intersil Corporation
Part # HCTS390D
Download  HCTS390D Download
File Size   139.5 Kbytes
Page   9 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description Radiation Hardened Dual Decade Ripple Counter

HCTS390D Datasheet (PDF)

Go To PDF Page Download Datasheet
HCTS390D Datasheet PDF - Intersil Corporation

Part # HCTS390D
Download  HCTS390D Click to download

File Size   139.5 Kbytes
Page   9 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description Radiation Hardened Dual Decade Ripple Counter

HCTS390D Datasheet (HTML) - Intersil Corporation


HCTS390D Product details

Description
The Intersil HCTS390MS is a Radiation Hardened dual decade ripple counter.
The HCTS390MS utilizes advanced CMOS/SOS technology to achieve high-speed operation. This device is a member of radiation hardened, high-speed, CMOS/SOS Logic Family .
The HCTS390MS is supplied in a 16 lead Ceramic flatpack (K suffix) or a SBDIP Package (D suffix).

Features
• 3 Micron Radiation Hardened CMOS SOS
• Total Dose 200K RAD (Si)
• SEP Effective LET No Upsets: >100 MEV-cm2/mg
• Single Event Upset (SEU) Immunity < 2 x 10-9 Errors/Bit-Day (Typ)
• Dose Rate Survivability: >1 x 1012 RAD (Si)/s
• Dose Rate Upset >1010 RAD (Si)/s 20ns Pulse
• Latch-Up Free Under Any Conditions
• Military Temperature Range: -55°C to +125°C
• Significant Power Reduction Compared to LSTTL ICs
• DC Operating Voltage Range: 4.5V to 5.5V
• LSTTL Input Compatibility
    - VIL = 0.8V Max
    - VIH = 2.0V Min
• Input Current Levels Ii ≤ 5µA at VOL, VOH




Similar Part No. - HCTS390D

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HCTS393D INTERSIL-HCTS393D Datasheet
145Kb / 9P
Radiation Hardened Dual 4-Stage Binary Counter
August 1995
logo
Renesas Technology Corp
HCTS393D RENESAS-HCTS393D Datasheet
471Kb / 9P
Radiation Hardened Dual 4-Stage Binary Counter
August 1995
logo
Intersil Corporation
HCTS393DMSR INTERSIL-HCTS393DMSR Datasheet
145Kb / 9P
Radiation Hardened Dual 4-Stage Binary Counter
August 1995
logo
Renesas Technology Corp
HCTS393DMSR RENESAS-HCTS393DMSR Datasheet
471Kb / 9P
Radiation Hardened Dual 4-Stage Binary Counter
August 1995
logo
Intersil Corporation
HCTS393HMSR INTERSIL-HCTS393HMSR Datasheet
145Kb / 9P
Radiation Hardened Dual 4-Stage Binary Counter
August 1995
More results


Similar Description - HCTS390D

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74HC390 PHILIPS-74HC390 Datasheet
49Kb / 7P
Dual decade ripple counter
December 1990
logo
Texas Instruments
CD74HC390 TI-CD74HC390 Datasheet
45Kb / 8P
High Speed CMOS Logic Dual Decade Ripple Counter
logo
Intersil Corporation
HCS160MS INTERSIL-HCS160MS Datasheet
120Kb / 9P
Radiation Hardened BCD Decade Synchronous Counter
September 1995
HCTS160MS INTERSIL-HCTS160MS Datasheet
138Kb / 9P
Radiation Hardened Synchronous Counter
September 1995
HCTS93MS INTERSIL-HCTS93MS Datasheet
168Kb / 9P
Radiation Hardened 4-Bit Binary Ripple Counter
August 1995
logo
Texas Instruments
CD54HCT390 TI-CD54HCT390 Datasheet
267Kb / 13P
High-Speed CMOS Logic Dual Decade Ripple Counter
logo
List of Unclassifed Man...
74HC390 ETC1-74HC390 Datasheet
256Kb / 6P
DUAL DECADE RIPPLE COUNTER
logo
Texas Instruments
CD74HC390 TI-CD74HC390_07 Datasheet
423Kb / 15P
High-Speed CMOS Logic Dual Decade Ripple Counter
logo
Renesas Technology Corp
HCS160MS RENESAS-HCS160MS Datasheet
337Kb / 9P
Radiation Hardened BCD Decade Synchronous Counter
September 1995
logo
Nexperia B.V. All right...
74HC390 NEXPERIA-74HC390 Datasheet
257Kb / 15P
Dual decade ripple counter
Rev. 5 - 18 October 2021
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com