Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HCTS540D Datasheet (PDF) - Intersil Corporation

HCTS540D Datasheet PDF - Intersil Corporation
Part # HCTS540D
Download  HCTS540D Download
File Size   135.69 Kbytes
Page   10 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description Radiation Hardened Inverting Octal Buffer/Line Driver, Three-State

HCTS540D Datasheet (PDF)

Go To PDF Page Download Datasheet
HCTS540D Datasheet PDF - Intersil Corporation

Part # HCTS540D
Download  HCTS540D Click to download

File Size   135.69 Kbytes
Page   10 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description Radiation Hardened Inverting Octal Buffer/Line Driver, Three-State

HCTS540D Datasheet (HTML) - Intersil Corporation


HCTS540D Product details

Description
The Intersil HCTS540MS is a Radiation Hardened inverting Octal Buffer/Line Driver, with two active-low output enables. The output enable pins (OE1 and OE2) control the threestate outputs. If either enable is high the outputs will be in the high impedance state. For data output both enables (OE1 and OE2) must be low.

Features
• 3 Micron Radiation Hardened CMOS SOS
• Total Dose 200K RAD (Si)
• SEP Effective LET No Upsets: >100 MEV-cm2/mg
• Single Event Upset (SEU) Immunity < 2 x 10-9 Errors/Bit-Day (Typ)
• Dose Rate Survivability: >1 x 1012 RAD (Si)/s
• Dose Rate Upset >1010 RAD (Si)/s 20ns Pulse
• Latch-Up Free Under Any Conditions
• Fanout (Over Temperature Range)
    - Bus Driver Outputs 15 LSTTL Loads
• Military Temperature Range: -55°C to +125°C
• Significant Power Reduction Compared to LSTTL ICs
• DC Operating Voltage Range: 4.5V to 5.5V
• LSTTL Input Compatibility
    - VIL = 0.8V Max
    - VIH = VCC/2 Min
• Input Current Levels Ii ≤ 5µA at VOL, VOH




Similar Part No. - HCTS540D

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HCTS540D RENESAS-HCTS540D Datasheet
422Kb / 10P
Radiation Hardened Inverting Octal Buffer/Line Driver, Three-State
September 1995
HCTS540DMSR RENESAS-HCTS540DMSR Datasheet
422Kb / 10P
Radiation Hardened Inverting Octal Buffer/Line Driver, Three-State
September 1995
More results


Similar Description - HCTS540D

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ACS240MS INTERSIL-ACS240MS Datasheet
46Kb / 2P
Radiation Hardened Inverting, Octal, Three-State Buffer/Line Driver
March 1998
ACS244MS INTERSIL-ACS244MS Datasheet
46Kb / 2P
Radiation Hardened Non-Inverting, Octal, Three-State Buffer/Line Driver
March 1998
ACTS240T INTERSIL-ACTS240T Datasheet
50Kb / 3P
High Reliability, Radiation Hardened Octal Buffer/Line Driver, Three-State, Inverting
July 1999
HCS241MS INTERSIL-HCS241MS Datasheet
169Kb / 9P
Radiation Hardened Inverting Octal Three-State Buffer/Line Driver
September 1995
HCTS240AMS INTERSIL-HCTS240AMS Datasheet
192Kb / 10P
Radiation Hardened Octal Buffer/Line Driver, Three-State
September 1995
HCTS244MS INTERSIL-HCTS244MS Datasheet
192Kb / 10P
Radiation Hardened Octal Buffer/Line Driver, Three-State
September 1995
HCTS541MS INTERSIL-HCTS541MS Datasheet
126Kb / 10P
Radiation Hardened Non-Inverting Octal Buffer/Line Driver, Three-State
August 1995
logo
Renesas Technology Corp
ACS244MS RENESAS-ACS244MS Datasheet
192Kb / 2P
Radiation Hardened Non-Inverting, Octal, Three-State Buffer/Line Driver
March 1998
HCTS540MS RENESAS-HCTS540MS Datasheet
422Kb / 10P
Radiation Hardened Inverting Octal Buffer/Line Driver, Three-State
September 1995
HCTS541MS RENESAS-HCTS541MS Datasheet
423Kb / 10P
Radiation Hardened Non-Inverting Octal Buffer/Line Driver, Three-State
August 1995
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com