Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HD-6409 Datasheet (PDF) - Intersil Corporation

HD-6409 Datasheet PDF - Intersil Corporation
Part # HD-6409
Download  HD-6409 Download
File Size   68.67 Kbytes
Page   12 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description CMOS Manchester Encoder-Decoder

HD-6409 Datasheet (PDF)

Go To PDF Page Download Datasheet
HD-6409 Datasheet PDF - Intersil Corporation

Part # HD-6409
Download  HD-6409 Click to download

File Size   68.67 Kbytes
Page   12 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description CMOS Manchester Encoder-Decoder

HD-6409 Datasheet (HTML) - Intersil Corporation


HD-6409 Product details

Description

The HD-6409 Manchester Encoder-Decoder (MED) is a high speed, low power device manufactured using self-aligned silicon gate technology. The device is intended for use in serial data communication, and can be operated in either of two modes. In the converter mode, the MED converts Non return-to-Zero code (NRZ) into Manchester code and decodes Manchester code into Nonreturn-to-Zero code. For serial data communication, Manchester code does not have some of the deficiencies inherent in Nonreturn-to-Zero code.



Features

• Converter or Repeater Mode

• Independent Manchester Encoder and Decoder Operation

• Static to One Megabit/sec Data Rate Guaranteed

• Low Bit Error Rate

• Digital PLL Clock Recovery

• On Chip Oscillator

• Low Operating Power: 50mW Typical at +5V

• Available in 20 Lead Dual-In-Line and 20 Pad LCC Package



 




Similar Part No. - HD-6409

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HD-6409 INTERSIL-HD-6409 Datasheet
277Kb / 12P
CMOS Manchester Encoder-Decoder
July 29, 2005
HD-6409 INTERSIL-HD-6409 Datasheet
269Kb / 14P
CMOS Manchester Encoder-Decoder
October 15, 2008
logo
Renesas Technology Corp
HD-6409 RENESAS-HD-6409 Datasheet
687Kb / 15P
CMOS Manchester Encoder-Decoder
logo
Intersil Corporation
HD-6409 INTERSIL-HD-6409 Datasheet
347Kb / 15P
CMOS Manchester Encoder-Decoder
October 1, 2015
logo
Renesas Technology Corp
HD-6409 RENESAS-HD-6409 Datasheet
276Kb / 7P
CMOS Manchester Encoder-Decoder
March 1997
More results


Similar Description - HD-6409

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HD-15530 INTERSIL-HD-15530 Datasheet
169Kb / 12P
CMOS Manchester Encoder-Decoder
March 1997
HD-15531 INTERSIL-HD-15531 Datasheet
115Kb / 8P
CMOS Manchester Encoder-Decoder
March 1997
HD-6409883 INTERSIL-HD-6409883 Datasheet
135Kb / 7P
CMOS Manchester Encoder-Decoder
March 1997
HD-15530 INTERSIL-HD-15530_02 Datasheet
281Kb / 13P
CMOS Manchester Encoder-Decoder
March 1997
HD-6409 INTERSIL-HD-6409_05 Datasheet
277Kb / 12P
CMOS Manchester Encoder-Decoder
July 29, 2005
HD-15531 INTERSIL-HD-15531_02 Datasheet
266Kb / 16P
CMOS Manchester Encoder-Decoder
March 1997
HD3-6409-9 INTERSIL-HD3-6409-9 Datasheet
347Kb / 15P
CMOS Manchester Encoder-Decoder
October 1, 2015
HD1-15530-9 INTERSIL-HD1-15530-9 Datasheet
276Kb / 13P
CMOS Manchester Encoder-Decoder
March 1997
logo
Renesas Technology Corp
HD-6409 RENESAS-HD-6409 Datasheet
687Kb / 15P
CMOS Manchester Encoder-Decoder
HD-15531 RENESAS-HD-15531 Datasheet
732Kb / 16P
CMOS Manchester Encoder-Decoder
March 1997
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com