Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HFA1405 Datasheet (PDF) - Intersil Corporation

HFA1405 Datasheet PDF - Intersil Corporation
Part # HFA1405
Download  HFA1405 Download
File Size   138.32 Kbytes
Page   13 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description Quad, 560MHz, Low Power, Video Operational Amplifier

HFA1405 Datasheet (PDF)

Go To PDF Page Download Datasheet
HFA1405 Datasheet PDF - Intersil Corporation

Part # HFA1405
Download  HFA1405 Click to download

File Size   138.32 Kbytes
Page   13 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description Quad, 560MHz, Low Power, Video Operational Amplifier

HFA1405 Datasheet (HTML) - Intersil Corporation


HFA1405 Product details

The HFA1405 is a quad, high speed, low power current feedback amplifier built with Intersil’s proprietary complementary bipolar UHF-1 process.

Features
• Low Supply Current . . . . . . . . . . . . . . . . . 5.8mA/Op Amp
• High Input Impedance . . . . . . . . . . . . . . . . . . . . . . . 1MΩ
• Wide -3dB Bandwidth (AV = +2). . . . . . . . . . . . . . 560MHz
• Very Fast Slew Rate . . . . . . . . . . . . . . . . . . . . . . 1700V/µs
• Gain Flatness (to 50MHz). . . . . . . . . . . . . . . . . . . . ±0.03dB
• Differential Gain . . . . . . . . . . . . . . . . . . . . . . . . . . . 0.02%
• Differential Phase . . . . . . . . . . . . . . . . . . . . 0.03 Degrees
• All Hostile Crosstalk (5MHz). . . . . . . . . . . . . . . . . . -60dB
• Pin Compatible Upgrade to HA5025, CLC414, and CLC415

Applications
• Flash A/D Drivers
• Professional Video Processing
• Video Digitizing Boards/Systems
• Multimedia Systems
• RGB Preamps
• Medical Imaging
• Hand Held and Miniaturized RF Equipment
• Battery Powered Communications
• High Speed Oscilloscopes and Analyzers




Similar Part No. - HFA1405

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HFA1405 RENESAS-HFA1405 Datasheet
899Kb / 15P
Quad, 560MHz, Low Power, Video Operational Amplifier
March 1, 2005
logo
Intersil Corporation
HFA1405IB INTERSIL-HFA1405IB Datasheet
329Kb / 15P
Quad, 560MHz, Low Power, Video Operational Amplifier
March 1, 2005
logo
Renesas Technology Corp
HFA1405IB RENESAS-HFA1405IB Datasheet
899Kb / 15P
Quad, 560MHz, Low Power, Video Operational Amplifier
March 1, 2005
logo
Intersil Corporation
HFA1405IP INTERSIL-HFA1405IP Datasheet
329Kb / 15P
Quad, 560MHz, Low Power, Video Operational Amplifier
March 1, 2005
logo
Renesas Technology Corp
HFA1405IP RENESAS-HFA1405IP Datasheet
899Kb / 15P
Quad, 560MHz, Low Power, Video Operational Amplifier
March 1, 2005
More results


Similar Description - HFA1405

ManufacturerPart #DatasheetDescription
logo
Daewoo Semiconductor
DBL324 DAEWOO-DBL324 Datasheet
292Kb / 6P
LOW POWER QUAD OPERATIONAL AMPLIFIER
logo
Intersil Corporation
HFA1305 INTERSIL-HFA1305 Datasheet
143Kb / 12P
Triple, 560MHz, Low Power, Video Operational Amplifier
April 1999
logo
STMicroelectronics
LM2902DT STMICROELECTRONICS-LM2902DT Datasheet
195Kb / 11P
LOW POWER QUAD OPERATIONAL AMPLIFIER
Nov-2001
logo
Intersil Corporation
HFA1405 INTERSIL-HFA1405_05 Datasheet
329Kb / 15P
Quad, 560MHz, Low Power, Video Operational Amplifier
March 1, 2005
logo
Maxwell Technologies
124 MAXWELL-124 Datasheet
263Kb / 12P
Low-Power Quad Operational Amplifier
logo
Intersil Corporation
HFA1305 INTERSIL-HFA1305_04 Datasheet
657Kb / 11P
Triple, 560MHz, Low Power, Video Operational Amplifier
June 2004
logo
KODENSHI_AUK CORP.
KK324 KODENSHI-KK324 Datasheet
367Kb / 5P
Low Power Quad Operational Amplifier
logo
IK Semicon Co., Ltd
IL2902 IKSEMICON-IL2902 Datasheet
337Kb / 5P
Low Power Quad Operational Amplifier
logo
Renesas Technology Corp
HFA1305 RENESAS-HFA1305 Datasheet
679Kb / 11P
Triple, 560MHz, Low Power, Video Operational Amplifier
June 2004
HFA1405 RENESAS-HFA1405 Datasheet
899Kb / 15P
Quad, 560MHz, Low Power, Video Operational Amplifier
March 1, 2005
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com