Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPC1876 Datasheet (PDF) - NEC

UPC1876 Datasheet PDF - NEC
Part # UPC1876
Download  UPC1876 Download
File Size   309.84 Kbytes
Page   40 Pages
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC
Description US MTS DECODER

UPC1876 Datasheet (PDF)

Go To PDF Page Download Datasheet
UPC1876 Datasheet PDF - NEC

Part # UPC1876
Download  UPC1876 Click to download

File Size   309.84 Kbytes
Page   40 Pages
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC
Description US MTS DECODER

UPC1876 Datasheet (HTML) - NEC


UPC1876 Product details

DESCRIPTION
The µPC1876 is an integrated circuit for US MTS (Multi Channel Television Sound) system. All functions for US MTS system are provided on one chip. The µPC1876 has built-in SAP (Sub Audio Program) discrimination error protection circuit.

FEATURES
• BTSC (USA) standard demodulator (Stereo demodulation and TV-dbx noise reduction)
• Only four adjustments (2 separation, 1 stereo VCO, 1 filter)
• Supply voltage: 8 V to 10 V
• Circuit current: 27 mA TYP. (Supply voltage: 9 V)
• Input and output level (L+R, 100% modulation)
    Input level: 0.42 Vp-p
    Output level: 1.41 Vp-p

APPLICATION
• TV sets and VCRs for North America




Similar Part No. - UPC1876

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
UPC1876 RENESAS-UPC1876 Datasheet
412Kb / 42P
BIPOLAR ANALOG INTEGRATED CIRCUIT
1996
UPC1876GT RENESAS-UPC1876GT Datasheet
412Kb / 42P
BIPOLAR ANALOG INTEGRATED CIRCUIT
1996
More results


Similar Description - UPC1876

ManufacturerPart #DatasheetDescription
logo
NEC
UPC1851B NEC-UPC1851B Datasheet
447Kb / 60P
I2C BUS-COMPATIBLE US MTS PROCESSING LSI
UPC1854A NEC-UPC1854A Datasheet
251Kb / 48P
I2C BUS-COMPATIBLE US MTS PROCESSING LSI
logo
Sony Corporation
CXA1734S SONY-CXA1734S Datasheet
471Kb / 30P
US Audio Multiplexing Decoder
CXA1784AS SONY-CXA1784AS Datasheet
724Kb / 38P
US Audio Multiplexing Decoder
CXA1785AR SONY-CXA1785AR Datasheet
556Kb / 29P
US Audio Multiplexing Decoder
CXA2104S SONY-CXA2104S Datasheet
331Kb / 28P
US Audio Multiplexing Decoder
CXA2194Q SONY-CXA2194Q Datasheet
41Kb / 2P
US DECODER
logo
NEC
UPC1872CU NEC-UPC1872CU Datasheet
2Mb / 40P
US MTS DECODER
logo
Sony Corporation
CXA2164Q SONY-CXA2164Q Datasheet
343Kb / 29P
US Audio Multiplexing Decoder
logo
Sanyo Semicon Device
LA72700V SANYO-LA72700V Datasheet
522Kb / 16P
US MTS (Multi Channel Television Sound) Decoder
More results




About NEC


NEC Corporation is a Japanese multinational information technology and electronics company. The company was founded in 1899 and is headquartered in Tokyo, Japan. NEC provides a wide range of products and services including information technology, telecommunications, and electronics. Its portfolio includes computer hardware, software, and services, network solutions, display solutions, and enterprise servers and storage solutions.

NEC is known for its expertise in the field of information technology and its ability to deliver innovative and high-quality products and services. The company has operations and facilities in various countries across the world and has a strong presence in the Asia-Pacific region. NEC works closely with its customers to provide customized solutions that meet their specific requirements and needs.

In addition to its core business, NEC is also active in the fields of research and development, and is involved in various projects related to advanced technologies such as artificial intelligence, 5G networks, and the Internet of Things (IoT). NEC is committed to delivering sustainable solutions that support the development of society and improve the quality of life for people around the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com