Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HFA3783 Datasheet (PDF) - Intersil Corporation

HFA3783 Datasheet PDF - Intersil Corporation
Part # HFA3783
Download  HFA3783 Download
File Size   608.02 Kbytes
Page   34 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description I/Q Modulator/Demodulator and Synthesizer

HFA3783 Datasheet (PDF)

Go To PDF Page Download Datasheet
HFA3783 Datasheet PDF - Intersil Corporation

Part # HFA3783
Download  HFA3783 Click to download

File Size   608.02 Kbytes
Page   34 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description I/Q Modulator/Demodulator and Synthesizer

HFA3783 Datasheet (HTML) - Intersil Corporation


HFA3783 Product details

The HFA3783 is a highly integrated and fully differential SiGe baseband converter for half duplex wireless applications. It features all the necessary blocks for quadrature modulation and demodulation of “I” and “Q” baseband signals.

Features
• Integrates All IF Transmit and Receive Functions
• Broad Quadrature Frequency Range . . . . . .70 to 600MHz
• 600MHz AGC IF Strip with Level Detector . . . . . . . . .69dB
• DC Coupled Baseband Interfaces
• Integrates a Receiver DC Offset Calibration Loop
• Integrated 3 Wire Interface PLL For LO Applications
• Low LO Drive Level . . . . . . . . . . . . . . . . . . . . . . . -15dBm
• Fast Transmit-Receive Switching . . . . . . . . . . . . . . . .<1µs
• Power Management/Standby Mode
• Single Supply 2.7 to 3.3V Operation

Applications
• IEEE802.11 1 and 2Mbps Standard
• Systems Targeting IEEE 802.11 11Mbps Standard
• Wireless Local Area Networks
• PCMCIA Wireless Transceivers
• ISM Systems
• TDMA Packet Protocol Radios




Similar Part No. - HFA3783

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HFA3724 INTERSIL-HFA3724 Datasheet
186Kb / 24P
400MHz Quadrature IF Modulator/Demodulator
November 1999
HFA3724IN INTERSIL-HFA3724IN Datasheet
186Kb / 24P
400MHz Quadrature IF Modulator/Demodulator
November 1999
HFA3724IN96 INTERSIL-HFA3724IN96 Datasheet
186Kb / 24P
400MHz Quadrature IF Modulator/Demodulator
November 1999
HFA3726 INTERSIL-HFA3726 Datasheet
162Kb / 21P
400MHz Quadrature IF Modulator/Demodulator
November 1999
HFA3726IN INTERSIL-HFA3726IN Datasheet
162Kb / 21P
400MHz Quadrature IF Modulator/Demodulator
November 1999
More results


Similar Description - HFA3783

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MA4IQP900L-1291T ETC1-MA4IQP900L-1291T Datasheet
154Kb / 6P
I/Q Modulator/Demodulator 850-960 MHz
logo
Tyco Electronics
MA4IQP900H-1291T MACOM-MA4IQP900H-1291T Datasheet
145Kb / 6P
I/Q Modulator/Demodulator 850-960 MHz
MA4IQP900M-1291T MACOM-MA4IQP900M-1291T Datasheet
145Kb / 6P
I/Q Modulator/Demodulator 850-960 MHz
MA4IQP190H-1291T MACOM-MA4IQP190H-1291T Datasheet
370Kb / 6P
I/Q Modulator/Demodulator 1800-2000 MHz
MA4IQP900L-1291T MACOM-MA4IQP900L-1291T Datasheet
148Kb / 6P
I/Q Modulator/Demodulator 850-960 MHz
MAMO-000900-1291HT MACOM-MAMO-000900-1291HT Datasheet
250Kb / 7P
I/Q Modulator/Demodulator 850 - 960 MHz
MAMO-000900-1291LT MACOM-MAMO-000900-1291LT Datasheet
253Kb / 7P
I/Q Modulator/Demodulator 850 - 960 MHz
logo
M/A-COM Technology Solu...
MAMO-00900-1291HT MA-COM-MAMO-00900-1291HT Datasheet
159Kb / 7P
I/Q Modulator/Demodulator 850-960 MHz
MAMO-00900-1291MT MA-COM-MAMO-00900-1291MT Datasheet
157Kb / 7P
I/Q Modulator/Demodulator 850-960 MHz
MAMO-000900-1291LT MA-COM-MAMO-000900-1291LT Datasheet
193Kb / 7P
I/Q Modulator/Demodulator
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com