Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HFA3926 Datasheet (PDF) - Intersil Corporation

HFA3926 Datasheet PDF - Intersil Corporation
Part # HFA3926
Download  HFA3926 Download
File Size   69.92 Kbytes
Page   7 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description 2.0GHz - 2.7GHz 250mW Power Amplifier

HFA3926 Datasheet (PDF)

Go To PDF Page Download Datasheet
HFA3926 Datasheet PDF - Intersil Corporation

Part # HFA3926
Download  HFA3926 Click to download

File Size   69.92 Kbytes
Page   7 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description 2.0GHz - 2.7GHz 250mW Power Amplifier

HFA3926 Datasheet (HTML) - Intersil Corporation


HFA3926 Product details

The Intersil HFA3926 is an integrated power amplifier in a low cost SSOP 28 plastic package. The power amplifier delivers +27dB of gain with high efficiency and can be operated with voltages as low as 2.7V.

The HFA3926 is ideally suited for QPSK, BPSK or other linearly modulated systems in the 2.4GHz Industrial, Scientific, and Medical (ISM) frequency band. It can also be used in GFSK systems where levels of +25dBm are required. Typical applications include Wireless Local Area Network (WLAN) and Wireless Local Loop systems.



Features

• Highly Integrated Power Amplifier

• Operates Over 2.7V to 6V Supply Voltage

• High Linear Output Power (P1dB: +24.5dBm)

• Low Cost SSOP-28 Plastic Package



Applications

• Wireless Local Loop Systems

• Systems Targeting IEEE 802.11 Standard

• TDD Quadrature-Modulated Communication Systems

• Wireless Local Area Networks

• PCMCIA Wireless Transceivers

• ISM Systems



 




Similar Part No. - HFA3926

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HFA3925 INTERSIL-HFA3925 Datasheet
95Kb / 9P
2.4GHz - 2.5GHz 250mW Power Amplifier
July 1998
HFA3925IA INTERSIL-HFA3925IA Datasheet
95Kb / 9P
2.4GHz - 2.5GHz 250mW Power Amplifier
July 1998
HFA3925IA96 INTERSIL-HFA3925IA96 Datasheet
95Kb / 9P
2.4GHz - 2.5GHz 250mW Power Amplifier
July 1998
More results


Similar Description - HFA3926

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM4882 NSC-LM4882 Datasheet
445Kb / 12P
250mW Audio Power Amplifier with Shutdown Mode
logo
Intersil Corporation
HFA3925 INTERSIL-HFA3925 Datasheet
95Kb / 9P
2.4GHz - 2.5GHz 250mW Power Amplifier
July 1998
HSP50307EVAL1 INTERSIL-HSP50307EVAL1 Datasheet
45Kb / 5P
2.0GHz to 2.7GHz DownConverter
1999 02
HFA3661 INTERSIL-HFA3661 Datasheet
45Kb / 5P
2.0GHz to 2.7GHz DownConverter
February 1999
logo
List of Unclassifed Man...
HWD2182 ETC1-HWD2182 Datasheet
597Kb / 12P
250mW Audio Power Amplifier with Shutdown Mode
logo
SIRENZA MICRODEVICES
SZM-2066Z SIRENZA-SZM-2066Z Datasheet
641Kb / 13P
2.4-2.7GHz 2W Power Amplifier
SZM-2166Z SIRENZA-SZM-2166Z Datasheet
683Kb / 16P
2.3-2.7GHz 2W Power Amplifier
logo
RF Micro Devices
SZA-2044Z RFMD-SZA-2044Z Datasheet
429Kb / 12P
700MHz to 2.7GHz 5V 1W Power Amplifier
SZM-2066Z RFMD-SZM-2066Z Datasheet
1Mb / 18P
2.4GHz to 2.7GHz 2W POWER AMPLIFIER
SZM-2166Z RFMD-SZM-2166Z Datasheet
849Kb / 21P
2.3GHz to 2.7GHz 2W POWER AMPLIFIER
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com