Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

3N60A4 Datasheet (PDF) - Intersil Corporation

3N60A4 Datasheet PDF - Intersil Corporation
Part # 3N60A4
Download  3N60A4 Download
File Size   156.22 Kbytes
Page   10 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description 600V, SMPS Series N-Channel IGBT

3N60A4 Datasheet (PDF)

Go To PDF Page Download Datasheet
3N60A4 Datasheet PDF - Intersil Corporation

Part # 3N60A4
Download  3N60A4 Click to download

File Size   156.22 Kbytes
Page   10 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description 600V, SMPS Series N-Channel IGBT

3N60A4 Datasheet (HTML) - Intersil Corporation


3N60A4 Product details

The HGTD3N60A4S, HGT1S3N60A4S and the HGTP3N60A4 are MOS gated high voltage switching devices combining the best features of MOSFETs and bipolar transistors. These devices have the high input impedance of a MOSFET and the low on-state conduction loss of a bipolar transistor. The much lower on-state voltage drop varies only moderately between 25°C and 150°C.
This IGBT is ideal for many high voltage switching applications operating at high frequencies where low conduction losses are essential. This device has been optimized for high frequency switch mode power supplies.

Features
• >100kHz Operation at 390V, 3A
• 200kHz Operation at 390V, 2.5A
• 600V Switching SOA Capability
• Typical Fall Time. . . . . . . . . . . . . . . . . 70ns at TJ = 125°C
• 12mJ EAS Capability
• Low Conduction Loss
• Temperature Compensating SABER Model www.intersil.com
• Related Literature
   - TB334 “Guidelines for Soldering Surface Mount Components to PC Boards”




Similar Part No. - 3N60A4

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
3N60A4 FAIRCHILD-3N60A4 Datasheet
189Kb / 8P
600V, SMPS Series N-Channel IGBT
More results


Similar Description - 3N60A4

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
HGT1S7N60A4S9A FAIRCHILD-HGT1S7N60A4S9A Datasheet
204Kb / 8P
600V, SMPS Series N-Channel IGBT
HGTD3N60A4S FAIRCHILD-HGTD3N60A4S Datasheet
189Kb / 8P
600V, SMPS Series N-Channel IGBT
HGTG30N60A4 FAIRCHILD-HGTG30N60A4 Datasheet
178Kb / 8P
600V, SMPS Series N-Channel IGBT
HGTG40N60A4 FAIRCHILD-HGTG40N60A4 Datasheet
181Kb / 8P
600V, SMPS Series N-Channel IGBT
logo
Intersil Corporation
HGTD7N60A4S INTERSIL-HGTD7N60A4S Datasheet
168Kb / 11P
600V, SMPS Series N-Channel IGBT
June 2000
HGTG30N60A4 INTERSIL-HGTG30N60A4 Datasheet
92Kb / 8P
600V, SMPS Series N-Channel IGBT
January 2000
HGTG40N60A4 INTERSIL-HGTG40N60A4 Datasheet
93Kb / 8P
600V, SMPS Series N-Channel IGBT
April 2000
HGTP12N60A4 INTERSIL-HGTP12N60A4 Datasheet
115Kb / 10P
600V, SMPS Series N-Channel IGBT
May 1999
logo
Fairchild Semiconductor
HGT1S7N60A4S9A FAIRCHILD-HGT1S7N60A4S9A_04 Datasheet
191Kb / 8P
600V, SMPS Series N-Channel IGBT
logo
Unisonic Technologies
UGP7N60 UTC-UGP7N60 Datasheet
170Kb / 3P
600V, SMPS N-CHANNEL IGBT
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com