Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

10N120BN Datasheet (PDF) - Intersil Corporation

10N120BN Datasheet PDF - Intersil Corporation
Part # 10N120BN
Download  10N120BN Download
File Size   81.67 Kbytes
Page   7 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description 35A, 1200V, NPT Series N-Channel IGBT

10N120BN Datasheet (PDF)

Go To PDF Page Download Datasheet
10N120BN Datasheet PDF - Intersil Corporation

Part # 10N120BN
Download  10N120BN Click to download

File Size   81.67 Kbytes
Page   7 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description 35A, 1200V, NPT Series N-Channel IGBT

10N120BN Datasheet (HTML) - Intersil Corporation


10N120BN Product details

The HGTG10N120BN, HGTP10N120BN and HGT1S10N120BNS are Non-Punch Through (NPT) IGBT designs. They are new members of the MOS gated high voltage switching IGBT family. IGBTs combine the best features of MOSFETs and bipolar transistors. This device has the high input impedance of a MOSFET and the low onstate conduction loss of a bipolar transistor.

Features
• 35A, 1200V, TC = 25oC
• 1200V Switching SOA Capability
• Typical Fall Time. . . . . . . . . . . . . . . . 140ns at TJ = 150oC
• Short Circuit Rating
• Low Conduction Loss
• Avalanche Rated
• Thermal Impedance SPICE Model
   Temperature Compensating SABER™ Model
   www.intersil.com
• Related Literature
   - TB334 “Guidelines for Soldering Surface Mount
      Components to PC Boards




Similar Part No. - 10N120BN

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
10N120BN FAIRCHILD-10N120BN Datasheet
217Kb / 8P
35A, 1200V, NPT Series N-Channel IGBT
10N120BND FAIRCHILD-10N120BND Datasheet
110Kb / 8P
35A, 1200V, NPT Series N-Channel IGBT with Anti-Parallel Hyperfast Diode
logo
Intersil Corporation
10N120BND INTERSIL-10N120BND Datasheet
82Kb / 7P
35A, 1200V, NPT Series N-Channel IGBT with Anti-Parallel Hyperfast Diode
January 2000
More results


Similar Description - 10N120BN

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
HGTG10N120BN FAIRCHILD-HGTG10N120BN Datasheet
217Kb / 8P
35A, 1200V, NPT Series N-Channel IGBT
HGTG10N120BND FAIRCHILD-HGTG10N120BND Datasheet
110Kb / 8P
35A, 1200V, NPT Series N-Channel IGBT with Anti-Parallel Hyperfast Diode
logo
Intersil Corporation
HGTD1N120BNS INTERSIL-HGTD1N120BNS Datasheet
71Kb / 7P
5.3A, 1200V, NPT Series N-Channel IGBT
January 2000
HGTD2N120CNS INTERSIL-HGTD2N120CNS Datasheet
89Kb / 7P
13A, 1200V, NPT Series N-Channel IGBT
January 2000
HGTG10N120BND INTERSIL-HGTG10N120BND Datasheet
82Kb / 7P
35A, 1200V, NPT Series N-Channel IGBT with Anti-Parallel Hyperfast Diode
January 2000
HGTG27N120BN INTERSIL-HGTG27N120BN Datasheet
82Kb / 7P
72A, 1200V, NPT Series N-Channel IGBT
January 2000
logo
Fairchild Semiconductor
HGTG30N120CN FAIRCHILD-HGTG30N120CN Datasheet
113Kb / 8P
75A, 1200V, NPT Series N-Channel IGBT
HGT1S10N120BNST FAIRCHILD-HGT1S10N120BNST Datasheet
201Kb / 8P
35A, 1200V, NPT Series N-Channel IGBT
HGTD1N120BNS9A FAIRCHILD-HGTD1N120BNS9A Datasheet
96Kb / 8P
5.3A, 1200V, NPT Series N-Channel IGBT
logo
Unisonic Technologies
UG1N120 UTC-UG1N120 Datasheet
290Kb / 3P
1200V NPT SERIES N-CHANNEL IGBT
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com