Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HGTP12N60B3 Datasheet (PDF) - Intersil Corporation

HGTP12N60B3 Datasheet PDF - Intersil Corporation
Part # HGTP12N60B3
Download  HGTP12N60B3 Download
File Size   112.91 Kbytes
Page   7 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description 27A, 600V, UFS Series N-Channel IGBTs

HGTP12N60B3 Datasheet (PDF)

Go To PDF Page Download Datasheet
HGTP12N60B3 Datasheet PDF - Intersil Corporation

Part # HGTP12N60B3
Download  HGTP12N60B3 Click to download

File Size   112.91 Kbytes
Page   7 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description 27A, 600V, UFS Series N-Channel IGBTs

HGTP12N60B3 Datasheet (HTML) - Intersil Corporation


HGTP12N60B3 Product details

The HGTP12N60B3 and HGT1S12N60B3S are MOS gated high voltage switching devices combining the best features of MOSFETs and bipolar transistors. These devices have the high input impedance of a MOSFET and the low on-state conduction loss of a bipolar transistor. The much lower on-state voltage drop varies only moderately between 25°C and 150°C.
The IGBT is ideal for many high voltage switching applications operating at moderate frequencies where low conduction losses are essential, such as: AC and DC motor controls, power supplies and drivers for solenoids, relays and contactors.
Formerly developmental type TA49171.

Features
• 27A, 600V, TC = 25oC
• 600V Switching SOA Capability
• Typical Fall Time. . . . . . . . . . . . . . . . 112ns at TJ = 150oC
• Short Circuit Rating
• Low Conduction Loss
• Related Literature
   - TB334 “Guidelines for Soldering Surface Mount Components to PC Boards”




Similar Part No. - HGTP12N60B3

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HGTP12N60B3D INTERSIL-HGTP12N60B3D Datasheet
117Kb / 7P
27A, 600V, UFS Series N-Channel IGBTs with Anti-Parallel Hyperfast Diode
January 2000
More results


Similar Description - HGTP12N60B3

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
HGT1S20N60B3S FAIRCHILD-HGT1S20N60B3S Datasheet
138Kb / 6P
40A, 600V, UFS Series N-Channel IGBTs
logo
Harris Corporation
HGTD3N60C3 HARRIS-HGTD3N60C3 Datasheet
227Kb / 9P
6A, 600V, UFS Series N-Channel IGBTs
HGTD7N60C3 HARRIS-HGTD7N60C3 Datasheet
153Kb / 6P
14A, 600V, UFS Series N-Channel IGBTs
logo
Fairchild Semiconductor
HGTG12N60B3 FAIRCHILD-HGTG12N60B3 Datasheet
247Kb / 8P
27A, 600V, UFS Series N-Channel IGBTs
HGTP12N60C3 FAIRCHILD-HGTP12N60C3 Datasheet
131Kb / 7P
24A, 600V, UFS Series N-Channel IGBTs
logo
Intersil Corporation
HGT1S20N60B3S INTERSIL-HGT1S20N60B3S Datasheet
138Kb / 6P
40A, 600V, UFS Series N-Channel IGBTs
January 2000
HGTD3N60C3S INTERSIL-HGTD3N60C3S Datasheet
243Kb / 6P
6A, 600V, UFS Series N-Channel IGBTs
January 2000
HGTD7N60C3S INTERSIL-HGTD7N60C3S Datasheet
144Kb / 7P
14A, 600V, UFS Series N-Channel IGBTs
January 2000
HGTG12N60B3D INTERSIL-HGTG12N60B3D Datasheet
117Kb / 7P
27A, 600V, UFS Series N-Channel IGBTs with Anti-Parallel Hyperfast Diode
January 2000
logo
Fairchild Semiconductor
HGTD7N60C3S FAIRCHILD-HGTD7N60C3S Datasheet
166Kb / 8P
14A, 600V, UFS Series N-Channel IGBTs
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com