Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC5125 Datasheet (PDF) - Mitsubishi Electric Semiconductor

2SC5125 Datasheet PDF - Mitsubishi Electric Semiconductor
Part # 2SC5125
Download  2SC5125 Download
File Size   97.37 Kbytes
Page   2 Pages
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor
Description NPN EPITAXIAL PLANAR TYPE (RF POWER TRANSISTOR)

2SC5125 Datasheet (PDF)

Go To PDF Page Download Datasheet
2SC5125 Datasheet PDF - Mitsubishi Electric Semiconductor

Part # 2SC5125
Download  2SC5125 Click to download

File Size   97.37 Kbytes
Page   2 Pages
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor
Description NPN EPITAXIAL PLANAR TYPE (RF POWER TRANSISTOR)

2SC5125 Datasheet (HTML) - Mitsubishi Electric Semiconductor


2SC5125 Product details

DESCRIPTION
2SC5152 is a silicon NPN epitaxail planar type transistor specifically designed for high power amplifiers in VHF band.

FEATURES
● High power output and high gain: Po ≥ 80W, Gpe ≥ 7.2dB,
   @VCC = 12.5V, f = 175MHz, Pin = 15W
● Emitter ballasted construction.
● Load mismatch : Ability to withstand more than 8:1 load
   VSWR when operated at VCC = 15.2V, Po = 80W, f = 175MHz
● High reliability due to gold metalization die.
● Flange type ceramic package.
● For output stage of 70W power amplifier in VHF band.

APPLICATIONS
   For output stage of 70W power amplifiers in VHF band.




Similar Part No. - 2SC5125

ManufacturerPart #DatasheetDescription
logo
New Jersey Semi-Conduct...
2SC512 NJSEMI-2SC512 Datasheet
196Kb / 3P
SILICON NPN TRIPLE DIFFUSED TRANSISTOR
logo
Hitachi Semiconductor
2SC5120 HITACHI-2SC5120 Datasheet
26Kb / 5P
High frequency amplifier
logo
Panasonic Semiconductor
2SC5121 PANASONIC-2SC5121 Datasheet
38Kb / 2P
Silicon NPN triple diffusion planar type
logo
Toshiba Semiconductor
2SC5122 TOSHIBA-2SC5122 Datasheet
131Kb / 2P
NPN TRIPLE DIFFUSED TYPE (HIGH VOLTAGE SWITCHING APPLICATIONS)
2SC5122 TOSHIBA-2SC5122 Datasheet
113Kb / 4P
Silicon NPN Triple Diffused Type
More results


Similar Description - 2SC5125

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
2SC2166 MITSUBISHI-2SC2166 Datasheet
130Kb / 3P
NPN EPITAXIAL PLANAR TYPE(RF POWER TRANSISTOR)?
2SC2538 MITSUBISHI-2SC2538 Datasheet
203Kb / 3P
NPN EPITAXIAL PLANAR TYPE(RF POWER TRANSISTOR)?
2SC2539 MITSUBISHI-2SC2539 Datasheet
136Kb / 3P
NPN EPITAXIAL PLANAR TYPE(RF POWER TRANSISTOR)?
2SC2540 MITSUBISHI-2SC2540 Datasheet
136Kb / 3P
NPN EPITAXIAL PLANAR TYPE(RF POWER TRANSISTOR)?
2SC2629 MITSUBISHI-2SC2629 Datasheet
135Kb / 3P
NPN EPITAXIAL PLANAR TYPE(RF POWER TRANSISTOR)?
2SC3019 MITSUBISHI-2SC3019 Datasheet
203Kb / 4P
NPN EPITAXIAL PLANAR TYPE (RF POWER TRANSISTOR)
2SC3020 MITSUBISHI-2SC3020 Datasheet
128Kb / 3P
NPN EPITAXIAL PLANAR TYPE (RF POWER TRANSISTOR)
2SC3101 MITSUBISHI-2SC3101 Datasheet
92Kb / 2P
NPN EPITAXIAL PLANAR TYPE (RF POWER TRANSISTOR)
2SC3105 MITSUBISHI-2SC3105 Datasheet
99Kb / 2P
NPN EPITAXIAL PLANAR TYPE (RF POWER TRANSISTOR)
2SC3379 MITSUBISHI-2SC3379 Datasheet
150Kb / 3P
NPN EPITAXIAL PLANAR TYPE (RF POWER TRANSISTOR)
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com