Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HGTP3N60C3D Datasheet (PDF) - Intersil Corporation

HGTP3N60C3D Datasheet PDF - Intersil Corporation
Part # HGTP3N60C3D
Download  HGTP3N60C3D Download
File Size   273.87 Kbytes
Page   7 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description 6A, 600V, UFS Series N-Channel IGBT with Anti-Parallel Hyperfast Diodes

HGTP3N60C3D Datasheet (PDF)

Go To PDF Page Download Datasheet
HGTP3N60C3D Datasheet PDF - Intersil Corporation

Part # HGTP3N60C3D
Download  HGTP3N60C3D Click to download

File Size   273.87 Kbytes
Page   7 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description 6A, 600V, UFS Series N-Channel IGBT with Anti-Parallel Hyperfast Diodes

HGTP3N60C3D Datasheet (HTML) - Intersil Corporation


HGTP3N60C3D Product details

The HGTP3N60C3D, and HGT1S3N60C3DS are MOS gated high voltage switching devices combining the best features of MOSFETs and bipolar transistors. These devices have the high input impedance of a MOSFET and the low on-state conduction loss of a bipolar transistor. The much lower on-state voltage drop varies only moderately between 25oC and 150oC. The IGBT used is the development type TA49113. The diode used in anti-parallel with the IGBT is the development type TA49055.

Features
• 6A, 600V at TC = 25°C
• 600V Switching SOA Capability
• Typical Fall Time. . . . . . . . . . . . . . . . 130ns at TJ = 150°C
• Short Circuit Rating
• Low Conduction Loss
• Hyperfast Anti-Parallel Diode




Similar Part No. - HGTP3N60C3D

ManufacturerPart #DatasheetDescription
logo
Harris Corporation
HGTP3N60C3D HARRIS-HGTP3N60C3D Datasheet
327Kb / 7P
6A, 600V, UFS Series N-Channel IGBT with Anti-Parallel Hyperfast Diodes
HGTP3N60C3D HARRIS-HGTP3N60C3D Datasheet
394Kb / 11P
6A, 600V, UFS Series N-Channel IGBT with Anti-Parallel Hyperfast Diode
HGTP3N60C3D HARRIS-HGTP3N60C3D_07 Datasheet
394Kb / 11P
6A, 600V, UFS Series N-Channel IGBT with Anti-Parallel Hyperfast Diode
More results


Similar Description - HGTP3N60C3D

ManufacturerPart #DatasheetDescription
logo
Harris Corporation
HGTP3N60C3D HARRIS-HGTP3N60C3D Datasheet
327Kb / 7P
6A, 600V, UFS Series N-Channel IGBT with Anti-Parallel Hyperfast Diodes
logo
Fairchild Semiconductor
HGTP7N60C3D FAIRCHILD-HGTP7N60C3D Datasheet
197Kb / 7P
14A, 600V, UFS Series N-Channel IGBT with Anti-Parallel Hyperfast Diodes
logo
Intersil Corporation
HGTG30N60C3D INTERSIL-HGTG30N60C3D Datasheet
116Kb / 7P
63A, 600V, UFS Series N-Channel IGBT with Anti-Parallel Hyperfast Diodes
January 2000
HGTP12N60C3D INTERSIL-HGTP12N60C3D Datasheet
99Kb / 7P
24A, 600V, UFS Series N-Channel IGBT with Anti-Parallel Hyperfast Diodes
January 2000
HGTP7N60C3D INTERSIL-HGTP7N60C3D Datasheet
176Kb / 7P
14A, 600V, UFS Series N-Channel IGBT with Anti-Parallel Hyperfast Diodes
January 2000
logo
Fairchild Semiconductor
HGTG30N60C3D FAIRCHILD-HGTG30N60C3D Datasheet
144Kb / 8P
63A, 600V, UFS Series N-Channel IGBT with Anti-Parallel Hyperfast Diodes
HGT1Y40N60B3D FAIRCHILD-HGT1Y40N60B3D Datasheet
132Kb / 9P
70A, 600V, UFS Series N-Channel IGBT with Anti-Parallel Hyperfast Diodes
logo
Harris Corporation
HGTP3N60C3D HARRIS-HGTP3N60C3D_07 Datasheet
394Kb / 11P
6A, 600V, UFS Series N-Channel IGBT with Anti-Parallel Hyperfast Diode
logo
Fairchild Semiconductor
HGT1S7N60C3DS9A FAIRCHILD-HGT1S7N60C3DS9A Datasheet
566Kb / 9P
14A, 600V, UFS Series N-Channel IGBT with Anti-Parallel Hyperfast Diodes
HGTG30N60C3D FAIRCHILD-HGTG30N60C3D_V01 Datasheet
299Kb / 9P
63A, 600V, UFS Series N-Channel IGBT with Anti-Parallel Hyperfast Diodes
January 2009
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com