Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HI-516 Datasheet (PDF) - Intersil Corporation

HI-516 Datasheet PDF - Intersil Corporation
Part # HI-516
Download  HI-516 Download
File Size   516.44 Kbytes
Page   8 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description 16-Channel/Differential 8-Channel, CMOS High Speed Analog Multiplexer

HI-516 Datasheet (PDF)

Go To PDF Page Download Datasheet
HI-516 Datasheet PDF - Intersil Corporation

Part # HI-516
Download  HI-516 Click to download

File Size   516.44 Kbytes
Page   8 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description 16-Channel/Differential 8-Channel, CMOS High Speed Analog Multiplexer

HI-516 Datasheet (HTML) - Intersil Corporation


HI-516 Product details

16-Channel/Differential 8-Channel, CMOS High Speed Analog Multiplexer

The Hl-516 is a monolithic, dielectrically isolated, highspeed, high-performance CMOS analog multiplexer. It offers unique built-in channel selection decoding plus an inhibit input for disabling all channels. The dual function of address input A3 enables the Hl-516 to be user programmed either as a single ended 16-Channel multiplexer by connecting ‘out A’ to ‘out B’ and using A3 as a digital address input, or as an 8-Channel differential multiplexer by connecting A3 to the V- supply. The substrate leakages and parasitic capacitances are reduced substantially by using the Intersil Dielectric Isolation process to achieve optimum performance in both high and low level signal applications. The low output leakage current (lD(OFF) < 100pA at 25oC) and fast settling (tSETTLE = 800ns to 0.01%) characteristics of the device make it an ideal choice for high speed data acquisition systems, precision instrumentation, and industrial process control.

Features
• Access Time (Typical) . . . . . . . . . . . . . . . . . . . . . . . 130ns
• Settling Time . . . . . . . . . . . . . . . . . . . . . . . . 250ns (0.1%)
• Low Leakage (Typical)
    - IS(OFF) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .10pA
    - ID(OFF) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 30pA
• Low Capacitance (Max)
    - CS(OFF) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 10pF
    - CD(OFF) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 25pF
• Off Isolation at 500kHz . . . . . . . . . . . . . . . . . . 55dB (Min)
• Low Charge Injection Error . . . . . . . . . . . . . . . . . . . 20mV
• Single Ended to Differential Selectable (SDS)
• Logic Level Selectable (LLS)
• Pb-Free Available (RoHS Compliant)

Applications
• Data Acquisition Systems
• Precision Instrumentation
• Industrial Control




Similar Part No. - HI-516

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HI-516 INTERSIL-HI-516 Datasheet
324Kb / 8P
16-Channel/Differential 8-Channel, CMOS High Speed Analog Multiplexer
April 1, 2005
HI-516 INTERSIL-HI-516 Datasheet
9Mb / 44P
Providing high-performance solutions for every link in the signal chain
logo
Renesas Technology Corp
HI-516 RENESAS-HI-516 Datasheet
619Kb / 8P
16-Channel/Differential 8-Channel, CMOS High Speed Analog Multiplexer
logo
Intersil Corporation
HI-516 INTERSIL-HI-516 Datasheet
329Kb / 8P
16-Channel/Differential 8-Channel, CMOS High Speed Analog Multiplexer
April 1, 2005
HI-516 INTERSIL-HI-516_05 Datasheet
324Kb / 8P
16-Channel/Differential 8-Channel, CMOS High Speed Analog Multiplexer
April 1, 2005
More results


Similar Description - HI-516

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CD74HC4067 TI-CD74HC4067 Datasheet
45Kb / 9P
High-Speed CMOS Logic 16-Channel Analog Multiplexer/Demultiplexer
logo
Intersil Corporation
HI-518 INTERSIL-HI-518 Datasheet
170Kb / 8P
8-Channel/Differential 4-Channel, CMOS High Speed Analog Multiplexer
June 1999
HS-0506RH INTERSIL-HS-0506RH Datasheet
1Mb / 14P
Radiation Hardened Single 16/Differential 8 Channel CMOS Analog Multiplexer
September 1997
HI-516 INTERSIL-HI-516_05 Datasheet
324Kb / 8P
16-Channel/Differential 8-Channel, CMOS High Speed Analog Multiplexer
April 1, 2005
HI-518 INTERSIL-HI-518_06 Datasheet
294Kb / 8P
8-Channel/Differential 4-Channel, CMOS High Speed Analog Multiplexer
January 23, 2006
logo
Texas Instruments
CD74HCT4067M96 TI-CD74HCT4067M96 Datasheet
724Kb / 16P
High-Speed CMOS Logic 16-Channel Analog Multiplexer/Demultiplexer
CD74HC4067SM TI-CD74HC4067SM Datasheet
724Kb / 16P
High-Speed CMOS Logic 16-Channel Analog Multiplexer/Demultiplexer
logo
Intersil Corporation
HI3-0516-5 INTERSIL-HI3-0516-5 Datasheet
329Kb / 8P
16-Channel/Differential 8-Channel, CMOS High Speed Analog Multiplexer
April 1, 2005
logo
Renesas Technology Corp
HI-516 RENESAS-HI-516 Datasheet
619Kb / 8P
16-Channel/Differential 8-Channel, CMOS High Speed Analog Multiplexer
HI-518 RENESAS-HI-518 Datasheet
530Kb / 8P
8-Channel/Differential 4-Channel, CMOS High Speed Analog Multiplexer
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com