Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HI-508 Datasheet (PDF) - Intersil Corporation

HI-508 Datasheet PDF - Intersil Corporation
Part # HI-508
Download  HI-508 Download
File Size   235.07 Kbytes
Page   15 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description 16-Channel, 8-Channel, Differential 8-Channel and Differential 4-Channel, CMOS Analog MUXs with Active Overvoltage Protection

HI-508 Datasheet (PDF)

Go To PDF Page Download Datasheet
HI-508 Datasheet PDF - Intersil Corporation

Part # HI-508
Download  HI-508 Click to download

File Size   235.07 Kbytes
Page   15 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description 16-Channel, 8-Channel, Differential 8-Channel and Differential 4-Channel, CMOS Analog MUXs with Active Overvoltage Protection

HI-508 Datasheet (HTML) - Intersil Corporation


HI-508 Product details

16-Channel, 8-Channel, Differential 8-Channel and Differential 4-Channel, CMOS Analog MUXs with Active Overvoltage Protection



The HI-506A, HI-507A, HI-508A and HI-509A are analog multiplexers with active overvoltage protection. Analog input levels may greatly exceed either power supply without damaging the device or disturbing the signal path of other channels. Active protection circuitry assures that signal fidelity is maintained even under fault conditions that would destroy other multiplexers. Analog inputs can withstand constant 70VP-Plevels with ±15V supplies.



Features

• Analog Overvoltage . . . . . . . . . . . . . . . . . . . . . . . . 70VP-P

• No Channel Interaction During Overvoltage

• Maximum Power Supply . . . . . . . . . . . . . . . . . . . . . . 44V

• Fail Safe with Power Loss (No Latch-Up)

• Break-Before-Make Switching

• Analog Signal Range . . . . . . . . . . . . . . . . . . . . . . . .  ±15V

• Access Time. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 500ns

• Power Dissipation  . . . . . . . . . . . . . . . . . . . . . . . . . 7.5mW

• Pb-Free Available (RoHS Compliant)



Applications

• Data Acquisition Systems

• Industrial Controls

• Telemetry




Similar Part No. - HI-508

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HI-508 INTERSIL-HI-508 Datasheet
454Kb / 23P
Single 16 and 8/Differential 8-Channel and 4-Channel CMOS Analog Multiplexers
June 1999
logo
Harris Corporation
HI-508 HARRIS-HI-508 Datasheet
854Kb / 16P
SINGLE 16 AND 8/ DIFFERENTIAL 8 CHANNEL AND 4 CHANNEL CMOS ANALOG MULTIPLEXERS
logo
Intersil Corporation
HI-508 INTERSIL-HI-508 Datasheet
693Kb / 23P
Single 16 and 8/Differential 8-Channel and 4-Channel CMOS Analog Multiplexers
July 21, 2005
HI-508 INTERSIL-HI-508 Datasheet
751Kb / 24P
Single 16 and 8/Differential 8-Channel and 4-Channel CMOS Analog Multiplexers
October 30, 2007
HI-508 INTERSIL-HI-508 Datasheet
9Mb / 44P
Providing high-performance solutions for every link in the signal chain
More results


Similar Description - HI-508

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HI-546 INTERSIL-HI-546 Datasheet
329Kb / 15P
Single 16 and 8, Differential 8-Channel and 4-Channel CMOS Analog MUXs with Active Overvoltage Protection
June 1999
logo
Harris Corporation
HI-506A HARRIS-HI-506A Datasheet
1Mb / 14P
16-Channel, 8-Channel, Differential 8-Channel and Differential 4-Channel, CMOS Analog MUXs with Active Overvoltage Protection
logo
Intersil Corporation
HI-506A INTERSIL-HI-506A_04 Datasheet
613Kb / 19P
16-Channel, 8-Channel, Differential 8-Channel and Differential 4-Channel, CMOS Analog MUXs with Active Overvoltage Protection
November 22, 2004
HI-546 INTERSIL-HI-546_05 Datasheet
533Kb / 24P
Single 16 and 8, Differential 8-Channel and 4-Channel CMOS Analog MUXs with Active Overvoltage Protection
September 21, 2005
HI-506A INTERSIL-HI-506A_07 Datasheet
573Kb / 20P
16-Channel, 8-Channel, Differential 8-Channel and Differential 4-Channel, CMOS Analog MUXs with Active Overvoltage Protection
HI1-0506A-2 INTERSIL-HI1-0506A-2 Datasheet
579Kb / 20P
16-Channel, 8-Channel, Differential 8-Channel and Differential 4-Channel, CMOS Analog MUXs with Active Overvoltage Protection
October 30, 2007
HI1-0506A-2 INTERSIL-HI1-0506A-2 Datasheet
576Kb / 20P
16-Channel, 8-Channel, Differential 8-Channel and Differential 4-Channel,CMOS Analog MUXs with Active Overvoltage Protection
October 30, 2007
HI1-0546-2 INTERSIL-HI1-0546-2 Datasheet
719Kb / 25P
Single 16 and 8, Differential 8-Channel and 4-Channel CMOS Analog MUXs with Active Overvoltage Protection
October 1, 2015
logo
Renesas Technology Corp
HI-506A RENESAS-HI-506A Datasheet
1,010Kb / 20P
16-Channel, 8-Channel, Differential 8-Channel and Differential 4-Channel, CMOS Analog MUXs with Active Overvoltage Protection
HI-546 RENESAS-HI-546 Datasheet
910Kb / 25P
Single 16 and 8, Differential 8-Channel and 4-Channel CMOS Analog MUXs with Active Overvoltage Protection
Jun 15, 2016
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com